Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


AN87C196 Datasheet(PDF) 18 Page - Intel Corporation

Part No. AN87C196
Description  CHMOS 16-BIT MICROCONTROLLER
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTEL [Intel Corporation]
Homepage  http://www.intel.com
Logo 

 
 18 page
background image
PRODUCT PREVIEW
18
AUTOMOTIVE
®
T
WHLH
WR# High to ALE High
t – 10
t + 15
ns(3)
T
WHAX
AD15:8 Hold after WR# High
t – 30
(4)
ns
T
RHAX
AD15:8 Hold after RD# High
t – 30(4)
ns
The system must meet these specifications to work with the 87C196LB
T
AVDV
Address Valid to Input Data Valid
3t – 55
ns
T
RLDV
RD# Low to Input Data Valid
t – 22
ns
T
CLDV
CLKOUT Low to Input Data Valid
t – 50
ns
T
RHDZ
RD# High to Input Data Float
t
ns
T
RXDX
Data Hold after RD# Inactive
0
ns
Table 7. AC Characteristics (Continued)
Symbol
Parameter
Min
Max
Units
NOTES:
1.
Testing performed at 4.0 MHz with PLL enabled. With the PLL bypassed, the device is only tested
down to 8 MHz. However, the device is static by design and will typically operate below 1 Hz.
2.
Typical specifications, not guaranteed.
3.
Assuming back-to-back bus cycles.
4.
8-bit bus only.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
80C196EACHMOS 16-BIT MICROCONTROLLER 1 2 3 4 5 MoreIntel Corporation
M80C196KB16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER 1 2 3 4 5 MoreIntel Corporation
83C196EACHMOS 16-BIT MICROCONTROLLER 1 2 3 4 5 MoreIntel Corporation
83C196LCCHMOS 16-BIT MICROCONTROLLER 1 2 3 4 5 MoreIntel Corporation
87C196CAADVANCED 16-BIT CHMOS MICROCONTROLLER WITH INTEGRATED CAN 2.0 1 2 3 4 5 MoreIntel Corporation
87C196KC16-BIT HIGH-PERFORMANCE CHMOS MICROCONTROLLER 1 2 3 4 5 MoreIntel Corporation
87C196KD16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER 1 2 3 4 5 MoreIntel Corporation
87C196KRADVANCED 16-BIT CHMOS MICROCONTROLLER 1 2 3 4 5 MoreIntel Corporation
87C196KTADVANCED 16-BIT CHMOS MICROCONTROLLER 1 2 3 4 5 MoreIntel Corporation
80296SA80296SA COMMERCIAL CHMOS 16-BIT MICROCONTROLLER 1 2 3 4 5 MoreIntel Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl