Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


AN87C196 Datasheet(PDF) 16 Page - Intel Corporation

Part No. AN87C196
Description  CHMOS 16-BIT MICROCONTROLLER
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTEL [Intel Corporation]
Homepage  http://www.intel.com
Logo 

 
 16 page
background image
PRODUCT PREVIEW
16
AUTOMOTIVE
®
I
OL
2
Output low current in
reset
TBD
TBD
TBD
TBD
TBD
TBD
µA
µA
µA
V
OL
2 = TBD
V
OL
2 = TBD
V
OL
2 = TBD
R
RST
Reset pullup resistor
6K
65K
V
OL
3
Output low voltage in
reset (RESET# pin
only)
0.3
0.5
0.8
V
V
V
I
OL
3 = 4 mA (Note 8)
I
OL
3 = 6 mA
I
OL
3 = 10 mA
V
OL
4
Output low voltage in
reset (P2.6 only)
1V
I
OL
4 = TBD
C
S
Pin capacitance
(any pin to V
SS)
10
pF
F
TEST = 1.0 MHz
R
WPU
Weak pullup resistance
(approximate)
150K
(Note 6)
Table 6. DC Characteristics at V
CC = 4.5V to 5.5V (Continued)
Symbol
Parameter
Min
Typical
Max
Units
Test Conditions (Note 4)
NOTES:
1.
All bidirectional pins except P5.1/INST and P2.7/CLKOUT which are excluded because they are not
weakly pulled low in reset. Bidirectional pins include ports 1–6.
2.
Standard input pins include XTAL1, EA#, RESET#, and ports 1–6 when configured as inputs.
3.
All bidirectional pins when configured as complementary outputs.
4.
Device is static and should operate below 1 Hz, but is only tested down to 4 MHz with the PLL
enabled. With the PLL bypassed, the device is only tested down to 8MHz.
5.
Maximum I
OLor IOH currents per pin will be characterized and published at a later date. Target values
are ± 10 mA.
6.
Typicals are based on a limited number of samples and are not guaranteed. The values listed are at
room temperature and V
REF = VCC = 5.5V.
7.
V
IH max for port 0 is VREF + 0.5V.
8.
This specification is not tested in production and is based upon theoretical estimates and/or product
characterization.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
80C196EACHMOS 16-BIT MICROCONTROLLER 1 2 3 4 5 MoreIntel Corporation
M80C196KB16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER 1 2 3 4 5 MoreIntel Corporation
83C196EACHMOS 16-BIT MICROCONTROLLER 1 2 3 4 5 MoreIntel Corporation
83C196LCCHMOS 16-BIT MICROCONTROLLER 1 2 3 4 5 MoreIntel Corporation
87C196CAADVANCED 16-BIT CHMOS MICROCONTROLLER WITH INTEGRATED CAN 2.0 1 2 3 4 5 MoreIntel Corporation
87C196KC16-BIT HIGH-PERFORMANCE CHMOS MICROCONTROLLER 1 2 3 4 5 MoreIntel Corporation
87C196KD16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER 1 2 3 4 5 MoreIntel Corporation
87C196KRADVANCED 16-BIT CHMOS MICROCONTROLLER 1 2 3 4 5 MoreIntel Corporation
87C196KTADVANCED 16-BIT CHMOS MICROCONTROLLER 1 2 3 4 5 MoreIntel Corporation
80296SA80296SA COMMERCIAL CHMOS 16-BIT MICROCONTROLLER 1 2 3 4 5 MoreIntel Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl