Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

87C51 Datasheet(PDF) 9 Page - Intel Corporation

Part # 87C51
Description  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

87C51 Datasheet(HTML) 9 Page - Intel Corporation

Back Button 87C51 Datasheet HTML 5Page - Intel Corporation 87C51 Datasheet HTML 6Page - Intel Corporation 87C51 Datasheet HTML 7Page - Intel Corporation 87C51 Datasheet HTML 8Page - Intel Corporation 87C51 Datasheet HTML 9Page - Intel Corporation 87C51 Datasheet HTML 10Page - Intel Corporation 87C51 Datasheet HTML 11Page - Intel Corporation 87C51 Datasheet HTML 12Page - Intel Corporation 87C51 Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
87C5180C51BH80C31BH
DC CHARACTERISTICS (Over Operating Conditions) (Continued)
Symbol
Parameter
Min
Typ(1)
Max
Unit
Test Conditions
VOL1
Output Low Voltage(6)
03
V
IOL e 200 mA(2)
(Port 0 ALE PSEN)
045
V
IOL e 32 mA (2)
10
V
IOL e 70 mA(2)
VOH
Output High Voltage
VCC b 03
V
IOH eb10 mA(3)
(Ports 1 2 3 ALE PSEN)
VCC b 07
V
IOH eb30 mA(3)
VCC b 15
V
IOH eb60 mA(3)
VOH1
Output High Voltage
VCC b 03
V
IOH eb200 mA(3)
(Port 0 in External Bus Mode)
VCC b 07
V
IOH eb32 mA(3)
VCC b 15
V
IOH eb70 mA(3)
IIL
Logical 0 Input Current
VIN e 045V
(Ports 1 2 3)
Commercial
b
50
m
A
Express
b
75
m
A
ILI
Input Leakage Current
g
10
m
A
045 k VIN k VCC
(Port 0)
ITL
Logical 1-to-0 Transition Current
VIN e 2V
(Ports 1 2 3)
Commercial
b
650
m
A
Express
b
750
m
A
RRST
RST Pulldown Resistor
40
225
kX
CIO
Pin Capacitance
10
pF
1 MHz 25 C
ICC
Power Supply Current
(Note 4)
Active Mode
12 MHz (Figure 5)
115
20
mA
16 MHz
26
mA
24 MHz
38
mA
Idle Mode
12 MHz (Figure 5)
35
75
mA
16 MHz
95
mA
24 MHz
135
mA
Power Down Mode
5
50
m
A
9


Similar Part No. - 87C51

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
87C51 PHILIPS-87C51 Datasheet
411Kb / 30P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
87C51 PHILIPS-87C51 Datasheet
350Kb / 38P
   80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless low voltage 2.7V.5.5V, low power, high speed 33 MHz
2000 Jan 20
87C51 PHILIPS-87C51 Datasheet
280Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
logo
Intel Corporation
87C51F INTEL-87C51F Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results

Similar Description - 87C51

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8XC51GB INTEL-8XC51GB Datasheet
311Kb / 22P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C31BH INTEL-80C31BH Datasheet
229Kb / 16P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC52 INTEL-8XC52 Datasheet
317Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C52 INTEL-80C52 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC51R INTEL-8XC51R Datasheet
294Kb / 20P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
TD87C54 INTEL-TD87C54 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EN80C321SF88 INTEL-EN80C321SF88 Datasheet
1Mb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
M80C51FB INTEL-M80C51FB Datasheet
184Kb / 12P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EE87C51FB1SF76 INTEL-EE87C51FB1SF76 Datasheet
256Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com