Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN87C196LA Datasheet(PDF) 10 Page - Intel Corporation

Part # AN87C196LA
Description  CHMOS 16-BIT MICROCONTROLLER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

AN87C196LA Datasheet(HTML) 10 Page - Intel Corporation

Back Button AN87C196LA Datasheet HTML 6Page - Intel Corporation AN87C196LA Datasheet HTML 7Page - Intel Corporation AN87C196LA Datasheet HTML 8Page - Intel Corporation AN87C196LA Datasheet HTML 9Page - Intel Corporation AN87C196LA Datasheet HTML 10Page - Intel Corporation AN87C196LA Datasheet HTML 11Page - Intel Corporation AN87C196LA Datasheet HTML 12Page - Intel Corporation AN87C196LA Datasheet HTML 13Page - Intel Corporation AN87C196LA Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
10
PRODUCT PREVIEW
87C196LA — AUTOMOTIVE
EXTINT
I
External Interrupt
In normal operating mode, a rising edge on EXTINT sets the EXTINT interrupt
pending bit. EXTINT is sampled during phase 2. The minimum high time is one
state time.
In powerdown mode, asserting the EXTINT signal for at least 50 ns causes the
device to resume normal operation. The interrupt does not need to be enabled.
If the EXTINT interrupt is enabled, the CPU executes the interrupt service
routine. Otherwise, the CPU executes the instruction that immediately follows
the command that invoked the power-saving mode.
In idle mode, asserting any enabled interrupt causes the device to resume
normal operation.
EXTINT shares a package pin with P2.2 and PROG#.
P0.7:2
I
Port 0
This is a high-impedance, input-only port. Port 0 pins should not be left floating.
The port 0 signals share package pins with the A/D inputs. These pins may
individually be used as analog inputs (ACH
x) or digital inputs (P0.y). While it is
possible for the pins to function simultaneously as analog and digital inputs, this
is not recommended because reading port 0 while a conversion is in process
can produce unreliable conversion results.
ANGND and V
REF must be connected for port 0 to function.
P0.3:2 share package pins with ACH3:2 and P0.7:4 share package pins with
ACH7:4 and PMODE.3:0.
P1.3:0
I/O
Port 1
This is a standard bidirectional port that shares package pins with individually
selectable special-function signals.
Port 1 shares package pins with the following signals: P1.0/EPA0/T2CLK,
P1.1/EPA1, P1.2/EPA2/T2DIR, P1.3/EPA3.
P2.7:6
P2.4
P2.2:0
I/O
Port 2
This is a standard bidirectional port that shares package pins with individually
selectable special-function signals.
Port 2 shares package pins with the following signals: P2.0/TXD/PVER,
P2.1/RXD/PALE#, P2.2/EXTINT/PROG#, P2.4/AINC#, P2.6/ONCE#/CPVER,
P2.7/OSCOUT/PACT#.
P3.7:0
I/O
Port 3
This is a memory-mapped, 8-bit, bidirectional port with programmable open-
drain or complementary output modes. The pins are shared with the multiplexed
address/data bus, which has complementary drivers.
P3.7:0 share package pins with AD7:0 and PBUS.7:0.
P4.7:0
I/O
Port 4
This is a memory-mapped, 8-bit, bidirectional port with open-drain or
complementary output modes. The pins are shared with the multiplexed
address/data bus, which has complementary drivers.
P4.7:0 share package pins with AD15:8 and PBUS.15:8.
Table 4. Signal Descriptions (Continued)
Name
Type
Description


Similar Part No. - AN87C196LA

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
AN87C196LB INTEL-AN87C196LB Datasheet
463Kb / 19P
   CHMOS 16-BIT MICROCONTROLLER
More results

Similar Description - AN87C196LA

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
87C196LB INTEL-87C196LB Datasheet
463Kb / 19P
   CHMOS 16-BIT MICROCONTROLLER
88CO196EC INTEL-88CO196EC Datasheet
660Kb / 44P
   CHMOS 16-Bit Microcontroller
83C196EA INTEL-83C196EA Datasheet
379Kb / 40P
   CHMOS 16-BIT MICROCONTROLLER
80C196EA INTEL-80C196EA Datasheet
445Kb / 46P
   CHMOS 16-BIT MICROCONTROLLER
83C196LC INTEL-83C196LC Datasheet
134Kb / 22P
   CHMOS 16-BIT MICROCONTROLLER
EG80296SA50 INTEL-EG80296SA50 Datasheet
345Kb / 40P
   CHMOS 16-BIT MICROCONTROLLER
8XL196NP INTEL-8XL196NP Datasheet
581Kb / 34P
   COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
87C196KT INTEL-87C196KT Datasheet
428Kb / 34P
   ADVANCED 16-BIT CHMOS MICROCONTROLLER
EG80C196NP25 INTEL-EG80C196NP25 Datasheet
607Kb / 51P
   COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
8XC196NP INTEL-8XC196NP Datasheet
661Kb / 51P
   COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com