Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB80L186EC13 Datasheet(PDF) 10 Page - Intel Corporation

Part # SB80L186EC13
Description  16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SB80L186EC13 Datasheet(HTML) 10 Page - Intel Corporation

Back Button SB80L186EC13 Datasheet HTML 6Page - Intel Corporation SB80L186EC13 Datasheet HTML 7Page - Intel Corporation SB80L186EC13 Datasheet HTML 8Page - Intel Corporation SB80L186EC13 Datasheet HTML 9Page - Intel Corporation SB80L186EC13 Datasheet HTML 10Page - Intel Corporation SB80L186EC13 Datasheet HTML 11Page - Intel Corporation SB80L186EC13 Datasheet HTML 12Page - Intel Corporation SB80L186EC13 Datasheet HTML 13Page - Intel Corporation SB80L186EC13 Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 57 page
background image
80C186EC188EC 80L186EC188EC
Table 2 Pin Descriptions
Pin Name
Pin
Input
Output
Pin Description
Type
Type
States
VCC
P
POWER a
5V g10% power supply connection
VSS
G
GROUND
CLKIN
I
A(E)
CLocK INput
is the external clock input An external
oscillator operating at two times the required processor
operating frequency can be connected to CLKIN For
crystal operation CLKIN (along with OSCOUT) are the
crystal connections to an internal Pierce oscillator
OSCOUT
O
H(Q)
OSCillator OUTput
is only used when using a crystal to
generate the internal clock OSCOUT (along with CLKIN)
R(Q)
are the crystal connections to an internal Pierce oscillator
I(Q)
This pin can not be used as 2X clock output for non-
P(X)
crystal applications (ie this pin is not connected for non-
crystal applications)
CLKOUT
O
H(Q)
CLocK OUTput
provides a timing reference for inputs and
outputs of the processor and is one-half the input clock
R(Q)
(CLKIN) frequency CLKOUT has a 50% duty cycle and
I(Q)
transitions every falling edge of CLKIN
P(X)
RESIN
I
A(L)
RESet IN
causes the processor to immediately terminate
any bus cycle in progress and assume an initialized state
All pins will be driven to a known state and RESOUT will
also be driven active The rising edge (low-to-high)
transition synchronizes CLKOUT with CLKIN before the
processor begins fetching opcodes at memory location
0FFFF0H
RESOUT
O
H(0)
RESet OUTput
that indicates the processor is currently in
the reset state RESOUT will remain active as long as
R(1)
RESIN remains active
I(0)
P(0)
PDTMR
IO
A(L)
H(WH)
Power-Down TiMeR
pin (normally connected to an
external capacitor) that determines the amount of time the
R(Z)
processors waits after an exit from Powerdown before
P(WH)
resuming normal operation The duration of time required
I(WH)
will depend on the startup characteristics of the crystal
oscillator
NMI
I
A(E)
Non-Maskable Interrupt
input causes a TYPE-2 interrupt
to be serviced by the CPU NMI is latched internally
TEST BUSY
I
A(E)
TEST
is used during the execution of the WAIT instruction
to suspend CPU operation until the pin is sampled active
(TEST)
(LOW) TEST is alternately known as BUSY when
interfacing with an 80C187 numerics coprocessor
(80C186EC only)
A19S6ONCE
IO
A(L)
H(Z)
This pin drives address bit 19 during the address phase of
the bus cycle During T2 and T3 this pin functions as
R(WH)
status bit 6 S6 is low to indicate CPU bus cycles and high
I(0)
to indicate DMA or refresh bus cycles During a processor
P(0)
reset (RESIN active) this pin becomes the ONCE input
pin Holding this pin low during reset will force the part into
ONCE Mode
NOTE
Pin names in parentheses apply to the 80C188EC80L188EC
10


Similar Part No. - SB80L186EC13

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
SB80L186EB13 INTEL-SB80L186EB13 Datasheet
779Kb / 59P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
logo
InnovASIC, Inc
SB80L186EB13 INNOVASIC-SB80L186EB13 Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
logo
Intel Corporation
SB80L186EB16 INTEL-SB80L186EB16 Datasheet
779Kb / 59P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
logo
InnovASIC, Inc
SB80L186EB16 INNOVASIC-SB80L186EB16 Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
More results

Similar Description - SB80L186EC13

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80C186XL INTEL-80C186XL Datasheet
561Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186EA INTEL-80C186EA Datasheet
709Kb / 50P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186XL INTEL-80C186XL Datasheet
561Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186EB INTEL-80C186EB Datasheet
779Kb / 59P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
A80C186XL20 INTEL-A80C186XL20 Datasheet
405Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
EE80C188XL12 INTEL-EE80C188XL12 Datasheet
405Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
QU80C186EC25 INTEL-QU80C186EC25 Datasheet
1Mb / 57P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
EE80C186XL20 INTEL-EE80C186XL20 Datasheet
405Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
EG80C186EC25 INTEL-EG80C186EC25 Datasheet
1Mb / 57P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
TS80C186EB20 INTEL-TS80C186EB20 Datasheet
576Kb / 59P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com