Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


87C196KT Datasheet(PDF) 1 Page - Intel Corporation

Part No. 87C196KT
Description  ADVANCED 16-BIT CHMOS MICROCONTROLLER
Download  34 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTEL [Intel Corporation]
Homepage  http://www.intel.com
Logo 

 
 1 page
background image
Other brands and names are the property of their respective owners
Information in this document is provided in connection with Intel products Intel assumes no liability whatsoever including infringement of any patent or
copyright for sale and use of Intel products except as provided in Intel’s Terms and Conditions of Sale for such products Intel retains the right to make
changes to these specifications at any time without notice Microcomputer Products may have minor variations to this specification known as errata
November 1995
COPYRIGHT
INTEL CORPORATION 1995
Order Number 270999-007
87C196KT87C196KS
ADVANCED 16-BIT CHMOS MICROCONTROLLER
Automotive
(b40 Cto a125 C Ambient)
Y
High Performance CHMOS 16-Bit CPU
Y
Up to 32 Kbytes of On-Chip EPROM
Y
Up to 1 Kbyte of On-Chip Register RAM
Y
Up to 512 Bytes of Additional RAM
(Code RAM)
Y
Register-Register Architecture
Y
8 Channel10-Bit AD with SampleHold
Y
37 Prioritized Interrupt Sources
Y
Up to Seven 8-Bit (56) IO Ports
Y
Full Duplex Serial IO Port
Y
Dedicated Baud Rate Generator
Y
Interprocessor Communication Slave
Port
Y
Selectable Bus Timing Modes for
Flexible Interfacing
Y
Oscillator Fail Detection Circuitry
Y
High Speed Peripheral Transaction
Server (PTS)
Y
Two Dedicated 16-Bit High-Speed
Compare Registers
Y
10 High Speed CaptureCompare (EPA)
Y
Full Duplex Synchronous Serial IO
Port (SSIO)
Y
Two Flexible 16-Bit TimerCounters
Y
Quadrature Counting Inputs
Y
Flexible 8-16-Bit External Bus
(Programmable)
Y
Programmable Bus (HLDHLDA)
Y
175 ms 16 x 16 Multiply
Y
3 ms 3216 Divide
Y
68-Pin PLCC Package
The 87C196Kx devices represents the 4th generation of MCS
96 microcontroller products implemented on
Intel’s advanced 1 micron process technology These products are based on the 80C196KB device with
enhancements ideal for automotive applications The instruction set is a true super set of the 80C196KB with a
few new instructions
The MCS 96 microcontroller family members are all high performance microcontrollers with a 16-bit CPU The
87C196KT is composed of the high speed (16 MHz) KX macrocore as well as the following peripherals Up to
32 Kbytes of Program EPROM up to 1 Kbytes of Register RAM (00-3FFH including SFRs) up to 512 bytes of
code RAM (16-bit addressing modes) with the ability to execute from this RAM space an eight channel-10 Bit
g
3LSB analog to digital converter with programmable SH times with conversion times k20 ms at 16 MHz an
asynchronoussynchronous serial IO port (8096 compatable) with a dedicated 16-bit baud rate generator an
additional synchronous serial IO port with full duplex masterslave transceivers a flexible timercounter
structure with prescaler cascading and quadrature capabilities 10 modularized multiplexed high speed IO
for capture and compare (called Event Processor Array) with 250 ns resolution and double buffered inputs
and a sophisticated prioritized interrupt structure with programmable Peripheral Transaction Server (PTS) The
PTS has several channel modes including singleburst block transfers from any memory location to any
memory location a PWM and PWM toggle mode to be used in conjunction with the EPA and an AD scan
mode
Additional SFR space is allocated for the EPA and can be ‘‘windowed’’ into the lower Register RAM area
NOTICE
This datasheet contains information on products in production The specifications are subject to change
without notice Verify with your local Intel Sales office that you have the latest data sheet before finalizing a
design
1




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
87C196CAADVANCED 16-BIT CHMOS MICROCONTROLLER WITH INTEGRATED CAN 2.0 1 2 3 4 5 MoreIntel Corporation
87C196KRADVANCED 16-BIT CHMOS MICROCONTROLLER 1 2 3 4 5 MoreIntel Corporation
8XC196KBADVANCED 16-BIT CHMOS MICROCONTROLLER ROMless OR ROM 1 2 3 4 5 MoreIntel Corporation
80C196EACHMOS 16-BIT MICROCONTROLLER 1 2 3 4 5 MoreIntel Corporation
M80C196KB16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER 1 2 3 4 5 MoreIntel Corporation
83C196EACHMOS 16-BIT MICROCONTROLLER 1 2 3 4 5 MoreIntel Corporation
83C196LCCHMOS 16-BIT MICROCONTROLLER 1 2 3 4 5 MoreIntel Corporation
87C196JVAdvanced 16-Bit CHMOS Microcontrollers 1 2 3 4 5 MoreIntel Corporation
87C196KC16-BIT HIGH-PERFORMANCE CHMOS MICROCONTROLLER 1 2 3 4 5 MoreIntel Corporation
87C196KD16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER 1 2 3 4 5 MoreIntel Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl