Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

87C196 Datasheet(PDF) 7 Page - Intel Corporation

Part # 87C196
Description  16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

87C196 Datasheet(HTML) 7 Page - Intel Corporation

Back Button 87C196 Datasheet HTML 3Page - Intel Corporation 87C196 Datasheet HTML 4Page - Intel Corporation 87C196 Datasheet HTML 5Page - Intel Corporation 87C196 Datasheet HTML 6Page - Intel Corporation 87C196 Datasheet HTML 7Page - Intel Corporation 87C196 Datasheet HTML 8Page - Intel Corporation 87C196 Datasheet HTML 9Page - Intel Corporation 87C196 Datasheet HTML 10Page - Intel Corporation 87C196 Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
AUTOMOTIVE 87C196KD
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings
Ambient Temperature
Under Bias
b
40 Cto a125 C
Storage Temperature
b
65 Cto a150 C
Voltage On Any Pin to VSS
Except EA and VPP
b
05V to a70V
Voltage from EA or
VPP to VSS
b
05V to a130V
Power Dissipation
043W
NOTICE This is a production data sheet The specifi-
cations are subject to change without notice
WARNING Stressing the device beyond the ‘‘Absolute
Maximum Ratings’’ may cause permanent damage
These are stress ratings only Operation beyond the
‘‘Operating Conditions’’ is not recommended and ex-
tended exposure beyond the ‘‘Operating Conditions’’
may affect device reliability
OPERATING CONDITIONS
Symbol
Description
Min
Max
Units
TA
Ambient Temperature Under Bias
b
40
a
125
C
VCC
Digital Supply Voltage
450
550
V
VREF
Analog Supply Voltage
450
550
V
FOSC
Oscillator Frequency
4
16
MHz
NOTE
ANGND and VSS should be nominally at the same potential
DC CHARACTERISTICS (Over Specified Operating Conditions)
Symbol
Description
Min
Max
Units
Test Conditions
VIL
Input Low Voltage
b
05
08
V
VIH
Input High Voltage (Note 1)
02 VCC a 10
VCC a 05
V
VIH1
Input High Voltage on XTAL 1 EA
07 VCC
VCC a 05
V
VIH2
Input High Voltage on RESET
22
VCC a 05
V
VOL
Output Low Voltage
03
V
IOL e 200 mA
045
V
IOL e 28 mA
15
V
IOL e 7mA
VOL1
Output Low Voltage
08
V
IOL ea02 mA
in RESET on P25 (Note 2)
VOH
Output High Voltage
VCC b 03
V
IOH eb200 mA
(Standard Outputs)
VCC b 07
V
IOH eb32 mA
VCC b 15
V
IOH eb7mA
VOH1
Output High Voltage
VCC b 03
V
IOH eb10 mA
(Quasi-bidirectional Outputs)
VCC b 07
V
IOH eb30 mA
VCC b 15
V
IOH eb60 mA
IOH2
Output High Current
b
08
mA
VIH e VCC b15 V
In RESET on P20 (Note 2)
NOTES
1 All pins except RESET XTAL1 and EA
2 Violating these specifications in Reset may cause the part to enter test modes
7


Similar Part No. - 87C196

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
87C196 INTEL-87C196 Datasheet
453Kb / 33P
   ADVANCED 16-BIT CHMOS MICROCONTROLLER WITH INTEGRATED CAN 2.0
87C196 INTEL-87C196 Datasheet
311Kb / 38P
   Advanced 16-Bit CHMOS Microcontrollers
87C196 INTEL-87C196 Datasheet
258Kb / 21P
   16-BIT HIGH-PERFORMANCE CHMOS MICROCONTROLLER
87C196 INTEL-87C196 Datasheet
324Kb / 25P
   ADVANCED 16-BIT CHMOS MICROCONTROLLER
87C196 INTEL-87C196 Datasheet
428Kb / 34P
   ADVANCED 16-BIT CHMOS MICROCONTROLLER
More results

Similar Description - 87C196

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
M80C196KB INTEL-M80C196KB Datasheet
401Kb / 30P
   16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER
87C196KC INTEL-87C196KC Datasheet
258Kb / 21P
   16-BIT HIGH-PERFORMANCE CHMOS MICROCONTROLLER
AN87C196KDF8 INTEL-AN87C196KDF8 Datasheet
242Kb / 21P
   16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER
87C196LB INTEL-87C196LB Datasheet
463Kb / 19P
   CHMOS 16-BIT MICROCONTROLLER
88CO196EC INTEL-88CO196EC Datasheet
660Kb / 44P
   CHMOS 16-Bit Microcontroller
83C196EA INTEL-83C196EA Datasheet
379Kb / 40P
   CHMOS 16-BIT MICROCONTROLLER
87C196LA INTEL-87C196LA Datasheet
309Kb / 21P
   CHMOS 16-BIT MICROCONTROLLER
80C196EA INTEL-80C196EA Datasheet
445Kb / 46P
   CHMOS 16-BIT MICROCONTROLLER
83C196LC INTEL-83C196LC Datasheet
134Kb / 22P
   CHMOS 16-BIT MICROCONTROLLER
EG80296SA50 INTEL-EG80296SA50 Datasheet
345Kb / 40P
   CHMOS 16-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com