Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

87C196KR Datasheet(PDF) 2 Page - Intel Corporation

Part # 87C196KR
Description  ADVANCED 16-BIT CHMOS MICROCONTROLLER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

87C196KR Datasheet(HTML) 2 Page - Intel Corporation

  87C196KR Datasheet HTML 1Page - Intel Corporation 87C196KR Datasheet HTML 2Page - Intel Corporation 87C196KR Datasheet HTML 3Page - Intel Corporation 87C196KR Datasheet HTML 4Page - Intel Corporation 87C196KR Datasheet HTML 5Page - Intel Corporation 87C196KR Datasheet HTML 6Page - Intel Corporation 87C196KR Datasheet HTML 7Page - Intel Corporation 87C196KR Datasheet HTML 8Page - Intel Corporation 87C196KR Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
87C196KRKQ 87C196JVJT 87C196JRJQ
The MCS 96 microcontroller family members are all
high performance microcontrollers with a 16-bit
CPU
The 87C196KxJx family members listed
above are composed of the high-speed (16 MHz)
core as well as the following peripherals up to 48
Kbytes of Programmable EPROM up to 15 Kbytes
of Register RAM 512 bytes of code RAM (16-bit
addressing modes) with the ability to execute from
this RAM space an eight channel-10-Bit g3 LSB
analog to digital converter with programmable SH
times with conversion times k5 ms at 16 MHz an
asynchronoussynchronous serial IO port (8096
compatible) with a dedicated 16-bit baud rate gener-
ator an additional synchronous serial IO port (8096
compatible) with a dedicated 16-bit baud rate gener-
ator an additional synchronous serial IO port with
full duplex masterslave transceivers a flexible tim-
ercounter structure with prescaler cascading and
quadrature capabilities 10 modularized multiplexed
high speed IO for capture and compare (called
Event Processor Array) with 250 ns resolution and
double buffered inputs a sophisticated prioritized in-
terrupt structure with programmable Peripheral
Transaction Server (PTS) The PTS has several
channel modes including singleburst block trans-
fers from any memory location to any memory loca-
tion a PWM and PWM toggle mode to be used in
conjunction with the EPA and an AD scan mode
Additional SFR space is allocated for the EPA and
can be ‘‘windowed’’ into the lower Register RAM
area
Please refer to the following datasheets for higher
frequency versions of devices contained within this
datasheet 20 MHz 87C196JT Order
272529
20 MHz 87C196JV Order Number 272580
ARCHITECTURE
The 87C196KRKQJVJTJRJQ are members of
the MCS 96 microcontroller family has the same ar-
chitecture and uses the same instruction set as the
80C196KBKC Many new features have been add-
ed including
CPU FEATURES
 Powerdown and Idle Modes
 16 MHz Operating Frequency
 A High Performance Peripheral Transaction Serv-
er (PTS)
 Up to 37 Interrupt Vectors
 Up to 512 Bytes of Code RAM
 Up to 15 Kbytes of Register RAM
 ‘‘Windowing’’ Allows 8-Bit Addressing to Some
16-Bit Addresses
 175 ms 16 x 16 Multiply
 3 ms 3216 Divide
 Oscillator Fail Detect
PERIPHERAL FEATURES
 Programmable AD Conversion and SH Times
 10 CaptureCompare IO with 2 Flexible Timers
 Synchronous Serial IO Port for Full Duplex Seri-
al IO
 Total Utilization of ALL Available Pins (IO Mux’d
with Control)
 2 16-Bit Timers with Prescale Cascading and
Quadrature Counting Capabilities
 Up to 12 Externally Triggered Interrupts
NEW INSTRUCTIONS
XCHXCHB
Exchange the contents of two locations either Word
or Byte is supported
BMOVi
Interruptable Block Move Instruction allows the user
to be interrupted during long executing Block Moves
TIJMP
Table Indirect JUMP This instruction incorporates a
way to do complex CASE level branches through
one instruction An example of such code savings
several interrupt sources and only one interrupt vec-
tor The TIJMP instruction will sort through the
sources and branch to the appropriate sub-code lev-
el in one instruction This instruction was added es-
pecially for the EPA structure but has other code
saving advantages
EPTSDPTS
Enable and Disable PTS Interrupts (Works like EI
and DI)
2


Similar Part No. - 87C196KR

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
87C196KR INTEL-87C196KR Datasheet
1Mb / 25P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
87C196KR INTEL-87C196KR Datasheet
308Kb / 38P
   16-Bit CHMOS Microcontrollers
More results

Similar Description - 87C196KR

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
87C196KT INTEL-87C196KT Datasheet
428Kb / 34P
   ADVANCED 16-BIT CHMOS MICROCONTROLLER
87C196LB INTEL-87C196LB Datasheet
463Kb / 19P
   CHMOS 16-BIT MICROCONTROLLER
88CO196EC INTEL-88CO196EC Datasheet
660Kb / 44P
   CHMOS 16-Bit Microcontroller
8XC196KB INTEL-8XC196KB Datasheet
247Kb / 17P
   ADVANCED 16-BIT CHMOS MICROCONTROLLER ROMless OR ROM
83C196EA INTEL-83C196EA Datasheet
379Kb / 40P
   CHMOS 16-BIT MICROCONTROLLER
87C196LA INTEL-87C196LA Datasheet
309Kb / 21P
   CHMOS 16-BIT MICROCONTROLLER
80C196EA INTEL-80C196EA Datasheet
445Kb / 46P
   CHMOS 16-BIT MICROCONTROLLER
83C196LC INTEL-83C196LC Datasheet
134Kb / 22P
   CHMOS 16-BIT MICROCONTROLLER
EG80296SA50 INTEL-EG80296SA50 Datasheet
345Kb / 40P
   CHMOS 16-BIT MICROCONTROLLER
87C196CA INTEL-87C196CA Datasheet
453Kb / 33P
   ADVANCED 16-BIT CHMOS MICROCONTROLLER WITH INTEGRATED CAN 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com