Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


87C196KC Datasheet(PDF) 6 Page - Intel Corporation

Part No. 87C196KC
Description  16-BIT HIGH-PERFORMANCE CHMOS MICROCONTROLLER
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTEL [Intel Corporation]
Homepage  http://www.intel.com
Logo 

 6 page
background image
AUTOMOTIVE 87C196KC
PIN DESCRIPTIONS (Continued)
Symbol
Name and Function
READY
Ready input to lengthen external memory cycles for interfacing to slow or dynamic memory
or for bus sharing When the external memory is not being used READY has no effect
HSI
Inputs to High Speed Input Unit Four HSI pins are available HSI0 HSI1 HSI2 and HSI3
Two of them (HSI2 and HSI3) are shared with the HSO Unit
HSO
Outputs from High Speed Output Unit Six HSO pins are available HSO0 HSO1 HSO2
HSI3 HSO4 and HSO5 Two of them (HSO4 and HSO5) are shared with the HSI Unit
Port 0
8-bit high impedance input-only port These pins can be used as digital inputs andor as
analog inputs to the on-chip AD converter
Port 1
8-bit quasi-bidirectional IO port
Port 2
8-bit multi-functional port All of its pins are shared with other functions in the 87C196KC
Ports 3 and 4
8-bit bidirectional IO ports with open drain outputs These pins are shared with the
multiplexed addressdata bus
HOLD
Bus Hold input requesting control of the bus
HLDA
Bus Hold acknowledge output indicating release of the bus
BREQ
Bus Request output activated when the bus controller has a pending external memory
cycle
6




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
80C196EACHMOS 16-BIT MICROCONTROLLER 1 2 3 4 5 MoreIntel Corporation
M80C196KB16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER 1 2 3 4 5 MoreIntel Corporation
83C196EACHMOS 16-BIT MICROCONTROLLER 1 2 3 4 5 MoreIntel Corporation
8XC151SAHIGH-PERFORMANCE CHMOS MICROCONTROLLER 1 2 3 4 5 MoreIntel Corporation
83C196LCCHMOS 16-BIT MICROCONTROLLER 1 2 3 4 5 MoreIntel Corporation
M87C196KC16-BIT HIGH-PERFORMANCE CHMOS MICROCONTROLLERS WITH ON-CHIP EPROM 1 2 3 4 5 MoreIntel Corporation
80C251SB16HIGH-PERFORMANCE CHMOS MICROCONTROLLER 1 2 3 4 5 MoreIntel Corporation
87C196CAADVANCED 16-BIT CHMOS MICROCONTROLLER WITH INTEGRATED CAN 2.0 1 2 3 4 5 MoreIntel Corporation
87C196KD16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER 1 2 3 4 5 MoreIntel Corporation
87C196KRADVANCED 16-BIT CHMOS MICROCONTROLLER 1 2 3 4 5 MoreIntel Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl