Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


87C196KC Datasheet(PDF) 5 Page - Intel Corporation

Part No. 87C196KC
Description  16-BIT HIGH-PERFORMANCE CHMOS MICROCONTROLLER
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTEL [Intel Corporation]
Homepage  http://www.intel.com
Logo 

 
 5 page
background image
AUTOMOTIVE 87C196KC
PIN DESCRIPTIONS
Symbol
Name and Function
VCC
Main supply voltage (5V)
VSS
Digital circuit ground (0V) There are three VSS pins all of which must be connected
VREF
Reference voltage for the AD converter (5V) VREF is also the supply voltage to the analog
portion of the AD converter and the logic used to read Port 0 Must be connected for AD
and Port 0 to function
ANGND
Reference ground for the AD converter Must be held at nominally the same potential as
VSS
VPP
Timing pin for the return from powerdown circuit Connect this pin with a 1 mF capacitor to
VSS anda1MX resistor to VCC If this function is not used VPP may be tied to VCC This pin
is the programming voltage on the EPROM device
XTAL1
Input of the oscillator inverter and of the internal clock generator
XTAL2
Output of the oscillator inverter
CLKOUT
Output of the internal clock generator The frequency of CLKOUT is
the oscillator
frequency
RESET
Reset input to the chip
BUSWIDTH
Input for buswidth selection If CCR bit 1 is a one this pin selects the bus width for the bus
cycle in progress If BUSWIDTH is a 1 a 16-bit bus cycle occurs If BUSWIDTH isa0an
8-bit cycle occurs If CCR bit 1 is a 0 the bus is always an 8-bit bus
NMI
A positive transition causes a vector through 203EH
INST
Output high during an external memory read indicates the read is an instruction fetch INST
is valid throughout the bus cycle INST is activated only during external memory accesses
and output low for a data fetch
EA
Input for memory select (External Access) EA equal to a TTL-high causes memory
accesses to locations 2000H through 5FFFH to be directed to on-chip ROMEPROM EA
equal to a TTL-low causes accesses to those locations to be directed to off-chip memory
ALEADV
Address Latch Enable or Address Valid output as selected by CCR Both pin options
provide a signal to demultiplex the address from the addressdata bus When the pin is
ADV it goes inactive high at the end of the bus cycle ALEADV is activated only during
external memory accesses
RD
Read signal output to external memory RD is activated only during external memory reads
WR WRL
Write and Write Low output to external memory as selected by the CCR WR will go low for
every external write while WRL will go low only for external writes where an even byte is
being written WR WRL is activated only during external memory writes
BHE WRH
Bus High Enable or Write High output to external memory as selected by the CCR BHE e
0 selects the bank of memory that is connected to the high byte of the data bus A0 e 0
selects the bank of memory that is connected to the low byte of the data bus Thus
accesses to a 16-bit wide memory can be to the low byte only (A0 e 0 BHE e 1) to the
high byte only (A0 e 1 BHE e 0) or both bytes (A0 e 0 BHE e 0) If the WRH function is
selected the pin will go low if the bus cycle is writing to an odd memory location BHE WRH
is valid only during 16-bit external memory write cycles
5




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
80C196EACHMOS 16-BIT MICROCONTROLLER 1 2 3 4 5 MoreIntel Corporation
M80C196KB16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER 1 2 3 4 5 MoreIntel Corporation
83C196EACHMOS 16-BIT MICROCONTROLLER 1 2 3 4 5 MoreIntel Corporation
8XC151SAHIGH-PERFORMANCE CHMOS MICROCONTROLLER 1 2 3 4 5 MoreIntel Corporation
83C196LCCHMOS 16-BIT MICROCONTROLLER 1 2 3 4 5 MoreIntel Corporation
M87C196KC16-BIT HIGH-PERFORMANCE CHMOS MICROCONTROLLERS WITH ON-CHIP EPROM 1 2 3 4 5 MoreIntel Corporation
80C251SB16HIGH-PERFORMANCE CHMOS MICROCONTROLLER 1 2 3 4 5 MoreIntel Corporation
87C196CAADVANCED 16-BIT CHMOS MICROCONTROLLER WITH INTEGRATED CAN 2.0 1 2 3 4 5 MoreIntel Corporation
87C196KD16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER 1 2 3 4 5 MoreIntel Corporation
87C196KRADVANCED 16-BIT CHMOS MICROCONTROLLER 1 2 3 4 5 MoreIntel Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl