Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74FCT16H245TPAB Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT74FCT16H245TPAB
Description  FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT16H245TPAB Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT74FCT16H245TPAB Datasheet HTML 1Page - Integrated Device Technology IDT74FCT16H245TPAB Datasheet HTML 2Page - Integrated Device Technology IDT74FCT16H245TPAB Datasheet HTML 3Page - Integrated Device Technology IDT74FCT16H245TPAB Datasheet HTML 4Page - Integrated Device Technology IDT74FCT16H245TPAB Datasheet HTML 5Page - Integrated Device Technology IDT74FCT16H245TPAB Datasheet HTML 6Page - Integrated Device Technology IDT74FCT16H245TPAB Datasheet HTML 7Page - Integrated Device Technology IDT74FCT16H245TPAB Datasheet HTML 8Page - Integrated Device Technology IDT74FCT16H245TPAB Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MILITARY AND COMMERCIAL TEMPERATURE RANGES
AUGUST 1996
©1996 Integrated Device Technology, Inc.
5.3
DSC-2545/9
1
Integrated Device Technology, Inc.
The 16-bit transceivers are built using advanced dual metal
CMOS technology. These high-speed, low-power transceiv-
ers are ideal for synchronous communication between two
busses (A and B). The Direction and Output Enable controls
operate these devices as either two independent 8-bit trans-
ceivers or one 16-bit transceiver. The direction control pin
(xDIR) controls the direction of data flow. The output enable
pin (x
OE) overrides the direction control and disables both
ports. All inputs are designed with hysteresis for improved
noise margin.
The FCT16245T are ideally suited for driving high-capaci-
tance loads and low-impedance backplanes. The output buff-
ers are designed with power off disable capability to allow "live
insertion" of boards when used as backplane drivers.
The FCT162245T have balanced output drive with current
limiting resistors. This offers low ground bounce, minimal
undershoot, and controlled output fall times– reducing the
need for external series terminating resistors.
The
FCT162245T are plug-in replacements for the FCT16245T
and ABT16245 for on-board interface applications.
The FCT166245T are suited for very low noise, point-to-
point driving where there is a single receiver, or a light lumped
DESCRIPTION:
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
FUNCTIONAL BLOCK DIAGRAM
1
DIR
1
OE
1
A1
1
A2
1
A3
1
A4
1
A5
1
A6
1
A7
1
A8
1
B1
1
B2
1
B3
1
B4
1
B5
1
B6
1
B7
1
B8
2545 drw 02
2
DIR
2
OE
2
A1
2
A2
2
A3
2
A4
2
A5
2
A6
2
A7
2
A8
2
B1
2
B2
2
B3
2
B4
2
B5
2
B6
2
B7
2
B8
2545 drw 01
IDT54/74FCT16245T/AT/CT/ET
IDT54/74FCT162245T/AT/CT/ET
IDT54/74FCT166245T/AT/CT
IDT54/74FCT162H245T/AT/CT/ET
FAST CMOS 16-BIT
BIDIRECTIONAL
TRANSCEIVERS
FEATURES:
• Common features:
0.5 MICRON CMOS Technology
High-speed, low-power CMOS replacement for
ABT functions
Typical tSK(o) (Output Skew) < 250ps
Low input and output leakage
≤ 1µA (max.)
ESD > 2000V per MIL-STD-883, Method 3015;
> 200V using machine model (C = 200pF, R = 0)
Packages include 25 mil pitch SSOP, 19.6 mil pitch
TSSOP, 15.7 mil pitch TVSOP and 25 mil pitch Cerpack
Extended commercial range of -40
°C to +85°C
• Features for FCT16245T/AT/CT/ET:
High drive outputs (-32mA IOH, 64mA IOL)
Power off disable outputs permit “live insertion”
Typical VOLP (Output Ground Bounce) < 1.0V at
VCC = 5V, TA = 25
°C
• Features for FCT162245T/AT/CT/ET:
Balanced Output Drivers:
±24mA (commercial),
±16mA (military)
Reduced system switching noise
Typical VOLP (Output Ground Bounce) < 0.6V at
VCC = 5V,TA = 25
°C


Similar Part No. - IDT74FCT16H245TPAB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT16H244ATE IDT-IDT74FCT16H244ATE Datasheet
151Kb / 9P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT74FCT16H244ATEB IDT-IDT74FCT16H244ATEB Datasheet
151Kb / 9P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT74FCT16H244ATPA IDT-IDT74FCT16H244ATPA Datasheet
151Kb / 9P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT74FCT16H244ATPAB IDT-IDT74FCT16H244ATPAB Datasheet
151Kb / 9P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT74FCT16H244ATPF IDT-IDT74FCT16H244ATPF Datasheet
151Kb / 9P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
More results

Similar Description - IDT74FCT16H245TPAB

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT162245 PERICOM-PI74FCT162245 Datasheet
209Kb / 6P
   Fast CMOS 16-Bit Bidirectional Transceivers
PI74FCT162Q245T PERICOM-PI74FCT162Q245T Datasheet
62Kb / 6P
   Fast, Low Noise CMOS 16-Bit Bidirectional Transceivers
logo
Integrated Device Techn...
IDT74FCT163245 IDT-IDT74FCT163245 Datasheet
123Kb / 7P
   3.3V CMOS 16-BIT BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74LPT16543 PERICOM-PI74LPT16543 Datasheet
57Kb / 5P
   Fast CMOS 16-Bit Latched Transceivers
PI74FCT16543T PERICOM-PI74FCT16543T Datasheet
74Kb / 7P
   Fast CMOS 16-Bit Latched Transceivers
PI74FCT162646 PERICOM-PI74FCT162646 Datasheet
216Kb / 8P
   Fast CMOS 16-Bit Registered Transceivers
logo
Renesas Technology Corp
IDT74FCT162H245AT RENESAS-IDT74FCT162H245AT Datasheet
269Kb / 7P
   FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVER
SEPTEMBER 2009
logo
Integrated Device Techn...
74FCT16245TPV IDT-74FCT16245TPV Datasheet
90Kb / 7P
   FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVER
IDT74FCT245 IDT-IDT74FCT245 Datasheet
70Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT54FCT245 IDT-IDT54FCT245_02 Datasheet
85Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com