Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74FCT825CTEB Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT74FCT825CTEB
Description  HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT825CTEB Datasheet(HTML) 7 Page - Integrated Device Technology

  IDT74FCT825CTEB Datasheet HTML 1Page - Integrated Device Technology IDT74FCT825CTEB Datasheet HTML 2Page - Integrated Device Technology IDT74FCT825CTEB Datasheet HTML 3Page - Integrated Device Technology IDT74FCT825CTEB Datasheet HTML 4Page - Integrated Device Technology IDT74FCT825CTEB Datasheet HTML 5Page - Integrated Device Technology IDT74FCT825CTEB Datasheet HTML 6Page - Integrated Device Technology IDT74FCT825CTEB Datasheet HTML 7Page - Integrated Device Technology IDT74FCT825CTEB Datasheet HTML 8Page - Integrated Device Technology IDT74FCT825CTEB Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
IDT54/74FCT821AT/BT/CT, 823/825AT/BT/CT/DT
HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.21
7
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
FCT821/823/825CT
FCT823DT
Com'l.
Mil.
Com'l.
Symbol
Parameter
Condition(1)
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Unit
tPLH
tPHL
Propagation Delay
CP to YI (
OE = LOW)
CL = 50pF
RL = 500
1.5
6.0
1.5
7.0
1.5
5.0
ns
CL = 300pF(4)
RL = 500
1.5
12.5
1.5
13.5
1.5
8.5
tSU
Set-up Time HIGH or LOW
DI to CP
CL = 50pF
RL = 500
3.0
3.0
2.0
ns
tH
Hold Time HIGH or LOW
DI to CP
1.5
1.5
1.0
ns
tSU
Set-up Time HIGH or LOW
EN to CP
3.0
3.0
3.0
ns
tH
Hold Time HIGH or LOW
EN to CP
0—
0
0
ns
tPHL
Propagation Delay,
CLR to YI
1.5
8.0
1.5
8.5
1.5
5.0
ns
tREM
Recovery Time
CLR to CP
6.0
6.0
3.0
ns
tW
Clock Pulse Width
HIGH or LOW(3)
6.0
6.0
3.0
ns
tW
CLR Pulse Width LOW(3)
6.0
6.0
3.0
ns
tPZH
tPZL
Output Enable Time
OE to YI
CL = 50pF
RL = 500
1.5
7.0
1.5
8.0
1.5
4.8
ns
CL = 300pF(4)
RL = 500
1.5
12.5
1.5
13.5
1.5
9.0
tPHZ
tPLZ
Output Disable Time
OE to Y I
CL = 5pF(4)
RL = 500
1.5
6.0
1.5
6.0
1.5
4.0
ns
CL = 50pF
RL = 500
1.5
6.5
1.5
6.5
1.5
4.0
NOTES:
2567 tbl 09
1. See test circuit and waveforms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. This parameter is guaranteed but not tested.
4. This condition is guaranteed but not tested.


Similar Part No. - IDT74FCT825CTEB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT825C IDT-IDT74FCT825C Datasheet
186Kb / 8P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
IDT74FCT825CD IDT-IDT74FCT825CD Datasheet
186Kb / 8P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
IDT74FCT825CDB IDT-IDT74FCT825CDB Datasheet
186Kb / 8P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
IDT74FCT825CE IDT-IDT74FCT825CE Datasheet
186Kb / 8P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
IDT74FCT825CEB IDT-IDT74FCT825CEB Datasheet
186Kb / 8P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
More results

Similar Description - IDT74FCT825CTEB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT821A IDT-IDT74FCT821A Datasheet
186Kb / 8P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
logo
Pericom Semiconductor C...
PI74FCT821T PERICOM-PI74FCT821T Datasheet
85Kb / 7P
   Fast CMOS Bus Interface Registers
logo
List of Unclassifed Man...
WS59820 ETC1-WS59820 Datasheet
574Kb / 9P
   CMOS / BI - DIRECTIONAL BUS INTERFACE REGISTERS
logo
Integrated Device Techn...
IDT54FCT821A IDT-IDT54FCT821A Datasheet
77Kb / 7P
   HIGH PERFORMANCE CMOS BUS INTERFACE REGISTER
IDT74FCT823AT IDT-IDT74FCT823AT_06 Datasheet
78Kb / 7P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTER
IDT54FCT823 IDT-IDT54FCT823 Datasheet
89Kb / 7P
   HIGH PERFORMANCE CMOS BUS INTERFACE REGISTER
logo
Renesas Technology Corp
IDT74FCT823AT RENESAS-IDT74FCT823AT Datasheet
678Kb / 8P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTER
February 19, 2009
logo
Integrated Device Techn...
IDT74FCT841A IDT-IDT74FCT841A Datasheet
140Kb / 7P
   HIGH-PERFORMANCE CMOS BUS INTERFACE LATCHES
logo
NXP Semiconductors
74F821 PHILIPS-74F821 Datasheet
140Kb / 18P
   Bus interface registers
1996 Jan 05
logo
Advanced Micro Devices
AM29843 AMD-AM29843 Datasheet
597Kb / 15P
   HIGH PERFORMANCE BUS INTERFACE LATCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com