Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFKE Datasheet(PDF) 1 Page - Hongfa Technology

Part # HFKE
Description  AUTOMOTIVE RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFKE Datasheet(HTML) 1 Page - Hongfa Technology

  HFKE Datasheet HTML 1Page - Hongfa Technology HFKE Datasheet HTML 2Page - Hongfa Technology HFKE Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2GDRSPGQ
ff
l;073<B B3;>3@/BC@3
+70@/B7=< @3A7AB/<13 f\
}6=19 @3A7AB/<13 f\
~3@;7</B7=<
n=<AB@C1B7=<
*<7B E3756B
~G>_k f;A
w/F_k ba;A
^ea B= if
basHB= faasH b_f;; ol
ji;`Ac
znm g\
z:/AB71 A3/:32]q:CF >@==432
l>>@=F_bf5
y>3@/B3 B7;3 e\
|3:3/A3 B7;3 e\
+=:B/53 2@=> [7<7B7/:\ b\
syxrql |pvl.
t}yjaab] t}y`~}bgjej ] t}ybeaab] ys}l}biaab] tpn{ {n aiaaaa np|~tqtpo
cabe |3D_ b_ab
>UOIEDK -OOKIEDRINMQ
v=/2 D=:B/53
bd_f+on
v=/2 BG>3
v=/2 1C@@3<B l
bn
bl
xy
xy
xn
y<`y44 @/B7=
y<
A
y44
A
n=<B/1B
;/B3@7/:
|3A7AB7D3
w/93
m@3/9
bf
bf
bc
bc
ca
ca
b_f
b_f
b_f
b_f
bKbaf
l5x7
p:31B@71/:
3<2C@/<13
yz}
b\ ,63< B63 :=/2 D=:B/53 7A /B ce+on =@ 67563@] =@ B63 />>:71/B7=<A 1=<27B7=<A /@3 27443@3<B 4@=; B63 B/0:3 /0=D3] >:3/A3 AC0;7B B63 23B/7:32 />>:71/B7=<
1=<27B7=<A B= s=<54/ B= 53B ;=@3 AC>>=@B_
Q cal AE7B167<5 1/>/07:7BG
Q l;073<B B3;>_k ^ea B= if
Q bq=@; l /<2 bq=@; n 1=<B/1B /@@/<53;3<B
Q z:/AB71 A3/:32 /<2 q:CF >@==432 BG>3A /D/7:/0:3
Q |=s}Zpv+ 1=;>:7/<B
b\ p?C7D/:3<B B= B63 ;/F_ 7<7B7/: 1=<B/1B @3A7AB/<13 7A baa; [/B bl g+on\_
c\ q=@ xy 1=<B/1BA] /B cd ] bd_f+on] @3A7AB7D3 :=/2 [baa 1G1:3A\_
d\ b;7<] :3/9/53 1C@@3<B :3AA B6/< b;l_
e\ ~63 D/:C3 7A ;3/AC@32 E63< D=:B/53 2@=>A AC223<:G 4@=; <=;7</:
D=:B/53 B= a +on /<2 1=7: 7A <=B >/@/::3:32 E7B6 AC>>@3AA7=< 17@1C7B_
f\ ,63< 3<3@57H32] =>3<7<5 B7;3 =4 xy 1=<B/1BA A6/:: <=B 3F1332 baaJA]
E63< <=<^3<3@57H32] =>3<7<5 B7;3 =4 xn 1=<B/1BA A6/:: <=B 3F1332
b;A] ;3/<B7;3]xy 1=<B/1BA A6/:: <=B 03 1:=A32_
g\ }7<13 7B 7A /< 3<D7@=<;3<B/: 4@73<2:G >@=2C1B] >:3/A3 A3:31B :3/2^4@33
A=:23@ E63< E3:27<5_~63 @31=;;3<232 A=:23@7<5 B3;>3@/BC@3 /<2
B7;3 7A [cfa d\ ][f a_d\A_
4261
-?>:8:>5@1 <17-B
/4-<-/>1<5=>5/=
n=<B/1B /@@/<53;3<B
w/F_ AE7B167<5 1C@@3<B c\
w/F_ AE7B167<5 D=:B/53
w7<_ 1=<B/1B :=/2
p:31B@71/: 3<2C@/<13
w316/<71/: 3<2C@/<13
t<7B7/: 7<AC:/B7=< @3A7AB/<13
bl] bn
~G>_k baa;+ [/B bal\
w/F_k cfa;+ [/B bal\
cal
be+on
bl g+on
}33 Xnyx~ln~ ol~lX
b F bahyz} [daa yz}`;7<\
baaw [/B faa+on\
03BE33< 1=<B/1BAkhfa+ln
03BE33< 1=7: Z 1=<B/1BAkbfaa+ln
~G>_kf;A
w/F_k ba;A
/:9>-/> 0->- b\
/B cd
o73:31B@71 AB@3<5B6 d\
z=E3@ 2==@A Z E7<2=EA]t<271/B=@ :/;> 1=<B@=:] ,7>3@ 1=<B@=:


Similar Part No. - HFKE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HFKE ETC2-HFKE Datasheet
49Kb / 2P
   AUTOMOTIVE RELAY
HFKE/012HS ETC2-HFKE/012HS Datasheet
49Kb / 2P
   AUTOMOTIVE RELAY
HFKE/012ZS ETC2-HFKE/012ZS Datasheet
49Kb / 2P
   AUTOMOTIVE RELAY
HFKE/024HS ETC2-HFKE/024HS Datasheet
49Kb / 2P
   AUTOMOTIVE RELAY
HFKE/024ZS ETC2-HFKE/024ZS Datasheet
49Kb / 2P
   AUTOMOTIVE RELAY
More results

Similar Description - HFKE

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFV4 HONGFA-HFV4 Datasheet
54Kb / 2P
   AUTOMOTIVE RELAY
logo
List of Unclassifed Man...
CX-10N ETC-CX-10N Datasheet
44Kb / 2P
   Automotive Relay
logo
Hongfa Technology
HFV11 HONGFA-HFV11_15 Datasheet
48Kb / 3P
   AUTOMOTIVE RELAY
HFKA-T HONGFA-HFKA-T Datasheet
222Kb / 6P
   AUTOMOTIVE RELAY
HFV6 HONGFA-HFV6_15 Datasheet
77Kb / 5P
   AUTOMOTIVE RELAY
logo
List of Unclassifed Man...
HFKDV ETC2-HFKDV Datasheet
67Kb / 4P
   AUTOMOTIVE RELAY
logo
Hongfa Technology
HFV4 HONGFA-HFV4_07 Datasheet
98Kb / 5P
   AUTOMOTIVE RELAY
JQC-24F HONGFA-JQC-24F Datasheet
63Kb / 2P
   AUTOMOTIVE RELAY
logo
Sanyou Corporation Limi...
SARC SANYOU-SARC Datasheet
172Kb / 3P
   Automotive Relay
logo
Omron Electronics LLC
G8J-1C6T OMRON-G8J-1C6T Datasheet
72Kb / 3P
   Automotive Relay
logo
Hongfa Technology
HFV15-L HONGFA-HFV15-L Datasheet
1Mb / 4P
   AUTOMOTIVE RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com