Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT54FCT823BTEB Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT54FCT823BTEB
Description  HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT54FCT823BTEB Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT54FCT823BTEB Datasheet HTML 1Page - Integrated Device Technology IDT54FCT823BTEB Datasheet HTML 2Page - Integrated Device Technology IDT54FCT823BTEB Datasheet HTML 3Page - Integrated Device Technology IDT54FCT823BTEB Datasheet HTML 4Page - Integrated Device Technology IDT54FCT823BTEB Datasheet HTML 5Page - Integrated Device Technology IDT54FCT823BTEB Datasheet HTML 6Page - Integrated Device Technology IDT54FCT823BTEB Datasheet HTML 7Page - Integrated Device Technology IDT54FCT823BTEB Datasheet HTML 8Page - Integrated Device Technology IDT54FCT823BTEB Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
IDT54/74FCT821AT/BT/CT, 823/825AT/BT/CT/DT
HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.21
1
Integrated Device Technology, Inc.
1
HIGH-PERFORMANCE
CMOS BUS
INTERFACE REGISTERS
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
IDT54/74FCT821AT/BT/CT
IDT54/74FCT823AT/BT/CT/DT
IDT54/74FCT825AT/BT/CT
FEATURES:
• Common features:
Low input and output leakage
≤1µA (max.)
CMOS power levels
True TTL input and output compatibility
– VOH = 3.3V (typ.)
– VOL = 0.3V (typ.)
Meets or exceeds JEDEC standard 18 specifications
Product available in Radiation Tolerant and Radiation
Enhanced versions
Military product compliant to MIL-STD-883, Class B
and DESC listed (dual marked)
Available in DIP, SOIC, SSOP, QSOP, CERPACK
and LCC packages
• Features for FCT821T/FCT823T/FCT825T:
A, B, C and D speed grades
High drive outputs (-15mA IOH, 48mA IOL)
Power off disable outputs permit “live insertion”
DESCRIPTION:
The FCT82xT series is built using an advanced dual metal
CMOS technology. The FCT82xT series bus interface regis-
ters are designed to eliminate the extra packages required to
buffer existing registers and provide extra data width for wider
address/data paths or buses carrying parity. The FCT821T
are buffered, 10-bit wide versions of the popular FCT374T
function. The FCT823T are 9-bit wide buffered registers with
Clock Enable (
EN) and Clear (CLR) – ideal for parity bus
interfacing in high-performance microprogrammed systems.
The FCT825T are 8-bit buffered registers with all the FCT823T
controls plus multiple enables (
OE1, OE2, OE3) to allow multi-
user control of the interface, e.g.,
CS, DMA and RD/WR. They
are ideal for use as an output port requiring high IOL/IOH.
The FCT82xT high-performance interface family can drive
large capacitive loads, while providing low-capacitance bus
loading at both inputs and outputs. All inputs have clamp
diodes and all outputs are designed for low-capacitance bus
loading in high-impedance state.
MILITARY AND COMMERCIAL TEMPERATURE RANGES
AUGUST 1995
©1995 Integrated Device Technology, Inc
6.21
DSC-4202/5
FUNCTIONAL BLOCK DIAGRAM
D
CP Q
Q
CL
D
CP Q
Q
CL
D0
DN
Y0
YN
EN
CLR
CP
OE
2567 drw 01


Similar Part No. - IDT54FCT823BTEB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT54FCT823B IDT-IDT54FCT823B Datasheet
186Kb / 8P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
IDT54FCT823BD IDT-IDT54FCT823BD Datasheet
186Kb / 8P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
IDT54FCT823BDB IDT-IDT54FCT823BDB Datasheet
186Kb / 8P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
IDT54FCT823BE IDT-IDT54FCT823BE Datasheet
186Kb / 8P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
IDT54FCT823BEB IDT-IDT54FCT823BEB Datasheet
186Kb / 8P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
More results

Similar Description - IDT54FCT823BTEB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT821A IDT-IDT74FCT821A Datasheet
186Kb / 8P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
logo
Pericom Semiconductor C...
PI74FCT821T PERICOM-PI74FCT821T Datasheet
85Kb / 7P
   Fast CMOS Bus Interface Registers
logo
List of Unclassifed Man...
WS59820 ETC1-WS59820 Datasheet
574Kb / 9P
   CMOS / BI - DIRECTIONAL BUS INTERFACE REGISTERS
logo
Integrated Device Techn...
IDT54FCT821A IDT-IDT54FCT821A Datasheet
77Kb / 7P
   HIGH PERFORMANCE CMOS BUS INTERFACE REGISTER
IDT74FCT823AT IDT-IDT74FCT823AT_06 Datasheet
78Kb / 7P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTER
IDT54FCT823 IDT-IDT54FCT823 Datasheet
89Kb / 7P
   HIGH PERFORMANCE CMOS BUS INTERFACE REGISTER
logo
Renesas Technology Corp
IDT74FCT823AT RENESAS-IDT74FCT823AT Datasheet
678Kb / 8P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTER
February 19, 2009
logo
Integrated Device Techn...
IDT74FCT841A IDT-IDT74FCT841A Datasheet
140Kb / 7P
   HIGH-PERFORMANCE CMOS BUS INTERFACE LATCHES
logo
NXP Semiconductors
74F821 PHILIPS-74F821 Datasheet
140Kb / 18P
   Bus interface registers
1996 Jan 05
logo
Advanced Micro Devices
AM29843 AMD-AM29843 Datasheet
597Kb / 15P
   HIGH PERFORMANCE BUS INTERFACE LATCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com