Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5320 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5320
Description  2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 12-Bit DAC in an SOT-23
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5320 Datasheet(HTML) 1 Page - Analog Devices

  AD5320_15 Datasheet HTML 1Page - Analog Devices AD5320_15 Datasheet HTML 2Page - Analog Devices AD5320_15 Datasheet HTML 3Page - Analog Devices AD5320_15 Datasheet HTML 4Page - Analog Devices AD5320_15 Datasheet HTML 5Page - Analog Devices AD5320_15 Datasheet HTML 6Page - Analog Devices AD5320_15 Datasheet HTML 7Page - Analog Devices AD5320_15 Datasheet HTML 8Page - Analog Devices AD5320_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
2.7 V to 5.5 V, 140 μA, Rail-to-Rail Output
12-Bit DAC in an SOT-23
AD5320
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
Single 12-bit DAC
6-lead SOT-23 and 8-lead MSOP packages
Micropower operation: 140 μA @ 5 V
Power-down to 200 nA @ 5 V, 50 nA @ 3 V
2.7 V to 5.5 V power supply
Guaranteed monotonic by design
Reference derived from power supply
Power-on reset to zero volts
Three power-down functions
Low power serial interface with Schmitt-triggered inputs
On-chip output buffer amplifier, rail-to-rail operation
SYNC interrupt facility
APPLICATIONS
Portable battery-powered instruments
Digital gain and offset adjustment
Programmable voltage and current sources
Programmable attenuators
FUNCTIONAL BLOCK DIAGRAM
VDD
VOUT
GND
AD5320
12-BIT
DAC
SCLK DIN
REF (+) REF (–)
REGISTER
NETWORK
POWER-DOWN
CONTROL LOGIC
DAC
REGISTER
OUTPUT
BUFFER
POWER-ON
RESET
SYNC
INPUT
CONTROL
LOGIC
Figure 1.
GENERAL DESCRIPTION
The AD53201 is a single, 12-bit buffered voltage out digital-to-
analog converter (DAC) that operates from a single 2.7 V to
5.5 V supply consuming 115 μA at 3 V. Its on-chip precision
output amplifier allows rail-to-rail output swing to be achieved.
The AD5320 utilizes a versatile 3-wire serial interface that
operates at clock rates up to 30 MHz and is compatible with
standard SPI®, QSPI™, MICROWIRE™ and digital signal
processing (DSP) interface standards.
The reference for AD5320 is derived from the power supply
inputs and thus gives the widest dynamic output range. The
part incorporates a power-on reset circuit that ensures that the
DAC output powers up to zero volts and remains there until a
valid write takes place to the device. The part contains a power-
down feature that reduces the current consumption of the
device to 200 nA at 5 V and provides software selectable output
loads while in power-down mode. The part is put into power-
down mode over the serial interface.
The low power consumption of this part in normal operation
makes it ideally suited to portable, battery-operated equipment.
The power consumption is 0.7 mW at 5 V reducing to 1 μW in
power-down mode.
1 Patent pending; protected by U.S. Patent No. 5684481.
The AD5320 is one of a family of pin-compatible DACs. The
AD5300 is the 8-bit version and the AD5310 is the 10-bit
version. The AD5300/AD5310/AD5320 are available in 6-lead
SOT-23 packages and 8-lead MSOP packages.
PRODUCT HIGHLIGHTS
1.
Available in 6-lead SOT-23 and 8-lead MSOP packages.
2.
Low power, single-supply operation. This part operates
from a single 2.7 V to 5.5 V supply and typically consumes
0.35 mW at 3 V and 0.7 mW at 5 V, making it ideal for
battery-powered applications.
3.
The on-chip output buffer amplifier allows the output of
the DAC to swing rail-to-rail with a slew rate of 1 V/μs.
4.
Reference derived from the power supply.
5.
High speed serial interface with clock speeds up to
30 MHz. Designed for very low power consumption. The
interface only powers up during a write cycle.
6.
Power-down capability. When powered down, the DAC
typically consumes 50 nA at 3 V and 200 nA at 5 V.


Similar Part No. - AD5320_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5320BRM AD-AD5320BRM Datasheet
192Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 12-Bit DAC in a SOT-23
REV. B
AD5320BRM AD-AD5320BRM Datasheet
410Kb / 20P
   2.7 V to 5.5 V, 140 關A, Rail-to-Rail Output 12-Bit DAC in an SOT-23
REV. C
AD5320BRM-REEL AD-AD5320BRM-REEL Datasheet
410Kb / 20P
   2.7 V to 5.5 V, 140 關A, Rail-to-Rail Output 12-Bit DAC in an SOT-23
REV. C
AD5320BRM-REEL7 AD-AD5320BRM-REEL7 Datasheet
410Kb / 20P
   2.7 V to 5.5 V, 140 關A, Rail-to-Rail Output 12-Bit DAC in an SOT-23
REV. C
AD5320BRMZ-REEL1 AD-AD5320BRMZ-REEL1 Datasheet
410Kb / 20P
   2.7 V to 5.5 V, 140 關A, Rail-to-Rail Output 12-Bit DAC in an SOT-23
REV. C
More results

Similar Description - AD5320_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5320 AD-AD5320_05 Datasheet
410Kb / 20P
   2.7 V to 5.5 V, 140 關A, Rail-to-Rail Output 12-Bit DAC in an SOT-23
REV. C
AD5320 AD-AD5320 Datasheet
192Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 12-Bit DAC in a SOT-23
REV. B
AD5300 AD-AD5300 Datasheet
202Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 8-Bit DAC in an SOT-23
REV. C
AD5300 AD-AD5300_15 Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
AD5300BRMZ-REEL7 AD-AD5300BRMZ-REEL7 Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
AD5310 AD-AD5310_15 Datasheet
578Kb / 16P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. B
AD5310BRMZ-REEL7 AD-AD5310BRMZ-REEL7 Datasheet
578Kb / 16P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. B
AD5310 AD-AD5310 Datasheet
164Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. A
AD5662 AD-AD5662 Datasheet
357Kb / 20P
   2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output 16-Bit DAC D/A in a SOT-23
Rev. PrA
AD5662 AD-AD5662_15 Datasheet
584Kb / 24P
   2.7 V to 5.5 V, 250 A, Rail-to-Rail Output 16-Bit nanoDACT in a SOT-23
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com