Electronic Components Datasheet Search |
|
AD5317 Datasheet(PDF) 8 Page - Analog Devices |
|
AD5317 Datasheet(HTML) 8 Page - Analog Devices |
8 / 28 page AD5307/AD5317/AD5327 Rev. C | Page 8 of 28 PIN CONFIGURATION AND FUNCTION DESCRIPTIONS TOP VIEW (Not to Scale) 16 15 14 13 12 11 10 9 1 2 3 4 5 6 7 8 VDD VOUTA VOUTB VOUTC VREFAB VREFCD SDO SCLK DIN GND VOUTD DCEN AD5307/ AD5317/ AD5327 CLR LDAC PD SYNC Figure 5. Pin Configuration Table 5. Pin Function Descriptions Pin No. Mnemonic Description 1 CLR Active Low Control Input. Loads all 0s to all input and DAC registers. Therefore, the outputs also go to 0 V. 2 LDAC Active Low Control Input. Transfers the contents of the input registers to their respective DAC registers. Pulsing this pin low allows any or all DAC registers to be updated if the input registers have new data. This allows simultaneous update of all DAC outputs. Alternatively, this pin can be tied permanently low. 3 VDD Power Supply Input. These parts can be operated from 2.5 V to 5.5 V, and the supply should be decoupled with a 10 μF capacitor in parallel with a 0.1 μF capacitor to GND. 4 VOUTA Buffered Analog Output Voltage from DAC A. The output amplifier has rail-to-rail operation. 5 VOUTB Buffered Analog Output Voltage from DAC B. The output amplifier has rail-to-rail operation. 6 VOUTC Buffered Analog Output Voltage from DAC C. The output amplifier has rail-to-rail operation. 7 VREFAB Reference Input Pin for DAC A and DAC B. It can be configured as a buffered or unbuffered input to each or both of the DACs, depending on the state of the BUF bits in the serial input words to DAC A and DAC B. It has an input range of 0.25 V to VDD in unbuffered mode and 1 V to VDD in buffered mode. 8 VREFCD Reference Input Pin for DAC C and DAC D. It can be configured as a buffered or unbuffered input to each or both of the DACs, depending on the state of the BUF bits in the serial input words to DAC C and DAC D. It has an input range of 0.25 V to VDD in unbuffered mode and 1 V to VDD in buffered mode. 9 DCEN Enables the Daisy-Chaining Option. It should be tied high if the part is being used in a daisy chain, and tied low if it is being used in standalone mode. 10 PD Active Low Control Input. It acts like a hardware power-down option. All DACs go into power-down mode when this pin is tied low. The DAC outputs go into a high impedance state, and the current consumption of the part drops to 300 nA @ 5 V (90 nA @ 3 V). 11 VOUTD Buffered Analog Output Voltage from DAC D. The output amplifier has rail-to-rail operation. 12 GND Ground Reference Point for All Circuitry on the Part. 13 DIN Serial Data Input. These devices each have a 16-bit shift register. Data is clocked into the register on the falling edge of the serial clock input. The DIN input buffer is powered down after each write cycle. 14 SCLK Serial Clock Input. Data is clocked into the input shift register on the falling edge of the serial clock input. Data can be transferred at rates of up to 30 MHz. The SCLK input buffer is powered down after each write cycle. 15 SYNC Active Low Control Input. This is the frame synchronization signal for the input data. When SYNC goes low, it powers on the SCLK and DIN buffers and enables the input shift register. Data is transferred in on the falling edges of the following 16 clocks. If SYNC is taken high before the 16th falling edge, the rising edge of SYNC acts as an interrupt and the write sequence is ignored by the device. 16 SDO Serial Data Output. Can be used for daisy-chaining a number of these devices together or for reading back the data in the shift register for diagnostic purposes. The serial data is transferred on the rising edge of SCLK and is valid on the falling edge of the clock. |
Similar Part No. - AD5317_15 |
|
Similar Description - AD5317_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |