Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5318BRU-REEL Datasheet(PDF) 3 Page - Analog Devices

Part # AD5318BRU-REEL
Description  2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5318BRU-REEL Datasheet(HTML) 3 Page - Analog Devices

  AD5318BRU-REEL Datasheet HTML 1Page - Analog Devices AD5318BRU-REEL Datasheet HTML 2Page - Analog Devices AD5318BRU-REEL Datasheet HTML 3Page - Analog Devices AD5318BRU-REEL Datasheet HTML 4Page - Analog Devices AD5318BRU-REEL Datasheet HTML 5Page - Analog Devices AD5318BRU-REEL Datasheet HTML 6Page - Analog Devices AD5318BRU-REEL Datasheet HTML 7Page - Analog Devices AD5318BRU-REEL Datasheet HTML 8Page - Analog Devices AD5318BRU-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
AD5308/AD5318/AD5328
Rev. F | Page 3 of 28
FUNCTIONAL BLOCK DIAGRAM
INPUT
REGISTER
DAC
REGISTER
INTERFACE
LOGIC
DIN
GND
VOUTB
VOUTC
VOUTD
VOUTE
VOUTG
VOUTH
VOUTF
VDD
RESET
GAIN-SELECT
LOGIC
VOUTA
VREFEFGH
VDD
VREFABCD
SCLK
POWER-ON
RESET
GAIN-SELECT
LOGIC
POWER-DOWN
LOGIC
STRING
BUFFER
BUFFER
BUFFER
BUFFER
BUFFER
BUFFER
BUFFER
BUFFER
BUFFER
BUFFER
BUFFER
BUFFER
BUFFER
BUFFER
BUFFER
DD
VDD
INPUT
REGISTER
INPUT
REGISTER
INPUT
REGISTER
INPUT
REGISTER
INPUT
REGISTER
INPUT
REGISTER
INPUT
REGISTER
STRING
DAC A
STRING
DAC B
STRING
DAC C
STRING
DAC D
STRING
DAC E
STRING
DAC F
STRING
DAC G
STRING
DAC H
DAC
REGISTER
DAC
REGISTER
DAC
REGISTER
DAC
REGISTER
DAC
REGISTER
DAC
REGISTER
DAC
REGISTER
SYNC
LDAC
LDAC
BUFFER
BUFFER
GND
Figure 1.


Similar Part No. - AD5318BRU-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5318BRU-REEL AD-AD5318BRU-REEL Datasheet
408Kb / 28P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
Rev. F
AD5318BRU-REEL7 AD-AD5318BRU-REEL7 Datasheet
408Kb / 28P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
Rev. F
More results

Similar Description - AD5318BRU-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5308 AD-AD5308_1 Datasheet
575Kb / 24P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. D
AD5318 AD-AD5318_15 Datasheet
408Kb / 28P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
Rev. F
AD5328 AD-AD5328_15 Datasheet
408Kb / 28P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
Rev. F
AD5308 AD-AD5308 Datasheet
308Kb / 19P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. B
AD5308 AD-AD5308_11 Datasheet
408Kb / 28P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
Rev. F
AD5328ARUZ AD-AD5328ARUZ Datasheet
408Kb / 28P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
Rev. F
AD5307 AD-AD5307_15 Datasheet
585Kb / 28P
   2.5 V to 5.5 V, 400 A, Quad Voltage Output, 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. C
AD5317 AD-AD5317_15 Datasheet
585Kb / 28P
   2.5 V to 5.5 V, 400 A, Quad Voltage Output, 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. C
AD5327 AD-AD5327_15 Datasheet
585Kb / 28P
   2.5 V to 5.5 V, 400 A, Quad Voltage Output, 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. C
AD5307BRU AD-AD5307BRU Datasheet
585Kb / 28P
   2.5 V to 5.5 V, 400 關A, Quad Voltage Output, 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com