Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FU-632SEA-3M73A Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # FU-632SEA-3M73A
Description  1.55 um EAM/DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL(WDM)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

FU-632SEA-3M73A Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  FU-632SEA-3M73A Datasheet HTML 1Page - Mitsubishi Electric Semiconductor FU-632SEA-3M73A Datasheet HTML 2Page - Mitsubishi Electric Semiconductor FU-632SEA-3M73A Datasheet HTML 3Page - Mitsubishi Electric Semiconductor FU-632SEA-3M73A Datasheet HTML 4Page - Mitsubishi Electric Semiconductor FU-632SEA-3M73A Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MITSUBISHI (OPTICAL DEVICES)
FU-632SEA-3MxxA/FU-632SEA-6MxxA
1.55
mm EAM/DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL(WDM)
THERMAL CHARACTERISTICS (Tld=Tset, Tc=-20~70
°C)
Parameter
Symbol
Test Conditions
Limits
Unit
Min.
Typ.
Max.
Thermistor resistance
Rth
Tld=25
°C
9.5
10
10.5
k
W
B constant of Rth
B
-
-
3950
-
K
Cooler current
Ipe
If=Iop,Tld=Tset,Tc=70
°C
-
0.7
1.2
A
Cooler voltage
Vpe
If=Iop,Tld=Tset,Tc=70
°C
-
1.7
2.5
V
FIBER PIGTAIL SPECIFICATIONS
Parameter
Limits
Unit
Type
SM
-
Mode field diameter
9.5
1
mm
Cladding diameter
125
2
mm
Secondary coating outer diameter
0.9
0.1
mm
Optical return loss of connector
40 (min)
dB
DOCUMENTATION (Tld=Tset)
Fiber output power vs. Laser forward current at Vm=0V, Tld=Tset and Tc=25
°C.
BER curves at 2.48832Gb/s modulation at Tld=Tset and Tc=25
°C.
Threshold current (Ith) at Tld=Tset and Tc=25
°C.
Laser forward current (Iop) at Pf=1.2mW, Vm=0V, Tld=Tset and Tc=25
°C.
Laser forward voltage (Vop) at Pf=1.2mW, Vm=0V, Tld=Tset and Tc=25
°C.
Laser operating temperature (Tset) at
lc. (Note 7)
Monitor current (Imon) at Pf=1.2mW, Vm=0V, Tld=Tset and Tc=25
°C.
Thermistor resistance (Rth) at
lc. (Note 7).
Cooler current (Ipe) at Pf=1.2mW, Vm=0V, Tld=Tset and Tc=70
°C.
Cooler voltage (Vpe) at Pf=1.2mW, Vm=0V, Tld=Tset and Tc=70
°C.
Note: 7. Tset is attached as a reference data. Rth should be used in order to tune the wavelength to the specified
value accurately.


Similar Part No. - FU-632SEA-3M73A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FU-632SEA-V61M11F MITSUBISHI-FU-632SEA-V61M11F Datasheet
212Kb / 6P
   1.55 um EAM/DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-632SEA-V61M13F MITSUBISHI-FU-632SEA-V61M13F Datasheet
212Kb / 6P
   1.55 um EAM/DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-632SEA-V61M15F MITSUBISHI-FU-632SEA-V61M15F Datasheet
212Kb / 6P
   1.55 um EAM/DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-632SEA-V61M17F MITSUBISHI-FU-632SEA-V61M17F Datasheet
212Kb / 6P
   1.55 um EAM/DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-632SEA-V61M19F MITSUBISHI-FU-632SEA-V61M19F Datasheet
212Kb / 6P
   1.55 um EAM/DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
More results

Similar Description - FU-632SEA-3M73A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FU-632SEA-X61MYYF MITSUBISHI-FU-632SEA-X61MYYF Datasheet
212Kb / 6P
   1.55 um EAM/DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-68SDF-X9YYMZZF MITSUBISHI-FU-68SDF-X9YYMZZF Datasheet
171Kb / 6P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-650SDF-XW5M1 MITSUBISHI-FU-650SDF-XW5M1 Datasheet
82Kb / 4P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-636SDF-F1M1 MITSUBISHI-FU-636SDF-F1M1 Datasheet
45Kb / 3P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-627SDF MITSUBISHI-FU-627SDF Datasheet
48Kb / 3P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-627SDF-FX1 MITSUBISHI-FU-627SDF-FX1 Datasheet
66Kb / 4P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-653SEA-X2MYYF MITSUBISHI-FU-653SEA-X2MYYF Datasheet
134Kb / 5P
   1.55 關m EAM/DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-653SEA-X1M2F MITSUBISHI-FU-653SEA-X1M2F Datasheet
88Kb / 4P
   1.55 關m EAM/DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-653SEA-X1M6F MITSUBISHI-FU-653SEA-X1M6F Datasheet
110Kb / 4P
   1.55 關m EAM/DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-627SLD-F1M54 MITSUBISHI-FU-627SLD-F1M54 Datasheet
51Kb / 3P
   1.55 um LD MODULE WITH SINGLEMODE FIBER PIGTAIL
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com