Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BN83C51FA Datasheet(PDF) 7 Page - Intel Corporation

Part # BN83C51FA
Description  EVENT-CONTROL CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

BN83C51FA Datasheet(HTML) 7 Page - Intel Corporation

Back Button BN83C51FA Datasheet HTML 3Page - Intel Corporation BN83C51FA Datasheet HTML 4Page - Intel Corporation BN83C51FA Datasheet HTML 5Page - Intel Corporation BN83C51FA Datasheet HTML 6Page - Intel Corporation BN83C51FA Datasheet HTML 7Page - Intel Corporation BN83C51FA Datasheet HTML 8Page - Intel Corporation BN83C51FA Datasheet HTML 9Page - Intel Corporation BN83C51FA Datasheet HTML 10Page - Intel Corporation BN83C51FA Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
AUTOMOTIVE 80C51FA83C51FA
ABSOLUTE MAXIMUM RATINGS
Ambient Temperature
Under Bias
b
40 Cto a125 C
Storage Temperature
b
65 Cto a150 C
Voltage on Any Other Pin to VSS
b
05V to a65V
IOL IO Pin
15 mA
Power Dissipation15W
(Based on PACKAGE heat transfer limitations not
device power consumption)
Typical Junction Temperature (TJ)
a
135 C
(Based upon Ambient Temperature at a125 C)
Typical Thermal Resistance
Junction-to-Ambient (iJA)
PDIP
45 CW
PLCC
46 CW
NOTICE This is a production data sheet The specifi-
cations are subject to change without notice
WARNING Stressing the device beyond the ‘‘Absolute
Maximum Ratings’’ may cause permanent damage
These are stress ratings only Operation beyond the
‘‘Operating Conditions’’ is not recommended and ex-
tended exposure beyond the ‘‘Operating Conditions’’
may affect device reliability
DC CHARACTERISTICS (TA eb40 Cto a125 C VCC e 5V g10% VSS e 0V)
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
VIL
Input Low Voltage
b
05
02 VCCb01
V
VIL1
Input Low Voltage EA
0
02 VCCb03
V
VIH
Input High Voltage
02 VCCa09
VCCa05
V
(Except XTAL2 RST EA)
VIH1
Input High Voltage
07 VCC
VCCa05
V
(XTAL RST)
VOL
Output Low Voltage
045
V
IOL e 16 mA(1)
(Ports 1 2 and 3)
VOL1
Output Low Voltage
045
V
IOL e 20
(Port 0 ALEPROG PSEN)IOL e 32 mA(1)
IOL e 70 mA
VOH
Output High Voltage
24
V
IOH eb60 mA
(Ports 1 2 and 3
ALEPROG and PSEN)
09 VCC
VIOH eb10 mA(2)
VOH1
Output High Voltage
24
V
IOH eb800 mA
(Port 0 in External Bus Mode)
09 VCC
VIOH eb80 mA(2)
IIL
Logical 0 Input Current
b
10
b
50
m
AVIN e 045V
(Ports 1 2 and 3)
ILI
Input leakage Current
002
g
10
m
AVIN e VIL or VIH
(Port 0)
7


Similar Part No. - BN83C51FA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BN82428 ETC-BN82428 Datasheet
137Kb / 2P
   Pozi pan head screws with cross recess Pozidriv type Z
logo
Intel Corporation
BN87C51FA INTEL-BN87C51FA Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
BN87C51FB INTEL-BN87C51FB Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
BN87C51FC INTEL-BN87C51FC Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
BN87C51FC-20 INTEL-BN87C51FC-20 Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results

Similar Description - BN83C51FA

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8XC51GB INTEL-8XC51GB Datasheet
311Kb / 22P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C31BH INTEL-80C31BH Datasheet
229Kb / 16P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC52 INTEL-8XC52 Datasheet
317Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C52 INTEL-80C52 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC51R INTEL-8XC51R Datasheet
294Kb / 20P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
TD87C54 INTEL-TD87C54 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EN80C321SF88 INTEL-EN80C321SF88 Datasheet
1Mb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
M80C51FB INTEL-M80C51FB Datasheet
184Kb / 12P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EE87C51FB1SF76 INTEL-EE87C51FB1SF76 Datasheet
256Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com