Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

82434NX Datasheet(PDF) 11 Page - Intel Corporation

Part # 82434NX
Description  PCI, CACHE AND MEMORY CONTROLLER PCMC
Download  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82434NX Datasheet(HTML) 11 Page - Intel Corporation

Back Button 82434NX Datasheet HTML 7Page - Intel Corporation 82434NX Datasheet HTML 8Page - Intel Corporation 82434NX Datasheet HTML 9Page - Intel Corporation 82434NX Datasheet HTML 10Page - Intel Corporation 82434NX Datasheet HTML 11Page - Intel Corporation 82434NX Datasheet HTML 12Page - Intel Corporation 82434NX Datasheet HTML 13Page - Intel Corporation 82434NX Datasheet HTML 14Page - Intel Corporation 82434NX Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 191 page
background image
82434LX82434NX
290479 – 2
Figure 1 Block Diagram of a 82430LX82430NX PCIset ISA System
PCI Bus
The PCI Bus is designed to address the growing in-
dustry needs for a standardized
local bus that is not
directly dependent on the speed and the size of the
processor bus New generations of personal com-
puter system software such as WindowsTM and
Win-NTTM with sophisticated graphical interfaces
multi-tasking and multi-threading bring new require-
ments that traditional PC IO architectures cannot
satisfy In addition to the higher bandwidth reliability
and robustness of the IO subsystem are becoming
increasingly important PCI addresses these needs
and provides a future upgrade path PCI features in-
clude
 Processor independent
 Multiplexed burst mode operation
 Synchronous at frequencies up to 33 MHz
 120 MBytesec usable throughput
(132 MBytesec peak) for a 32-bit data path
11


Similar Part No. - 82434NX

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8243 FILTRAN-8243 Datasheet
198Kb / 1P
   LAN 10/100 BASE-T Single Port Transformer Modules
logo
API Technologies Corp
8243 APITECH-8243 Datasheet
659Kb / 1P
   10/100 BASE-T Single Port Transformer Module
logo
Heyco.
8243 HEYCO-8243 Datasheet
149Kb / 1P
   Heavy Duty Ground Pins – Female
logo
RAF ELECTRONIC HARDWARE
8243-1032-SS RAF-8243-1032-SS Datasheet
117Kb / 1P
   ROUND INTERNAL THREAD HANDLE
logo
FIBOX Enclosing innovat...
8243020 FIBOX-8243020 Datasheet
36Kb / 1P
   Mounting Frame with DIN-rails, for enclosures
26.07.2023
More results

Similar Description - 82434NX

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
PC107A ATMEL-PC107A Datasheet
453Kb / 50P
   PCI Bridge Memory Controller
logo
Motorola, Inc
MPC106 MOTOROLA-MPC106 Datasheet
142Kb / 28P
   PCI Bridge/Memory Controller
logo
NXP Semiconductors
MPC105 NXP-MPC105 Datasheet
422Kb / 24P
   MPC105 PCI Bridge/Memory Controller Hardware Specifications
5/95
MPC106EC NXP-MPC106EC Datasheet
443Kb / 28P
   MPC106 PCI Bridge/Memory Controller Hardware Specifications
Rev. 6
logo
List of Unclassifed Man...
9750-4I ETC2-9750-4I Datasheet
886Kb / 3P
   512MB 800MHz DDRII cache memory
VL82C325 ETC1-VL82C325 Datasheet
3Mb / 58P
   VL82C386SX SYSTEM CACHE CONTROLLER
logo
Maxim Integrated Produc...
DS2731 MAXIM-DS2731 Datasheet
214Kb / 20P
   Cache-Memory Battery-Backup Management IC
Rev 1; 1/09
logo
Toshiba Semiconductor
TC6371AF TOSHIBA-TC6371AF Datasheet
614Kb / 58P
   PCI to SD Memory Card / SmartMedia??Interface Controller
logo
Intel Corporation
316966-002 INTEL-316966-002 Datasheet
2Mb / 437P
   Graphics and Memory Controller Hub
82845PE INTEL-82845PE Datasheet
2Mb / 176P
   82845GE Graphics and Memory Controller Hub (GMCH) and 82845PE Memory Controller Hub (MCH)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com