Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5300 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5300
Description  2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 8-Bit DAC in a SOT-23
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5300 Datasheet(HTML) 3 Page - Analog Devices

  AD5300_15 Datasheet HTML 1Page - Analog Devices AD5300_15 Datasheet HTML 2Page - Analog Devices AD5300_15 Datasheet HTML 3Page - Analog Devices AD5300_15 Datasheet HTML 4Page - Analog Devices AD5300_15 Datasheet HTML 5Page - Analog Devices AD5300_15 Datasheet HTML 6Page - Analog Devices AD5300_15 Datasheet HTML 7Page - Analog Devices AD5300_15 Datasheet HTML 8Page - Analog Devices AD5300_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
AD5300
–3–
REV.
TIMING CHARACTERISTICS1, 2
Limit at TMIN, TMAX
Parameter
VDD = 2.7 V to 3.6 V
VDD = 3.6 V to 5.5 V
Unit
Conditions/Comments
t1
3
50
33
ns min
SCLK Cycle Time
t2
13
13
ns min
SCLK High Time
t3
22.5
13
ns min
SCLK Low Time
t4
13
13
ns min
SYNC to SCLK Falling Edge Setup Time
t5
55
ns min
Data Setup Time
t6
4.5
4.5
ns min
Data Hold Time
t7
00
ns min
SCLK Falling Edge to
SYNC Rising Edge
t8
50
33
ns min
Minimum
SYNC High Time
NOTES
1All input signals are specified with tr = tf = 5 ns (10% to 90% of V
DD) and timed from a voltage level of (VIL + VIH)/2.
2See Figure 1.
3Maximum SCLK frequency is 30 MHz at V
DD = 3.6 V to 5.5 V and 20 MHz at VDD = 2.7 V to 3.6 V.
Specifications subject to change without notice.
SCLK
SYNC
DIN
t8
DB15
DB0
t4
t3
t2
t7
t5
t6
t1
Figure 1. Serial Write Operation
(VDD = 2.7 V to 5.5 V; all specifications TMIN to TMAX, unless otherwise noted.)
ABSOLUTE MAXIMUM RATINGS
*
(TA = 25
°C, unless otherwise noted.)
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
Digital Input Voltage to GND . . . . . . . –0.3 V to VDD + 0.3 V
VOUT to GND . . . . . . . . . . . . . . . . . . . –0.3 V to VDD + 0.3 V
Operating Temperature Range
Industrial (B Version) . . . . . . . . . . . . . . . –40
°C to +105°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature (TJ max) . . . . . . . . . . . . . . . . . . . 150
°C
SOT-23 Package
Power Dissipation . . . . . . . . . . . . . . . . . . . (TJ max–TA)/
θ
JA
θ
JA Thermal Impedance
. . . . . . . . . . . . . . . . . . . . 240
°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . 215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . 220
°C
MSOP Package
Power Dissipation . . . . . . . . . . . . . . . . . . . (TJ max–TA)/
θ
JA
θ
JA Thermal Impedance
. . . . . . . . . . . . . . . . . . . . 206
°C/W
θJC Thermal Impedance . . . . . . . . . . . . . . . . . . . . . 44°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . 215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . 220
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute maximum rating condi-
tions for extended periods may affect device reliability.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD5300 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
D


Similar Part No. - AD5300_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5300BRM AD-AD5300BRM Datasheet
202Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 8-Bit DAC in an SOT-23
REV. C
AD5300BRM AD-AD5300BRM Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
AD5300BRM-REEL AD-AD5300BRM-REEL Datasheet
202Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 8-Bit DAC in an SOT-23
REV. C
AD5300BRM-REEL7 AD-AD5300BRM-REEL7 Datasheet
202Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 8-Bit DAC in an SOT-23
REV. C
AD5300BRMZ AD-AD5300BRMZ Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
More results

Similar Description - AD5300_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5300BRMZ-REEL7 AD-AD5300BRMZ-REEL7 Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
AD5310 AD-AD5310_15 Datasheet
578Kb / 16P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. B
AD5320 AD-AD5320_15 Datasheet
410Kb / 20P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 12-Bit DAC in an SOT-23
REV. C
AD5320 AD-AD5320 Datasheet
192Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 12-Bit DAC in a SOT-23
REV. B
AD5310BRMZ-REEL7 AD-AD5310BRMZ-REEL7 Datasheet
578Kb / 16P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. B
AD5320 AD-AD5320_05 Datasheet
410Kb / 20P
   2.7 V to 5.5 V, 140 關A, Rail-to-Rail Output 12-Bit DAC in an SOT-23
REV. C
AD5310 AD-AD5310 Datasheet
164Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. A
AD5300 AD-AD5300 Datasheet
202Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 8-Bit DAC in an SOT-23
REV. C
AD5662 AD-AD5662 Datasheet
357Kb / 20P
   2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output 16-Bit DAC D/A in a SOT-23
Rev. PrA
AD5662 AD-AD5662_15 Datasheet
584Kb / 24P
   2.7 V to 5.5 V, 250 A, Rail-to-Rail Output 16-Bit nanoDACT in a SOT-23
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com