Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP80C51FA Datasheet(PDF) 9 Page - Intel Corporation

Part # AP80C51FA
Description  EVENT-CONTROL CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

AP80C51FA Datasheet(HTML) 9 Page - Intel Corporation

Back Button AP80C51FA Datasheet HTML 5Page - Intel Corporation AP80C51FA Datasheet HTML 6Page - Intel Corporation AP80C51FA Datasheet HTML 7Page - Intel Corporation AP80C51FA Datasheet HTML 8Page - Intel Corporation AP80C51FA Datasheet HTML 9Page - Intel Corporation AP80C51FA Datasheet HTML 10Page - Intel Corporation AP80C51FA Datasheet HTML 11Page - Intel Corporation AP80C51FA Datasheet HTML 12Page - Intel Corporation AP80C51FA Datasheet HTML 13Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
AUTOMOTIVE 80C51FA83C51FA
270501 – 7
ICC Max at other frequencies is given by
Active Mode
ICC Max e (3 c Osc Freq) a 4
Idle Mode
ICC Max e (049 c Osc Freq) a 16
Where Osc Freq is in MHz ICC is in mA
Figure 6 ICC vs Frequency
270501 – 8
TCLCH e TCHCL e 5ns
Figure 7 ICC Test Condition Active Mode
All other pins disconnected
270501 – 9
TCLCH e TCHCL e 5ns
Figure 8 ICC Test Condition Idle Mode
All other pins disconnected
270501 – 10
Figure 9 ICC Test Condition
Power Down Mode
All other pins disconnected
VCC e 20V to 55V
270501 – 11
Figure 10 Clock Signal Waveform for ICC Tests in Active and Idle Modes TCLCH e TCHCL e 5 ns
9


Similar Part No. - AP80C51FA

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
AP80C154-12 TEMIC-AP80C154-12 Datasheet
242Kb / 24P
   CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
AP80C154-16 TEMIC-AP80C154-16 Datasheet
242Kb / 24P
   CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
AP80C154-20 TEMIC-AP80C154-20 Datasheet
242Kb / 24P
   CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
AP80C154-25 TEMIC-AP80C154-25 Datasheet
242Kb / 24P
   CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
AP80C154-30 TEMIC-AP80C154-30 Datasheet
242Kb / 24P
   CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
More results

Similar Description - AP80C51FA

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8XC51GB INTEL-8XC51GB Datasheet
311Kb / 22P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C31BH INTEL-80C31BH Datasheet
229Kb / 16P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC52 INTEL-8XC52 Datasheet
317Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C52 INTEL-80C52 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC51R INTEL-8XC51R Datasheet
294Kb / 20P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
TD87C54 INTEL-TD87C54 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EN80C321SF88 INTEL-EN80C321SF88 Datasheet
1Mb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
M80C51FB INTEL-M80C51FB Datasheet
184Kb / 12P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EE87C51FB1SF76 INTEL-EE87C51FB1SF76 Datasheet
256Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com