Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPA1910 Datasheet(PDF) 2 Page - NEC

Part # UPA1910
Description  P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA1910 Datasheet(HTML) 2 Page - NEC

  UPA1910 Datasheet HTML 1Page - NEC UPA1910 Datasheet HTML 2Page - NEC UPA1910 Datasheet HTML 3Page - NEC UPA1910 Datasheet HTML 4Page - NEC UPA1910 Datasheet HTML 5Page - NEC UPA1910 Datasheet HTML 6Page - NEC UPA1910 Datasheet HTML 7Page - NEC UPA1910 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Data Sheet D13105EJ2V0DS00
2
µµµµPA1910
ELECTRICAL CHARACTERISTICS (TA = 25 °C)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Zero Gate Voltage Drain Current
IDSS
VDS = –12 V, VGS = 0 V
–10
µA
Gate Leakage Current
IGSS
VGS = ±10 V, VDS = 0 V
±10
µA
Gate to Source Cut-off Voltage
VGS(off)
VDS = –10 V, ID = –1 mA
–0.4
–0.72
–1.5
V
Forward Transfer Admittance
| yfs |VDS = –10 V, ID = –1.5 A1
5.1
S
Drain to Source On-state Resistance
RDS(on)1
VGS = –4.5 V, ID = –1.5 A60
80
m
RDS(on)2
VGS = –4.0 V, ID = –1.5 A63
90
m
RDS(on)3
VGS = –3.0 V, ID = –1.0 A
75
100
m
RDS(on)4
VGS = –2.5 V, ID = –1.0 A
86
130
m
Input Capacitance
Ciss
VDS = –10 V
386
pF
Output Capacitance
Coss
VGS = 0 V
283
pF
Reverse Transfer Capacitance
Crss
f = 1 MHz
154
pF
Turn-on Delay Time
td(on)
VDD = –10 V
131
ns
Rise Time
tr
ID = –1.5 A
603
ns
Turn-off Delay Time
td(off)
VGS(on) = –4.0 V
427
ns
Fall Time
tf
RG = 10
1470
ns
Total Gate Charge
QG
VDD = –10 V6.7
nC
Gate to Source Charge
QGS
ID = –3.0 A1.6
nC
Gate to Drain Charge
QGD
VGS = –4.0 V2.9
nC
Diode Forward Voltage
VF(S-D)
IF = 2.5 A, VGS = 0 V0.74
V
Reverse Recovery Time
trr
IF = 2.5 A, VGS = 0 V
30.0
ns
Reverse Recovery Charge
Qrr
di/dt = 10 A /
µs2.2
nC
PG.
RG
0
VGS
D.U.T.
RL
VDD
τ = 1 s
µ
Duty Cycle
≤ 1 %
VGS
Wave Form
ID
Wave Form
VGS
10 %
90 %
VGS(on)
10 %
0
ID
90 %
90 %
td(on)
tr
td(off)
tf
10 %
τ
RG = 10
ID
0
ton
toff
PG.
50
D.U.T.
RL
VDD
IG = 2 mA
TEST CIRCUIT 1 SWITCHING TIME
TEST CIRCUIT 2 GATE CHARGE


Similar Part No. - UPA1910

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA1910 RENESAS-UPA1910 Datasheet
230Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
1999
UPA1910TE RENESAS-UPA1910TE Datasheet
230Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
1999
logo
VBsemi Electronics Co.,...
UPA1910TE VBSEMI-UPA1910TE Datasheet
445Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - UPA1910

ManufacturerPart #DatasheetDescription
logo
NEC
UPA1916 NEC-UPA1916 Datasheet
62Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA653TT NEC-UPA653TT Datasheet
70Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA678TB NEC-UPA678TB Datasheet
60Kb / 6P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SJ557 NEC-2SJ557 Datasheet
62Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1915 NEC-UPA1915 Datasheet
66Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1856 NEC-UPA1856 Datasheet
77Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
logo
Renesas Technology Corp
PA1815 RENESAS-PA1815_15 Datasheet
200Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1856 RENESAS-PA1856_15 Datasheet
208Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1913 RENESAS-PA1913_15 Datasheet
202Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1914 RENESAS-PA1914_15 Datasheet
201Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SJ648 RENESAS-2SJ648_15 Datasheet
269Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com