Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TN83C51FA Datasheet(PDF) 8 Page - Intel Corporation

Part # TN83C51FA
Description  EVENT-CONTROL CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

TN83C51FA Datasheet(HTML) 8 Page - Intel Corporation

Back Button TN83C51FA Datasheet HTML 4Page - Intel Corporation TN83C51FA Datasheet HTML 5Page - Intel Corporation TN83C51FA Datasheet HTML 6Page - Intel Corporation TN83C51FA Datasheet HTML 7Page - Intel Corporation TN83C51FA Datasheet HTML 8Page - Intel Corporation TN83C51FA Datasheet HTML 9Page - Intel Corporation TN83C51FA Datasheet HTML 10Page - Intel Corporation TN83C51FA Datasheet HTML 11Page - Intel Corporation TN83C51FA Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
AUTOMOTIVE 80C51FA83C51FA
DC CHARACTERISTICS (TA eb40 Cto a125 C VCC e 5V g10% VSS e 0V) (Continued)
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
ITL
Logical 1 to 0 Transition Current
b
265
b
650
m
AVIN e 2V
(Ports 1 2 and 3)
RRST
RST Pulldown Resistor
40
100
225
KX
CIO
Pin Capacitance
10
pF
1MHz 25 C
ICC
Power Supply Current
(Note 3)
Running at 12 MHz (Figure 5)
40
mA
Idle Mode at 12 MHz (Figure 5)
15
mA
Power Down Mode (IPD)
150
m
A
NOTES
1 Capacitive loading on Ports 0 and 2 may cause noise pulses to be superimposed on the VOLs of ALE and Ports 1 and 3
The noise is due to external bus capacitance discharging into the Port 0 and Port 2 pins when these pins make 1 to 0
transitions during bus operations In applications where capacitance loading exceeds 100 pFs the noise pulse on the ALE
signal may exceed 08V In these cases it may be desirable to qualify ALE with a Schmitt Trigger or use an Address Latch
with a Schmitt Trigger Strobe input
2 Capacitive loading on Ports 0 and 2 cause the VOH on ALE and PSEN to drop below the 09 VCC specification when the
address lines are stabilizing
3 See Figures 6 – 9 for test conditions Minimum VCC for Power Down is 20V
4 Typicals are based on limited number of samples and are not guaranteed The values listed are at room temperature and
50V
5 Under steady state (non-transient) conditions IOL must be externally limited as follows
Maximum IOL per Port Pin
10 mA
Maximum IOL per 8-Bit Port -
Port 0
26 mA
Ports 1 2 and 3
15 mA
Maximum Total IOL for all Output Pins
71 mA
If IOL exceeds the test condition VOL may exceed the related specification Pins are not guaranteed to sink current greater
than the listed test conditions
6 Contact Intel for design-in information
8


Similar Part No. - TN83C51FA

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
TN83C196MD INTEL-TN83C196MD Datasheet
1Mb / 25P
   INDUSTRIAL MOTOR CONTROL MICROCONTROLLER
TN83C251SA16 INTEL-TN83C251SA16 Datasheet
428Kb / 36P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
TN83C251SB16 INTEL-TN83C251SB16 Datasheet
428Kb / 36P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
TN83C251SP16 INTEL-TN83C251SP16 Datasheet
428Kb / 36P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
TN83C251SQ16 INTEL-TN83C251SQ16 Datasheet
428Kb / 36P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
More results

Similar Description - TN83C51FA

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8XC51GB INTEL-8XC51GB Datasheet
311Kb / 22P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C31BH INTEL-80C31BH Datasheet
229Kb / 16P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC52 INTEL-8XC52 Datasheet
317Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C52 INTEL-80C52 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC51R INTEL-8XC51R Datasheet
294Kb / 20P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
TD87C54 INTEL-TD87C54 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EN80C321SF88 INTEL-EN80C321SF88 Datasheet
1Mb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
M80C51FB INTEL-M80C51FB Datasheet
184Kb / 12P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EE87C51FB1SF76 INTEL-EE87C51FB1SF76 Datasheet
256Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com