Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N80C186XL Datasheet(PDF) 5 Page - Intel Corporation

Part # N80C186XL
Description  16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

N80C186XL Datasheet(HTML) 5 Page - Intel Corporation

  N80C186XL Datasheet HTML 1Page - Intel Corporation N80C186XL Datasheet HTML 2Page - Intel Corporation N80C186XL Datasheet HTML 3Page - Intel Corporation N80C186XL Datasheet HTML 4Page - Intel Corporation N80C186XL Datasheet HTML 5Page - Intel Corporation N80C186XL Datasheet HTML 6Page - Intel Corporation N80C186XL Datasheet HTML 7Page - Intel Corporation N80C186XL Datasheet HTML 8Page - Intel Corporation N80C186XL Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
80C186XL80C188XL
Bus Interface Unit
The 80C186XL provides a local bus controller to
generate the local bus control signals In addition it
employs a HOLDHLDA protocol for relinquishing
the local bus to other bus masters It also provides
outputs that can be used to enable external buffers
and to direct the flow of data on and off the local
bus
The bus controller is responsible for generating 20
bits of address read and write strobes bus cycle
status information and data (for write operations) in-
formation It is also responsible for reading data
from the local bus during a read operation Synchro-
nous and asynchronous ready input pins are provid-
ed to extend a bus cycle beyond the minimum four
states (clocks)
The 80C186XL bus controller also generates two
control signals (DEN and DTR) when interfacing to
external transceiver chips This capability allows the
addition of transceivers for simple buffering of the
multiplexed addressdata bus
During RESET the local bus controller will perform
the following action
 Drive DEN RD and WR HIGH for one clock cy-
cle then float them
 Drive S0–S2 to the inactive state (all HIGH) and
then float
 Drive LOCK HIGH and then float
 Float AD0–15 (AD0–8) A16–19 (A9–A19) BHE
(RFSH) DTR
 Drive ALE LOW
 Drive HLDA LOW
RD QSMD
UCS
LCS
MCS0 PEREQ
MCS1
ERROR and TEST BUSY pins have internal pullup
devices which are active while RES is applied Ex-
cessive loading or grounding certain of these pins
causes the 80C186XL to enter an alternative mode
of operation
 RD QSMD low results in Queue Status Mode
 UCS and LCS low results in ONCE Mode
 TEST BUSY low (and high later) results in En-
hanced Mode
80C186XL PERIPHERAL
ARCHITECTURE
All the 80C186XL integrated peripherals are con-
trolled by 16-bit registers contained within an inter-
nal 256-byte control block The control block may be
mapped into either memory or IO space Internal
logic will recognize control block addresses and re-
spond to bus cycles An offset map of the 256-byte
control register block is shown in Figure 3
Chip-SelectReady Generation Logic
The 80C186XL contains logic which provides
programmable chip-select generation for both mem-
ories and peripherals
In addition
it can be
programmed to provide READY (or WAIT state) gen-
eration It can also provide latched address bits A1
and A2 The chip-select lines are active for all mem-
ory and IO cycles in their programmed areas
whether they be generated by the CPU or by the
integrated DMA unit
The 80C186XL provides 6 memory chip select out-
puts for 3 address areas upper memory lower
memory and midrange memory One each is provid-
ed for upper memory and lower memory while four
are provided for midrange memory
OFFSET
Relocation Register
FEH
DMA Descriptors Channel 1
DAH
D0H
DMA Descriptors Channel 0
CAH
C0H
Chip-Select Control Registers
A8H
A0H
Time 2 Control Registers
66H
60H
Time 1 Control Registers
5EH
58H
Time 0 Control Registers
56H
50H
Interrupt Controller Registers
3EH
20H
Figure 3 Internal Register Map
The 80C186XL provides a chip select called UCS
for the top of memory The top of memory is usually
used as the system memory because after reset the
80C186XL begins executing at memory location
FFFF0H
5
5


Similar Part No. - N80C186XL

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
N80C186XL12 INTEL-N80C186XL12 Datasheet
405Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
logo
InnovASIC, Inc
N80C186XL12 INNOVASIC-N80C186XL12 Datasheet
1Mb / 75P
   16-Bit Microcontroller
N80C186XL20 INNOVASIC-N80C186XL20 Datasheet
1Mb / 75P
   16-Bit Microcontroller
N80C186XL25 INNOVASIC-N80C186XL25 Datasheet
1Mb / 75P
   16-Bit Microcontroller
More results

Similar Description - N80C186XL

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80C186XL INTEL-80C186XL Datasheet
561Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186EA INTEL-80C186EA Datasheet
709Kb / 50P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186EB INTEL-80C186EB Datasheet
779Kb / 59P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
A80C186XL20 INTEL-A80C186XL20 Datasheet
405Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
EE80C188XL12 INTEL-EE80C188XL12 Datasheet
405Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
QU80C186EC25 INTEL-QU80C186EC25 Datasheet
1Mb / 57P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
EE80C186XL20 INTEL-EE80C186XL20 Datasheet
405Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
EG80C186EC25 INTEL-EG80C186EC25 Datasheet
1Mb / 57P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
TS80C186EB20 INTEL-TS80C186EB20 Datasheet
576Kb / 59P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186EC INTEL-80C186EC Datasheet
790Kb / 57P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com