Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GT28F160B3-T120 Datasheet(PDF) 5 Page - Intel Corporation

Part # GT28F160B3-T120
Description  SMART 3 ADVANCED BOOT BLOCK WORD-WIDE
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GT28F160B3-T120 Datasheet(HTML) 5 Page - Intel Corporation

  GT28F160B3-T120 Datasheet HTML 1Page - Intel Corporation GT28F160B3-T120 Datasheet HTML 2Page - Intel Corporation GT28F160B3-T120 Datasheet HTML 3Page - Intel Corporation GT28F160B3-T120 Datasheet HTML 4Page - Intel Corporation GT28F160B3-T120 Datasheet HTML 5Page - Intel Corporation GT28F160B3-T120 Datasheet HTML 6Page - Intel Corporation GT28F160B3-T120 Datasheet HTML 7Page - Intel Corporation GT28F160B3-T120 Datasheet HTML 8Page - Intel Corporation GT28F160B3-T120 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
E
SMART 3 ADVANCED BOOT BLOCK–WORD-WIDE
5
PRELIMINARY
1.0
INTRODUCTION
This
preliminary
datasheet
contains
the
specifications for the Advanced Boot Block flash
memory family, which is optimized for low power,
portable systems. This family of products features
1.8V–2.2V or 2.7V–3.6V I/Os and a low VCC/VPP
operating range of 2.7V–3.6V
for read and
program/erase operations. In addition this family is
capable of fast programming at 12V. Throughout
this document, the term “2.7V” refers to the full
voltage range 2.7V–3.6V (except where noted
otherwise) and “VPP = 12V” refers to 12V ±5%.
Section 1 and 2 provides an overview of the flash
memory family including applications, pinouts and
pin descriptions. Section 3 describes the memory
organization and operation for these products.
Finally, Sections 4, 5, 6 and 7 contain the
operating specifications.
1.1
Smart 3 Advanced Boot Block
Flash Memory Enhancements
The new 4-Mbit, 8-Mbit, and 16-Mbit Smart 3
Advanced Boot Block flash memory provides a
convenient upgrade from and/or compatibility to
previous 4-Mbit and 8-Mbit Boot Block products.
The Smart 3 product functions are similar to lower
density products in both command sets and
operation, providing similar pinouts to ease density
upgrades.
The Smart 3 Advanced Boot Block flash memory
features
• Enhanced blocking for easy segmentation of
code and data or additional design flexibility
• Program Suspend command which permits
program suspend to read
• WP# pin to lock and unlock the upper two (or
lower two, depending on location) 4-Kword
blocks
• VCCQ input for 1.8V–2.2V on all I/Os. See
Figure 1-4 for pinout diagrams and VCCQ
location
• Maximum program time specification for
improved data storage.
Table 1. Smart 3 Advanced Boot Block Feature Summary
Feature
28F160B3
Reference
VCC Read Voltage
2.7V– 3.6V
Table 9, Table 12
VCCQ I/O Voltage
1.8V–2.2V or 2.7V– 3.6V
Table 9, Table 12
VPP Program/Erase Voltage
2.7V– 3.6V or 11.4V– 12.6V
Table 9, Table 12
Bus Width
16 bit
Table 2
Speed
120 ns
Table 15
Memory Arrangement
256-Kbit x 16 (4-Mbit), 512-Kbit x 16 (8-Mbit),
1024-Kbit x 16 (16-Mbit)
Blocking (top or bottom)
Eight 4-Kword parameter blocks (4/8/16) &
Seven 32-Kword blocks (4-Mbit)
Fifteen 32-Kword blocks (8-Mbit)
Thirty-one 32-Kword main blocks (16-Mbit)
Section 2.2
Figures 5 and 6
Locking
WP# locks/unlocks parameter blocks
All other blocks protected using VPP switch
Section 3.3
Table 8
Operating Temperature
Extended: –40
°C to +85°C
Table 9, Table 12
Program/Erase Cycling
10,000 cycles
Table 9, Table 12
Packages
48-Lead TSOP, 48-Ball
µBGA* CSP
Figures 1, 2, 3,
and 4


Similar Part No. - GT28F160B3-T120

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
GT28F160B3B110 INTEL-GT28F160B3B110 Datasheet
304Kb / 48P
   SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
GT28F160B3B90 INTEL-GT28F160B3B90 Datasheet
304Kb / 48P
   SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
GT28F160B3BA110 INTEL-GT28F160B3BA110 Datasheet
304Kb / 48P
   SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
GT28F160B3BA110 INTEL-GT28F160B3BA110 Datasheet
920Kb / 58P
   3 Volt Advanced Boot Block Flash Memory
GT28F160B3BA90 INTEL-GT28F160B3BA90 Datasheet
304Kb / 48P
   SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
More results

Similar Description - GT28F160B3-T120

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F008B3 INTEL-28F008B3 Datasheet
408Kb / 49P
   SMART 3 ADVANCED BOOT BLOCK BYTE-WIDE
28F320B3 INTEL-28F320B3 Datasheet
304Kb / 48P
   SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
TE28F320 INTEL-TE28F320 Datasheet
920Kb / 58P
   3 Volt Advanced Boot Block Flash Memory
logo
Numonyx B.V
28F800C3 NUMONYX-28F800C3 Datasheet
639Kb / 70P
   Advanced Boot Block Flash
logo
Intel Corporation
28F640C3 INTEL-28F640C3 Datasheet
177Kb / 18P
   3 Volt Intel Advanced Boot Block Flash Memory
28F800C3 INTEL-28F800C3 Datasheet
1Mb / 68P
   Advanced Boot Block Flash Memory (C3)
28F008C3 INTEL-28F008C3 Datasheet
384Kb / 59P
   3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
RD28F3208C3T70 INTEL-RD28F3208C3T70 Datasheet
1Mb / 70P
   3 VOLT INTEL AdvancedBootBlock FlashMemory(C3)Stacked-ChipScalPackageFamilye
28F200B5 INTEL-28F200B5 Datasheet
501Kb / 38P
   SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT
logo
Texas Instruments
TMS28F400BZB TI1-TMS28F400BZB Datasheet
409Kb / 29P
[Old version datasheet]   BOOT-BLOCK FLASH MEMORIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com