Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

80L188EA Datasheet(PDF) 7 Page - Intel Corporation

Part # 80L188EA
Description  16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80L188EA Datasheet(HTML) 7 Page - Intel Corporation

Back Button 80L188EA Datasheet HTML 3Page - Intel Corporation 80L188EA Datasheet HTML 4Page - Intel Corporation 80L188EA Datasheet HTML 5Page - Intel Corporation 80L188EA Datasheet HTML 6Page - Intel Corporation 80L188EA Datasheet HTML 7Page - Intel Corporation 80L188EA Datasheet HTML 8Page - Intel Corporation 80L188EA Datasheet HTML 9Page - Intel Corporation 80L188EA Datasheet HTML 10Page - Intel Corporation 80L188EA Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
80C186EA80C188EA 80L186EA80L188EA
PCB
Function
Offset
20H
Interrupt Vector
22H
Specific EOI
24H
Reserved
26H
Reserved
28H
Interrupt Mask
2AH
Priority Mask
2C
In-Service
2E
Interrupt Request
30
Interrupt Status
32
TMR0 Interrupt Control
34
DMA0 Interrupt Control
36
DMA1 Interrupt Control
38
TMR1 Interrupt Control
3A
TMR2 Interrupt Control
3C
Reserved
3E
Reserved
Figure 4 80C186EA Slave Mode Peripheral
Control Block Registers
DMA Control Unit
The 80C186EA DMA Contol Unit provides two inde-
pendent high-speed DMA channels Data transfers
can occur between memory and IO space in any
combination memory to memory memory to IO
IO to IO or IO to memory Data can be trans-
ferred either in bytes or words Transfers may pro-
ceed to or from either even or odd addresses but
even-aligned word transfers proceed at a faster rate
Each data transfer consumes two bus cycles (a mini-
mum of eight clocks) one cycle to fetch data and
the other to store data The chip-selectready logic
may be programmed to point to the memory or IO
space subject to DMA transfers in order to provide
hardware chip select lines DMA cycles run at higher
priority than general processor execution cycles
Chip-Select Unit
The 80C186EA Chip-Select Unit integrates logic
which provides up to 13 programmable chip-selects
to access both memories and peripherals In addi-
tion each chip-select can be programmed to auto-
matically terminate a bus cycle independent of the
condition of the SRDY and ARDY input pins The
chip-select lines are available for all memory and
IO bus cycles whether they are generated by the
CPU the DMA unit or the Refresh Control Unit
Refresh Control Unit
The Refresh Control Unit (RCU) automatically gen-
erates a periodic memory read bus cycle to keep
dynamic or pseudo-static memory refreshed A 9-bit
counter controls the number of clocks between re-
fresh requests
A 9-bit address generator is maintained by the RCU
with the address presented on the A91 address
lines during the refresh bus cycle Address bits
A1913 are programmable to allow the refresh ad-
dress block to be located on any 8 Kbyte boundary
Power Management
The 80C186EA has three operational modes to con-
trol the power consumption of the device They are
Power Save Mode
Idle Mode
and Powerdown
Mode
Power Save Mode divides the processor clock by a
programmable value to take advantage of the fact
that current is linearly proportional to frequency An
unmasked interrupt NMI or reset will cause the
80C186EA to exit Power Save Mode
Idle Mode freezes the clocks of the Execution Unit
and the Bus Interface Unit at a logic zero state while
all peripherals operate normally
Powerdown Mode freezes all internal clocks at a
logic zero level and disables the crystal oscillator All
internal registers hold their values provided VCC is
maintained Current consumption is reduced to tran-
sistor leakage only
7
7


Similar Part No. - 80L188EA

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80L188EB INTEL-80L188EB Datasheet
576Kb / 59P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80L188EC INTEL-80L188EC Datasheet
1Mb / 57P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80L188EC13 INTEL-80L188EC13 Datasheet
790Kb / 57P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80L188EC16 INTEL-80L188EC16 Datasheet
790Kb / 57P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
More results

Similar Description - 80L188EA

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80C186XL INTEL-80C186XL Datasheet
561Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186XL INTEL-80C186XL Datasheet
561Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186EB INTEL-80C186EB Datasheet
779Kb / 59P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
A80C186XL20 INTEL-A80C186XL20 Datasheet
405Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
EE80C188XL12 INTEL-EE80C188XL12 Datasheet
405Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
QU80C186EC25 INTEL-QU80C186EC25 Datasheet
1Mb / 57P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
EE80C186XL20 INTEL-EE80C186XL20 Datasheet
405Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
EG80C186EC25 INTEL-EG80C186EC25 Datasheet
1Mb / 57P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
TS80C186EB20 INTEL-TS80C186EB20 Datasheet
576Kb / 59P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186EC INTEL-80C186EC Datasheet
790Kb / 57P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com