Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

80C31BH Datasheet(PDF) 10 Page - Intel Corporation

Part # 80C31BH
Description  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80C31BH Datasheet(HTML) 10 Page - Intel Corporation

Back Button 80C31BH Datasheet HTML 6Page - Intel Corporation 80C31BH Datasheet HTML 7Page - Intel Corporation 80C31BH Datasheet HTML 8Page - Intel Corporation 80C31BH Datasheet HTML 9Page - Intel Corporation 80C31BH Datasheet HTML 10Page - Intel Corporation 80C31BH Datasheet HTML 11Page - Intel Corporation 80C31BH Datasheet HTML 12Page - Intel Corporation 80C31BH Datasheet HTML 13Page - Intel Corporation 80C31BH Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AUTOMOTIVE 80C31BH80C51BH87C51
EXPLANATION OF THE AC SYMBOLS
Each timing symbol has 5 characters The first char-
acter is always a ‘T’ (stands for time) The other
characters depending on their positions stand for
the name of a signal or the logical status of that
signal The following is a list of all the characters and
what they stand for
AAddress
CClock
DInput data
HLogic level HIGH
IInstruction (program memory contents)
LLogic level LOW or ALE
PPSEN
QOutput data
RRD signal
TTime
VValid
WWR signal
XNo longer a valid logic level
ZFloat
For example
TAVLL e Time from Address Valid to ALE Low
TLLPL e Time from ALE Low to PSEN Low
AC CHARACTERISTICS (TA eb40 Cto a125 C VCC e 5V g10% (5V g20% EPROM Only)
VSS e 0V Load Capacitance for Port 0 ALE and PSEN e 100 pF Load Capacitance for All Other
Outputs e 80 pF)
EXTERNAL PROGRAM AND DATA MEMORY CHARACTERISTICS
Symbol
Parameter
12 MHz Osc
Variable Oscillator
Units
Min
Max
Min
Max
1TCLCL
Oscillator Frequency
MHz
87C5180C51BH80C31BH
35
12 – 16
TLHLL
ALE Pulse Width
127
2TCLCLb40
ns
TAVLL
Address Valid to ALE Low
28
TCLCLb55
ns
TLLAX
Address Hold After ALE Low
48
TCLCLb35
ns
TLLIV
ALE Low to Valid Instr In
224
4TCLCLb110
ns
TLLPL
ALE Low to PSEN Low
43
TCLCLb40
ns
TPLPH
PSEN Pulse Width
205
3TCLCLb45
ns
TPLIV
PSEN Low to Valid Instr In
135
3TCLCLb115
ns
TPXIX
Input Instr Hold After PSEN
00
ns
TPXIZ
Input Instr Float After PSEN
59
TCLCLb25
ns
TAVIV
Address Valid to Valid Instr In
312
5TCLCLb105
ns
TPLAZ
PSEN Low to Address Float
10
10
ns
TRLRH
RD Pulse Width
400
6TCLCLb100
ns
TWLWH
WR Pulse Width
400
6TCLCLb100
ns
TRLDV
RD Low to Valid Data In
252
5TCLCLb165
ns
TRHDX
Data Hold After RD High
0
0
ns
TRHDZ
Data Float After RD High
97
2TCLCLb70
ns
TLLDV
ALE Low to Valid Data In
517
8TCLCLb150
ns
TAVDV
Address Valid to Valid Data In
585
9TCLCLb165
ns
TLLWL
ALE Low to RD or WR Low
200
300
3TCLCLb50
3TCLCLa50
ns
TAVWL
Address Valid to RD or WR Low
203
4TCLCLb130
ns
TQVWX
Data Valid to WR Transition
23
TCLCLb60
ns
TWHQX
Data Hold After WR High
33
TCLCLb50
ns
TRLAZ
RD Low to Address Float
0
0
ns
TWHLH
RD or WR High to ALE High
43
123
TCLCLb40
TCLCLa40
ns
10


Similar Part No. - 80C31BH

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80C31BH INTEL-80C31BH Datasheet
284Kb / 21P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results

Similar Description - 80C31BH

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8XC51GB INTEL-8XC51GB Datasheet
311Kb / 22P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC52 INTEL-8XC52 Datasheet
317Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C52 INTEL-80C52 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC51R INTEL-8XC51R Datasheet
294Kb / 20P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
TD87C54 INTEL-TD87C54 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EN80C321SF88 INTEL-EN80C321SF88 Datasheet
1Mb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
M80C51FB INTEL-M80C51FB Datasheet
184Kb / 12P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EE87C51FB1SF76 INTEL-EE87C51FB1SF76 Datasheet
256Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com