Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFGR Datasheet(PDF) 1 Page - Hongfa Technology

Part # HFGR
Description  PLUG-IN MODULES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFGR Datasheet(HTML) 1 Page - Hongfa Technology

  HFGR Datasheet HTML 1Page - Hongfa Technology HFGR Datasheet HTML 2Page - Hongfa Technology HFGR Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
337
DKJCB= NAH=U
EOK;223. EOK1PO38;6; . EOK36223. KDO=O3:223. EA?M M? 2:2222 ?ANPEBEA@
4235 N[l0 3022
{yuu ?; {y{0
,}0zt|* ~+w0}x.
+0/}|*x w|~x*.|+*.
.,xv|y|vu/|+*. y+- ~+w0}x.
3407
=ffb_YWXb[ ieYa[j jof[<
36BB/4V/?41?51?6
36BB/3V/?41?5
3:BB/6V/?61?71?:
3:BB/5V/?61?7
3:BB/4V/?61?71?:
+=45=7:6 v;45 3,
v7=3@7? w726=29
1;8?265
v;9<;:5:?>
y@:3?7;:>
@_eZ[
@_eZ[
@_eZ[
HA@
N[i_ijeh
@_eZ[
HA@
N[i_ijeh
@_eZ[
HA@
N[i_ijeh
C S_j^ HA@ je i^em j^[ Ye_b _d lebjW][
C S_j^ Z_eZ[ je fhej[Yj j^[ Ye_b WdZ je
[b_c_dWj[ j^[ Yedl[hi[ Ykhh[dj
C S_j^ Z_eZ[ je fhej[Yj j^[ Ye_b WdZ je
[b_c_dWj[ j^[ Yedl[hi[ Ykhh[dj
C S_j^ HA@ je i^em j^[ Ye_b _d lebjW][
C S_j^ Z_eZ[ je fhej[Yj j^[ Ye_b WdZ je
[b_c_dWj[ j^[ Yedl[hi[ Ykhh[dj
C S_j^ HA@ je i^em j^[ Ye_b _d lebjW][
C S_j^ Z_eZ[ je fhej[Yj j^[ Ye_b WdZ je
[b_c_dWj[ j^[ Yedl[hi[ Ykhh[dj
C S_j^ Z_eZ[ je fhej[Yj j^[ Ye_b WdZ je
[b_c_dWj[ j^[ Yedl[hi[ Ykhh[dj
DB==
DB=>
DB>? +N,
DB>? +C,
DB>@ +N,
DB>@ +C,
DB>A +N,
DB>A +C,
8R@? je 442R@?
8R@? je 442R@?
8R@? je 46R@?
46R@? je 82R@?
332R@?
-=4
/=3
/=4
-=3
-=4
/=3
-=4
/=3
-=4
/=3
B_b[ Je0BA475592


Similar Part No. - HFGR

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
HFG RUBYCON-HFG Datasheet
167Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
logo
SemiHow Co.,Ltd.
HFG1N80 SEMIHOW-HFG1N80 Datasheet
233Kb / 2P
   800V N-Channel MOSFET
More results

Similar Description - HFGR

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFFAA HONGFA-HFFAA Datasheet
52Kb / 3P
   PLUG-IN MODULES
HFAA-HFHU HONGFA-HFAA-HFHU Datasheet
53Kb / 3P
   PLUG IN MODULES
logo
List of Unclassifed Man...
HFAA ETC2-HFAA Datasheet
45Kb / 3P
   PLUG-IN MODULES
HFHAA ETC2-HFHAA Datasheet
46Kb / 3P
   PLUG-IN MODULES
WM22-DIN ETC2-WM22-DIN Datasheet
244Kb / 10P
   Energy Management Power Analyzer with plug-in Output Modules
EM3-DINAV9 ETC2-EM3-DINAV9 Datasheet
94Kb / 4P
   Energy Management Energy Meter with plug-in Output Modules
EM4-DINAV53 ETC2-EM4-DINAV53 Datasheet
203Kb / 8P
   Energy Management Energy Meter with plug-in Output Modules
logo
PHOENIX CONTACT
103221 PHOENIX-103221 Datasheet
178Kb / 3P
   Plug-In Power Modules for Monitoring and Timer Relays
logo
List of Unclassifed Man...
9301 ETC2-9301 Datasheet
164Kb / 1P
   ACCEPTS 20 PIN PLCC BUILD PLUG-IN TEST CIRCUITS AND MODULES
logo
Pepperl+Fuchs Inc.
LB9109.E.6.1 PF-LB9109.E.6.1 Datasheet
683Kb / 1P
   Plug for Ex e Modules
2020-03-30
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com