Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

80960SB Datasheet(PDF) 10 Page - Intel Corporation

Part # 80960SB
Description  EMBEDDED 32-BIT MICROPROCESSOR WITH 16-BIT BURST DATA BUS
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960SB Datasheet(HTML) 10 Page - Intel Corporation

Back Button 80960SB Datasheet HTML 6Page - Intel Corporation 80960SB Datasheet HTML 7Page - Intel Corporation 80960SB Datasheet HTML 8Page - Intel Corporation 80960SB Datasheet HTML 9Page - Intel Corporation 80960SB Datasheet HTML 10Page - Intel Corporation 80960SB Datasheet HTML 11Page - Intel Corporation 80960SB Datasheet HTML 12Page - Intel Corporation 80960SB Datasheet HTML 13Page - Intel Corporation 80960SB Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
6
80960SB
Figure 4. Multiple Register Sets Are Stored On-Chip
r15
r0
31
0
ONE OF FOUR
LOCAL
REGISTER SETS
REGISTER
CACHE
LOCAL REGISTER SET
1.1.7
Floating-Point Arithmetic
In the 80960SB, floating-point arithmetic has been
made an integral part of the architecture. Having the
floating-point unit integrated on chip provides two
advantages. First, it improves the performance of the
chip
for
floating-point
applications,
since
no
additional bus overhead is associated with floating-
point calculations, thereby leaving more time for
other bus operations such as I/O. Second, the cost of
using floating-point operations is reduced because a
separate coprocessor chip is not required.
The 80960SB floating-point (real-number) data types
include single-precision (32-bit), double-precision
(64-bit) and extended precision (80-bit) floating-point
numbers. Any registers may be used to execute
floating-point operations.
The processor provides hardware support for both
mandatory and recommended portions of IEEE
Standard 754 for floating-point arithmetic, including
all arithmetic, exponential, logarithmic and other
transcendental functions. Table 3 shows execution
times for some representative instructions.
1.1.8
High Bandwidth Bus
The 80960SB CPU resides on a high-bandwidth
address/data bus. The bus provides a direct commu-
nication path between the processor and the
memory
and
I/O
subsystem
interfaces.
The
processor uses the bus to fetch instructions,
manipulate memory and respond to interrupts. Bus
features include:
16-bit data path multiplexed onto the lower bits of
the 32-bit address path
Eight 16-bit half-word burst capability which
allows transfers from 1 to 16 bytes at a time
High bandwidth reads and writes with
25.6 MBytes/s burst (at 16 MHz)
Table 4 defines bus signal names and functions;
Table 5 defines other component-support signals
such as interrupt lines.
Table 3. Sample Floating-Point Execution Times
(
µs) at 16 MHz
Function
32-Bit
64-Bit
Add
0.6
0.8
Subtract
0.6
0.8
Multiply
1.1
2.0
Divide
2.0
4.5
Square Root
5.8
6.1
Arctangent
15.8
20.5
Exponent
17.7
19.5
Sine
23.8
25.9
Cosine
23.8
25.9


Similar Part No. - 80960SB

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80960SA INTEL-80960SA Datasheet
374Kb / 39P
   EMBEDDED 32-BIT MICROPROCESSOR WITH 16-BIT BURST DATA BUS
More results

Similar Description - 80960SB

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
EE80960SB16512 INTEL-EE80960SB16512 Datasheet
1Mb / 38P
   EMBEDDED 32-BIT MICROPROCESSOR WITH 16-BIT BURST DATA BUS
80960SA INTEL-80960SA Datasheet
374Kb / 39P
   EMBEDDED 32-BIT MICROPROCESSOR WITH 16-BIT BURST DATA BUS
logo
Motorola, Inc
MC68008 MOTOROLA-MC68008 Datasheet
927Kb / 36P
   16-Bit Microprocessor With 8-Bit Data Bus
logo
Intel Corporation
80960JD INTEL-80960JD Datasheet
2Mb / 61P
   EMBEDDED 32-BIT MICROPROCESSOR
A80960KA INTEL-A80960KA Datasheet
2Mb / 41P
   EMBEDDED 32-BIT MICROPROCESSOR
80960JA INTEL-80960JA Datasheet
1Mb / 63P
   EMBEDDED 32-BIT MICROPROCESSOR
A80960JF-33 INTEL-A80960JF-33 Datasheet
1Mb / 78P
   EMBEDDED 32-BIT MICROPROCESSOR
80960KA INTEL-80960KA Datasheet
861Kb / 43P
   EMBEDDED 32-BIT MICROPROCESSOR
logo
Digital Core Design
D68000 DCD-D68000 Datasheet
137Kb / 4P
   16/32-bit Microprocessor
logo
NXP Semiconductors
SCC68070 PHILIPS-SCC68070 Datasheet
2Mb / 74P
   16/32-bit microprocessor
November 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com