Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

18403331KH Datasheet(PDF) 2 Page - Frontier Electronics.

Part # 18403331KH
Description  RADIAL LEADS INDUCTORS (CHOKE COILS)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

18403331KH Datasheet(HTML) 2 Page - Frontier Electronics.

  18403331KH Datasheet HTML 1Page - Frontier Electronics. 18403331KH Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
18403 Series- RADIAL LEADS INDUCTORS (CHOKE COILS) Rev. A
C. General Information:
1. 18403xxx_H, “18403” = P/N, “xxx” = Inductance, “_”: Tolerance K=±10%, L = 15%, M = ±20%, “H”=Internal control code.
2. Operating temperature: -40
°C to +85°C. (Including self-temperature rise)
3. Temperature rise: 25
°C Max.
4. Ambient temperature: 60
°C Max.
5. Test equipment:
L: HP4285A LCR Meter or equivalent.
Q: HP4285A at specified frequency or equivalent.
DCR: CHROMA-16502 or equivalent.
SRF: HP4291B or equivalent.
6. MSL: Level 1.
7. Inductance and Current range: From 1.0uH (10A) - 15000uH (80mA)
8. DCR: From 0.004 - 15.0 Ohms.
D. Applications:
1.
Game Consoles
2.
Set Top Boxes
3.
Cables Modems
4.
Computers
5.
Mobile Communication Devices (Radios, etc.)
6.
LCD, DVD, BRP
Frontier Electronics Corp.
®
Page 2 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - 18403331KH

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
18403331K FRONTIER-18403331K Datasheet
117Kb / 2P
   Radial Leads Inductors (Choke Coil)
18403331K-LFR FRONTIER-18403331K-LFR Datasheet
117Kb / 2P
   Radial Leads Inductors (Choke Coil)
More results

Similar Description - 18403331KH

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
18401 FRONTIER-18401_15 Datasheet
135Kb / 2P
   RADIAL LEADS INDUCTORS (CHOKE COILS)
18401 FRONTIER-18401 Datasheet
116Kb / 2P
   Radial Leads Inductors (Choke Coil)
18402 FRONTIER-18402 Datasheet
116Kb / 2P
   Radial Leads Inductors (Choke Coil)
18403 FRONTIER-18403 Datasheet
117Kb / 2P
   Radial Leads Inductors (Choke Coil)
18402 FRONTIER-18402_15 Datasheet
141Kb / 2P
   RADIAL LEADS INDUCTORS
logo
XFMRS Inc.
XFRL3422-471M XFMRS-XFRL3422-471M Datasheet
62Kb / 1P
   Radial Choke Inductors
logo
Central Technologies
CTF2012S CT-CTF2012S Datasheet
159Kb / 1P
   Common Mode Choke Coils - Radial
CTF2012SF CT-CTF2012SF Datasheet
134Kb / 1P
   Common Mode Choke Coils - Radial
logo
Token Electronics Indus...
TCRB0605 TOKEN-TCRB0605 Datasheet
405Kb / 7P
   TCRB Coil Choke Inductors Radial
TCRS0606 TOKEN-TCRS0606 Datasheet
404Kb / 4P
   TCRS Choke Coil Inductors Radial
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com