Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

11411471 Datasheet(PDF) 2 Page - Frontier Electronics.

Part # 11411471
Description  11411_15
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

11411471 Datasheet(HTML) 2 Page - Frontier Electronics.

  11411471 Datasheet HTML 1Page - Frontier Electronics. 11411471 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
11411 Series – HIGH CURRENT RF CHOKES (AXIAL LEADS)
Rev. A
11411104_
100000
89.7
0.810
0.065
B. Dimensions: mm (Inch)
SERIES
a
b
c
d
e
11411
25.4
(1.000)
22.86
(0.900)
25.4
(1.000)
11.94
(0.470)
0.81
(0.032)
Tol.
Min.
Max.
Min.
Max.
± 0.05
(0.002)
C. General Information:
1.
Inductance measured at 1.0 KHz.
2.
Tolerance “_” : L: ±15%, K: ±10% and J: ±5% tolerances optional.
3.
Core: Ferrite bobbin core
4.
Low DCR & High current capacity.
5.
Saturation current to cause 10% maximum inductance drop.
6.
Ambient Temperature -55
°C to +125°C.
7.
Rated current to cause 35°C max. temperature rise
8.
Dielectric strength 2500Vrms
9.
Coil finished with varnish and covered with VW1 rated shrink tubing.
10. Packaging for bulk: 200pcs/box and 32000pcs/carton.
Frontier Electronics Corp.
®
Page 2 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - 11411471

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
11411471 FRONTIER-11411471 Datasheet
113Kb / 2P
   High Current RF Varnished Chokes (Axial Leads)
11411471_-LFR FRONTIER-11411471_-LFR Datasheet
78Kb / 2P
   High Current RF Varnished Chokes (Axial Leads)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com