Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CFS2802-10 Datasheet(PDF) 1 Page - Frontier Electronics.

Part # CFS2802-10
Description  WIRE WOUND COMMON MODE FILTERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

CFS2802-10 Datasheet(HTML) 1 Page - Frontier Electronics.

  CFS2802-10 Datasheet HTML 1Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CFS28** Series –WIRE WOUND COMMON MODE FILTERS Rev. A
A. Electrical Specifications:
Part
Number
Inductance Min.
(mH)
DCR Max.
(Ω)
Rated Current
(A)
CFS28**-01
3.3
0.12
3.0
CFS28**-02
5.6
0.16
2.5
CFS28**-03
8.0
0.16
2.0
CFS28**-04
16
0.40
1.5
CFS28**-05
39
0.65
1.0
CFS28**-06
45
0.80
0.9
CFS28**-07
60
1.00
0.8
CFS28**-08
68
1.50
0.7
CFS28**-09
96
2.00
0.6
CFS28**-10
120
2.50
0.5
Note: CFS28**-xx: “CFS28**” = P/N, “28”= Size, “**”= Type, “xx” = Dash number.
B. Dimensions: mm (Inch)
Series
a
b
c
d
e
f
g
h
i
CFS2801 Series
TYPE 01
22.0
(0.866)
10.0
(0.394)
31.0
(1.220)
35.5
(1.398)
5.0
(0.197)
13.0
(0.512)
Ø0.8
(0.031)
13.0
(0.512)
10.0
(0.394)
Tol.
Max.
±0.5
(0.020)
Max.
Max.
Typ.
±0.5
(0.020)
Typ.
Typ.
Typ.
CFS2802 Series
TYPE 02
29.5
(1.161)
20.0
(0.787)
29.5
(1.161)
24.5
(0.965)
4.0
(0.157)
24.0
(0.945)
Ø0.8
(0.031)
24.0
(0.945)
20.0
(0.787)
Tol.
Max.
±0.5
(0.020)
Max.
Max.
±1.0
(0.039)
±0.5
(0.020)
Typ.
Typ.
Typ.
C. General Information:
1. P/N: CFS28**-xx, “CFS28**” = Size & Type, “xx” = Dash number.
2. Inductance measurement condition: 1.0 KHz, at 25°C.
3. Temperature Rise: 45°C Max.
4. Withstanding Voltage: 1500VAC for one minute between each winding.
5. MSL: Level 1.
D. Applications:
1.
Game Consoles
2.
Set Top Boxes
3.
Cables Modems
4.
Computers
5.
Mobile Communication Devices (Radios, etc.)
6.
LCD, DVD, BRP
TYPE 01
TYPE 02
Frontier Electronics Corp.
®
Page 1 of 1
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - CFS2802-10

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CFS2801 FRONTIER-CFS2801 Datasheet
151Kb / 1P
   WIRE WOUND COMMON MODE FILTERS
CFS2801-01 FRONTIER-CFS2801-01 Datasheet
151Kb / 1P
   WIRE WOUND COMMON MODE FILTERS
CFS2801-02 FRONTIER-CFS2801-02 Datasheet
151Kb / 1P
   WIRE WOUND COMMON MODE FILTERS
CFS2801-03 FRONTIER-CFS2801-03 Datasheet
151Kb / 1P
   WIRE WOUND COMMON MODE FILTERS
CFS2801-04 FRONTIER-CFS2801-04 Datasheet
151Kb / 1P
   WIRE WOUND COMMON MODE FILTERS
More results

Similar Description - CFS2802-10

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CFS3501 FRONTIER-CFS3501_15 Datasheet
128Kb / 1P
   WIRE WOUND COMMON MODE FILTERS
CFS2402 FRONTIER-CFS2402 Datasheet
152Kb / 1P
   WIRE WOUND COMMON MODE FILTERS
CFS2001 FRONTIER-CFS2001_15 Datasheet
135Kb / 1P
   WIRE WOUND COMMON MODE FILTERS
CFS2801 FRONTIER-CFS2801 Datasheet
151Kb / 1P
   WIRE WOUND COMMON MODE FILTERS
CFU1001 FRONTIER-CFU1001_15 Datasheet
164Kb / 1P
   WIRE WOUND COMMON MODE FILTERS
CFU1602 FRONTIER-CFU1602_15 Datasheet
114Kb / 1P
   WIRE WOUND COMMON MODE FILTERS
CFS2401 FRONTIER-CFS2401 Datasheet
152Kb / 1P
   WIRE WOUND COMMON MODE FILTERS
CFU1101 FRONTIER-CFU1101_15 Datasheet
110Kb / 1P
   WIRE WOUND COMMON MODE FILTERS
logo
Delta Electronics, Inc.
HCMC0805-670MFS DELTA-HCMC0805-670MFS Datasheet
214Kb / 2P
   WIRE- WOUND COMMON MODE CHOKE
logo
WALSIN TECHNOLOGY CORPO...
WTCF2012 WALSIN-WTCF2012 Datasheet
263Kb / 6P
   Wire wound type common mode choke
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com