Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CF252018-10N Datasheet(PDF) 2 Page - Frontier Electronics.

Part # CF252018-10N
Description  SMD MOLDED WIRE WOUND FERRITE CHIP INDUCTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

CF252018-10N Datasheet(HTML) 2 Page - Frontier Electronics.

  CF252018-10N Datasheet HTML 1Page - Frontier Electronics. CF252018-10N Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CF252018 Series – SMD MOLDED WIRE WOUND FERRITE CHIP INDUCTORS
Rev. A
C. General Information:
1. CF252018 –xxx_, “CF252018” = P/N, “xxx” = Inductance, “_” = Tolerance, M: ± 20%, L: ± 15%, K: ± 10%, J: ± 5%.
2. Tolerance “_”: M: ± 20%, K: ± 10%, J: ± 5%
3. Small and lightweight surface mounting type
4. High Q at high frequency
5. High self-resonance frequency
6. 20ºC Temperature Rise, Ambient temperature 80ºC Max.
7. Rated Current: Current cause inductance drops within 10% from 0ºC to 50ºC
8. Resistance to solder heat: 260ºC for 10 seconds.
9. Inductance & Q measured with HP4285A Impedance Analyzer
10. SRF measured with HP4291B or HP8753E Network Analyzer
11. DCR measured with the 16502 milliohm meter.
12. Operating temperature: -40
°C to +85ºC
13. Storage Temperature Range: -40
°C to +85ºC
14. Inductance and Current Range: From 0.010 uH (530 mA) to 100 uH (60 mA)
15. SRF: From 12 MHz to 2150 MHz
16. DCR: From 0.26 OHM to 21.0 OHM
17. MSL: Level 1.
D. Applications:
1. Game Consoles
2. Set Top Boxes
3. Cables Modems
4. Computers
5. Mobile Communication Devices (Cell Phones, Radios, etc.)
E. Characteristics Curve:
Frontier Electronics Corp.
®
Page 2 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - CF252018-10N

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
CF2520G10ST SCHNEIDER-CF2520G10ST Datasheet
79Kb / 2P
   BUSWAY STRAIGHT LENGTH 10FT 2000A INDOOR
CF2520G18ST SCHNEIDER-CF2520G18ST Datasheet
63Kb / 2P
   BUSWAY 18 INCH STRAIGHT 2000A, INDOOR
CF2520G6ST SCHNEIDER-CF2520G6ST Datasheet
79Kb / 2P
   BUSWAY STRAIGHT LENGTH 6 FT 2000A
More results

Similar Description - CF252018-10N

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
1306F-10NM FRONTIER-1306F-10NM Datasheet
90Kb / 3P
   SMD Molded Wire Wound Ferrite Chip Inductors
1306F FRONTIER-1306F Datasheet
84Kb / 3P
   SMD Molded Wire Wound Ferrite Chip Inductors
CF322522 FRONTIER-CF322522 Datasheet
57Kb / 3P
   Molded Wire Wound Ferrite Chip Inductors
CF453232 FRONTIER-CF453232 Datasheet
51Kb / 3P
   Molded Wire Wound Ferrite Chip Inductors
0805F-78NK FRONTIER-0805F-78NK Datasheet
86Kb / 2P
   SMD Wire Wound Ferrite Chip Inductors
logo
List of Unclassifed Man...
SQC ETC2-SQC Datasheet
463Kb / 7P
   SMD Wire Wound Ferrite Chip Inductors
logo
Frontier Electronics.
1008F-47NM FRONTIER-1008F-47NM Datasheet
72Kb / 3P
   SMD Wire Wound Ferrite Chip Inductors
0603LS FRONTIER-0603LS Datasheet
242Kb / 3P
   SMD WIRE WOUND FERRITE CHIP INDUCTORS
0805F FRONTIER-0805F_15 Datasheet
179Kb / 2P
   SMD WIRE WOUND FERRITE CHIP INDUCTORS
0805F FRONTIER-0805F Datasheet
79Kb / 2P
   SMD Wire Wound Ferrite Chip Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com