Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB28F200B5T80 Datasheet(PDF) 9 Page - Intel Corporation

Part # TB28F200B5T80
Description  SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

TB28F200B5T80 Datasheet(HTML) 9 Page - Intel Corporation

Back Button TB28F200B5T80 Datasheet HTML 5Page - Intel Corporation TB28F200B5T80 Datasheet HTML 6Page - Intel Corporation TB28F200B5T80 Datasheet HTML 7Page - Intel Corporation TB28F200B5T80 Datasheet HTML 8Page - Intel Corporation TB28F200B5T80 Datasheet HTML 9Page - Intel Corporation TB28F200B5T80 Datasheet HTML 10Page - Intel Corporation TB28F200B5T80 Datasheet HTML 11Page - Intel Corporation TB28F200B5T80 Datasheet HTML 12Page - Intel Corporation TB28F200B5T80 Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
E
SMART 5 BOOT BLOCK MEMORY FAMILY
9
ADVANCE INFORMATION
PA28F200
Boot Block
44-Lead PSOP
0.525" x 1.110"
TOP VIEW
GND
WE#
RP#
BYTE#
A 8
A 9
A 11
A 12
A 13
A 14
A 16
DQ 7
DQ 14
DQ 6
DQ 13
DQ 12
DQ 4
VCC
DQ 5
A 10
A 15
32
31
30
29
28
27
26
25
24
23
33
34
35
36
37
38
39
40
41
42
43
44
22
21
20
19
17
18
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15
28F400
28F400
DQ
15
-1
/A
CE#
GND
OE#
VPP
28F800
28F800
A 17
A 7
A 6
A 5
A 4
A 3
A 2
A 1
A 0
DQ 0
DQ 8
DQ 1
DQ 9
DQ 2
DQ 10
DQ 3
DQ 11
A 18
CE#
GND
OE#
VPP
A 17
A 7
A 6
A 5
A 4
A 3
A 2
A 1
A 0
DQ 0
DQ 8
DQ 1
DQ 9
DQ 2
DQ 10
DQ 3
DQ 11
WP#
CE#
GND
OE#
VPP
NC
A 7
A 6
A 5
A 4
A 3
A 2
A 1
A 0
DQ 0
DQ 8
DQ 1
DQ 9
DQ 2
DQ 10
DQ 3
DQ 11
WP#
GND
WE#
RP#
BYTE#
A 8
A 9
A 11
A 12
A 13
A 14
A 16
DQ 7
DQ 14
DQ 6
DQ 13
DQ 12
DQ 4
VCC
DQ 5
A 10
A 15
DQ
15
-1
/A
GND
WE#
RP#
BYTE#
A 8
A 9
A 11
A 12
A 13
A 14
A 16
DQ 7
DQ 14
DQ 6
DQ 13
DQ 12
DQ 4
VCC
DQ 5
A 10
A 15
DQ
15
-1
/A
0599-01
NOTE: Pin 2 is WP# on 2- and 4-Mbit devices but A18 on the 8-Mbit because no other pins were available for the high order
address. Thus, the 8-Mbit in 44-PSOP cannot unlock the boot block without RP# = VHH. See Section 3.3 for details. To allow
upgrades to 8-Mbit from 2/4-Mbit in this package design pin 2 to control WP# at the 2/4-Mbit level and A18 at the 8-Mbit density.
Figure 1. 44-Lead PSOP Pinout Diagram
28F200
Boot Block
48-Lead TSOP
12 mm x 20 mm
TOP VIEW
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
24
23
22
21
20
19
17
18
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15
25
26
27
28
29
30
31
32
CE#
OE#
GND
A0
VCC
GND
BYTE#
A16
DQ15/A-1
DQ7
DQ14
DQ6
DQ13
DQ5
DQ12
DQ4
DQ11
DQ10
DQ2
DQ9
DQ1
DQ8
DQ0
DQ3
CE#
OE#
GND
A0
VCC
GND
BYTE#
A16
DQ15/A-1
DQ7
DQ14
DQ6
DQ13
DQ5
DQ12
DQ4
DQ11
DQ10
DQ2
DQ9
DQ1
DQ8
DQ0
DQ3
CE#
OE#
GND
A0
VCC
GND
BYTE#
A16
DQ15 /A-1
DQ7
DQ14
DQ6
DQ13
DQ5
DQ12
DQ4
DQ11
DQ10
DQ2
DQ9
DQ1
DQ8
DQ0
DQ3
28F400
28F800
28F400
28F800
RP#
WE#
NC
NC
NC
WP#
A15
A14
A 13
A12
A11
A10
A9
A8
VPP
A17
A6
A7
A4
A5
A3
A2
RP#
WE#
NC
NC
NC
WP#
A15
A14
A13
A12
A11
A10
A9
A8
VPP
A6
A7
A4
A5
A 3
A 2
RP#
WE#
NC
NC
NC
WP#
A18
A15
A14
A13
A12
A11
A10
A9
A8
VPP
A17
A6
A7
A4
A5
A3
A2
NC
NC
NC
1
A
1
A
1
A
0599-02
Figure 2. 48-Lead TSOP Pinout Diagram


Similar Part No. - TB28F200B5T80

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
TB28F200B5T80 INTEL-TB28F200B5T80 Datasheet
344Kb / 44P
   5 VOLT BOOT BLOCK FLASH MEMORY
More results

Similar Description - TB28F200B5T80

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F320B3 INTEL-28F320B3 Datasheet
304Kb / 48P
   SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
28F002BV-B INTEL-28F002BV-B Datasheet
638Kb / 55P
   2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F200BV-TB INTEL-28F200BV-TB Datasheet
636Kb / 55P
   2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F800F3 INTEL-28F800F3 Datasheet
277Kb / 47P
   FAST BOOT BLOCK FLASH MEMORY FAMILY 8 AND 16 MBIT
A28F200BX-T INTEL-A28F200BX-T Datasheet
459Kb / 33P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
28F200BX-TB INTEL-28F200BX-TB Datasheet
562Kb / 48P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
28F400BX-TB INTEL-28F400BX-TB Datasheet
559Kb / 50P
   4-MBIT (256K X 16, 512K X 8) BOOT BLOCK FLASH MEMORY FAMILY
A28F400BX-T INTEL-A28F400BX-T Datasheet
461Kb / 34P
   4-MBIT 256K x16, 512K x8 BOOT BLOCK FLASH MEMORY FAMILY
28F002BC INTEL-28F002BC Datasheet
455Kb / 37P
   28F002BC 2-MBIT (256K X 8) BOOT BLOCK FLASH MEMORY
A28F200BR-TB INTEL-A28F200BR-TB Datasheet
440Kb / 36P
   2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com