Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZV55C56 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BZV55C56
Description  500 mW Zener Diode 2.0 to 75 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BZV55C56 Datasheet(HTML) 1 Page - Micro Commercial Components

  BZV55C56 Datasheet HTML 1Page - Micro Commercial Components BZV55C56 Datasheet HTML 2Page - Micro Commercial Components BZV55C56 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BZV55C2V0
THRU
BZV55C75
500 mW
Zener Diode
2.0 to 75 Volts
Features
Small surface mounting type
High reliability
Absolute Maximum Ratings
Symbol
Rating
Rating
Unit
PD
Power dissipation
500
mW
IZ
Z-current
PV/VZ
mA
TJ
Junction Temperature
-55 to +150
OC
TSTG
Storage Temperature Range
-55 to +150
OC
Maximum Thermal Resistance
Symbol
Rating
Rating
Unit
RthJA
Junction Ambient
500
K/W
Electrical Characteristics
Symbol
Rating
Rating
Unit
VF
Maximum Forward Voltage
(IF=200mAdc)
1.5
V
MiniMELF
A
B
C
Cathode Mark
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.130
.146
3.30
3.70
B
.008
.016
.20
.40
C
.055
.059
1.40
1.50
0.030”
0.105
0.075”
SUGGESTED SOLDER
PAD LAYOUT
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%   !"#
MCC
Revision: A
2011/01/01
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
Notes:
1. Lead in Glass Exemption Applied, see EU Directive Annex 5.
• Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
Moisture Sensitivity Level 1


Similar Part No. - BZV55C56

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
BZV55C56 CDI-DIODE-BZV55C56 Datasheet
15Kb / 1P
   ZENER DIODES
logo
Kingtronics Internation...
BZV55C56 KINGTRONICS-BZV55C56 Datasheet
432Kb / 3P
   BZV55C-SERIES SILICON PLANAR ZENER DIODES
logo
Central Semiconductor C...
BZV55C56 CENTRAL-BZV55C56 Datasheet
81Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 0.5 WATT, 2.4 THRU 75 VOLTS 짹 5ANCE
logo
Microsemi Corporation
BZV55C56 MICROSEMI-BZV55C56 Datasheet
24Kb / 1P
   LEADLESS PACKAGE FOR SURFACE MOUNT
logo
EIC discrete Semiconduc...
BZV55C56 EIC-BZV55C56 Datasheet
43Kb / 2P
   ZENER DIODES
More results

Similar Description - BZV55C56

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BZV55C18-TP MCC-BZV55C18-TP Datasheet
665Kb / 3P
   500 mW Zener Diode 2.0 to 75 Volts
BZV55C2V0 MCC-BZV55C2V0 Datasheet
421Kb / 3P
   500 mW Zener Diode 2.0 to 75 Volts
BZT55C2V0 MCC-BZT55C2V0 Datasheet
135Kb / 3P
   500 mW Zener Diode 2.0 to 75 Volts
BZM55C2V0 MCC-BZM55C2V0 Datasheet
177Kb / 3P
   500 mW Zener Diode 2.0 to 75 Volts
1N5221 MCC-1N5221_11 Datasheet
477Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
DL5221 MCC-DL5221_11 Datasheet
632Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
1N5221B MCC-1N5221B Datasheet
550Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
DL5221B MCC-DL5221B Datasheet
593Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
MCL5221 MCC-MCL5221 Datasheet
120Kb / 3P
   500 mW Zener Diode 2.4 to 75 Volts
DL5232B-TP MCC-DL5232B-TP Datasheet
632Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com