Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZV55C13 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # BZV55C13
Description  500 mW Zener Diode 2.0 to 75 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BZV55C13 Datasheet(HTML) 2 Page - Micro Commercial Components

  BZV55C13 Datasheet HTML 1Page - Micro Commercial Components BZV55C13 Datasheet HTML 2Page - Micro Commercial Components BZV55C13 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS @25°C
(1)Tighter tolerances available on request: BZV55B… 2% of VZnom
(2) at Tj=150
OC
VZ
VOLTS
IZT
for VZT and
rzjT
rzjk
at
IZK
REVERSE CURRENT
IR (Max)
@
VR
TKVZ
Type
Nom
mA
V
(1)
mA (Max)
uA
uA
(2)
V
%/K
BZV55C2V0
2.0
5.0
1.9-2.1
100
600
1.0
<150
<300
1.0
-0.09 to –0.06
BZV55C2V2
2.2
5.0
2.09-2.31
100
600
1.0
<150
<300
1.0
-0.09 to –0.06
BZV55C2V4
2.4
5.0
2.28-2.56
<85
600
1.0
<50
<100
1.0
-0.09 to –0.06
BZV55C2V7
2.7
5.0
2.5-2.9
<85
600
1.0
<10
<50
1.0
-0.09 to –0.06
BZV55C3V0
3.0
5.0
2.8-3.2
<85
600
1.0
<4.0
<40
1.0
-0.08 to –0.05
BZV55C3V3
3.3
5.0
3.1-3.5
<85
600
1.0
<2.0
<40
1.0
-0.08 to –0.05
BZV55C3V6
3.6
5.0
3.4-3.8
<85
600
1.0
<2.0
<40
1.0
-0.08 to –0.05
BZV55C3V9
3.9
5.0
3.7-4.1
<85
600
1.0
<2.0
<40
1.0
-0.08 to –0.05
BZV55C4V3
4.3
5.0
4.0-4.6
<75
600
1.0
<1.0
<20
1.0
-0.06 to –0.03
BZV55C4V7
4.7
5.0
4.4-5.0
<60
600
1.0
<0.5
<10
1.0
-0.05 to +0.02
BZV55C5V1
5.1
5.0
4.8-5.4
<35
550
1.0
<0.1
<2.0
1.0
-0.02 to +0.02
BZV55C5V6
5.6
5.0
5.2-6.0
<25
450
1.0
<0.1
<2.0
1.0
-0.05 to +0.05
BZV55C6V2
6.2
5.0
5.8-6.6
<10
200
1.0
<0.1
<2.0
2.0
0.03 to 0.06
BZV55C6V8
6.8
5.0
6.4-7.2
<8
150
1.0
<0.1
<2.0
3.0
0.03 to 0.07
BZV55C7V5
7.5
5.0
7.0-7.9
<7
50
1.0
<0.1
<2.0
5.0
0.03 to 0.07
BZV55C8V2
8.2
5.0
7.7-8.7
<7
50
1.0
<0.1
<2.0
6.2
0.03 to 0.08
BZV55C9V1
9.1
5.0
8.5-9.6
<10
50
1.0
<0.1
<2.0
6.8
0.03 to 0.09
BZV55C10
10
5.0
9.4-10.6
<15
70
1.0
<0.1
<2.0
7.5
0.03 to 0.1
BZV55C11
11
5.0
10.4-11.6
<20
70
1.0
<0.1
<2.0
8.2
0.03 to 0.11
BZV55C12
12
5.0
11.4-12.7
<20
90
1.0
<0.1
<2.0
9.1
0.03 to 0.11
BZV55C13
13
5.0
12.4-14.1
<26
110
1.0
<0.1
<2.0
10
0.03 to 0.11
BZV55C15
15
5.0
13.8-15.6
<30
110
1.0
<0.1
<2.0
11
0.03 to 0.11
BZV55C16
16
5.0
15.3-17.1
<40
170
1.0
<0.1
<2.0
12
0.03 to 0.11
BZV55C18
18
5.0
16.8-19.1
<50
170
1.0
<0.1
<2.0
13
0.03 to 0.11
BZV55C20
20
5.0
18.8-21.2
<55
220
1.0
<0.1
<2.0
15
0.03 to 0.11
BZV55C22
22
5.0
20.8-23.3
<55
220
1.0
<0.1
<2.0
16
0.04 to 0.12
BZV55C24
24
5.0
22.8-25.6
<80
220
1.0
<0.1
<2.0
18
0.04 to 0.12
BZV55C27
27
5.0
25.1-28.9
<80
220
1.0
<0.1
<2.0
20
0.04 to 0.12
BZV55C30
30
5.0
28-32
<80
220
1.0
<0.1
<2.0
22
0.04 to 0.12
BZV55C33
33
5.0
31-35
<80
220
1.0
<0.1
<2.0
24
0.04 to 0.12
BZV55C36
36
5.0
34-38
<80
220
1.0
<0.1
<2.0
27
0.04 to 0.12
BZV55C39
39
2.5
37-41
<90
500
0.5
<0.1
<5.0
30
0.04 to 0.12
BZV55C43
43
2.5
40-46
<90
600
0.5
<0.1
<5.0
33
0.04 to 0.12
BZV55C47
47
2.5
44-50
<110
700
0.5
<0.1
<5.0
36
0.04 to 0.12
BZV55C51
51
2.5
48-54
<125
700
0.5
<0.1
<10
39
0.04 to 0.12
BZV55C56
56
2.5
52-60
<135
1000
0.5
<0.1
<10
43
0.04 to 0.12
BZV55C62
62
2.5
58-66
<150
1000
0.5
<0.1
<10
47
0.04 to 0.12
BZV55C68
68
2.5
64-72
<200
1000
0.5
<0.1
<10
51
0.04 to 0.12
BZV55C75
75
2.5
70-79
<250
1500
0.5
<0.1
<10
56
0.04 to 0.12
MCC
Revision: A
2011/01/01
BZV55C2V0 thru BZV55C75
TM
Micro Commercial Components
www.mccsemi.com
2 of 3


Similar Part No. - BZV55C13

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
BZV55C13 CDI-DIODE-BZV55C13 Datasheet
15Kb / 1P
   ZENER DIODES
logo
Microsemi Corporation
BZV55C13 MICROSEMI-BZV55C13 Datasheet
24Kb / 1P
   LEADLESS PACKAGE FOR SURFACE MOUNT
logo
Central Semiconductor C...
BZV55C13 CENTRAL-BZV55C13 Datasheet
81Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 0.5 WATT, 2.4 THRU 75 VOLTS 짹 5ANCE
logo
Continental Device Indi...
BZV55C13 CDIL-BZV55C13 Datasheet
302Kb / 4P
   SILIICON PLANAR ZENER DIODES
logo
EIC discrete Semiconduc...
BZV55C13 EIC-BZV55C13 Datasheet
43Kb / 2P
   ZENER DIODES
More results

Similar Description - BZV55C13

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BZV55C18-TP MCC-BZV55C18-TP Datasheet
665Kb / 3P
   500 mW Zener Diode 2.0 to 75 Volts
BZV55C2V0 MCC-BZV55C2V0 Datasheet
421Kb / 3P
   500 mW Zener Diode 2.0 to 75 Volts
BZT55C2V0 MCC-BZT55C2V0 Datasheet
135Kb / 3P
   500 mW Zener Diode 2.0 to 75 Volts
BZM55C2V0 MCC-BZM55C2V0 Datasheet
177Kb / 3P
   500 mW Zener Diode 2.0 to 75 Volts
1N5221 MCC-1N5221_11 Datasheet
477Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
DL5221 MCC-DL5221_11 Datasheet
632Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
1N5221B MCC-1N5221B Datasheet
550Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
DL5221B MCC-DL5221B Datasheet
593Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
MCL5221 MCC-MCL5221 Datasheet
120Kb / 3P
   500 mW Zener Diode 2.4 to 75 Volts
DL5232B-TP MCC-DL5232B-TP Datasheet
632Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com