Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84B15 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BZX84B15
Description  350mW SURFACE MOUNT PRECISION ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BZX84B15 Datasheet(HTML) 1 Page - Diodes Incorporated

  BZX84B15 Datasheet HTML 1Page - Diodes Incorporated BZX84B15 Datasheet HTML 2Page - Diodes Incorporated BZX84B15 Datasheet HTML 3Page - Diodes Incorporated BZX84B15 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BZX84B2V7 - BZX84B39
Document number: DS36159 Rev. 2 - 2
1 of 4
www.diodes.com
June 2013
© Diodes Incorporated
BZX84B2V7 - BZX84B39
350mW SURFACE MOUNT PRECISION ZENER DIODE
Features
2% Tolerance on VZ
350mW Power Dissipation
Zener Voltages from 2.7V - 39V
Ideally Suited for Automated Assembly Processes
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOT23
Case Material: Molded Plastic “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Solderable per MIL-STD-202, Method 208 Lead Free
Plating (Matte Tin Finish annealed over Alloy 42 leadframe).
Polarity: See Diagram
Weight: 0.008 grams (approximate)
Ordering Information (Note 4)
Part Number
Qualification
Case
Packaging
(Type Number)-7-F*
Standard
SOT23
3000/Tape & Reel
(Type Number)Q-7-F*
Automotive
SOT23
3000/Tape & Reel
(Type Number)-13-F*
Standard
SOT23
10000/Tape & Reel
(Type Number)Q-13-F*
Automotive
SOT23
10000/Tape & Reel
*For (Type Number), please see the Electrical Characteristics Table. Example: 7.5V Zener = BZX84B7V5-7-F.
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Date Code Key
Year
2012
2013
2014
2015
2016
2017
2018
Code
Z
A
B
C
D
E
F
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Top View
Device Schematic
xxx = Product Type Marking Code
(See Electrical Characteristics Table)
YM = Date Code Marking
Y = Year (ex: Z = 2012)
M = Month (ex: 9 = September)
xxx
SOT23


Similar Part No. - BZX84B15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
BZX84B15 CENTRAL-BZX84B15 Datasheet
120Kb / 2P
   SURFACE MOUNT 350mW SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
logo
Diodes Incorporated
BZX84B15 DIODES-BZX84B15 Datasheet
95Kb / 4P
   350mW SURFACE MOUNT PRECISION ZENER DIODE
logo
Pan Jit International I...
BZX84B15 PANJIT-BZX84B15 Datasheet
92Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Weitron Technology
BZX84B15 WEITRON-BZX84B15 Datasheet
832Kb / 4P
   SMALL SIGNAL ZENER DIODES 225m WATTS
logo
Pan Jit International I...
BZX84B15 PANJIT-BZX84B15 Datasheet
70Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - BZX84B15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZX84B2V7 DIODES-BZX84B2V7 Datasheet
95Kb / 4P
   350mW SURFACE MOUNT PRECISION ZENER DIODE
BZX84B2V7 DIODES-BZX84B2V7_15 Datasheet
95Kb / 4P
   350mW SURFACE MOUNT PRECISION ZENER DIODE
BZX84C2V4 DIODES-BZX84C2V4_15 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C43 DIODES-BZX84C43_1 Datasheet
350Kb / 3P
   350mW SURFACE MOUNT ZENER DIODE
DS30370 Rev. 5 - 2
MMBZ5221B DIODES-MMBZ5221B Datasheet
66Kb / 3P
   350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 7 - 2
MMBZ5221B DIODES-MMBZ5221B_10 Datasheet
88Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 21 - 2
BZX84C2V4 DIODES-BZX84C2V4_12 Datasheet
103Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C12-7 DIODES-BZX84C12-7 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C18-7 DIODES-BZX84C18-7 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
MMBZ5221B WTE-MMBZ5221B Datasheet
76Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com