Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TE28F800C3B90 Datasheet(PDF) 9 Page - Intel Corporation

Part # TE28F800C3B90
Description  3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

TE28F800C3B90 Datasheet(HTML) 9 Page - Intel Corporation

Back Button TE28F800C3B90 Datasheet HTML 5Page - Intel Corporation TE28F800C3B90 Datasheet HTML 6Page - Intel Corporation TE28F800C3B90 Datasheet HTML 7Page - Intel Corporation TE28F800C3B90 Datasheet HTML 8Page - Intel Corporation TE28F800C3B90 Datasheet HTML 9Page - Intel Corporation TE28F800C3B90 Datasheet HTML 10Page - Intel Corporation TE28F800C3B90 Datasheet HTML 11Page - Intel Corporation TE28F800C3B90 Datasheet HTML 12Page - Intel Corporation TE28F800C3B90 Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 59 page
background image
E
3 VOLT ADVANCED+ BOOT BLOCK
9
PRODUCT PREVIEW
Table 2. 3 Volt Advanced+ Boot Block Pin Descriptions
Symbol
Type
Name and Function
A0–A21
INPUT
ADDRESS INPUTS for memory addresses. Addresses are internally
latched during a program or erase cycle.
8-Mbit x 8 A[0-19], 16-Mbit x 8 A[0-20], 32-Mbit x 8 A[0-21]
8-Mbit x 16 A[0-18], 16-Mbit x 16 A[0-19], 32-Mbit x 16 A[0-20]
DQ0–DQ7
INPUT/OUTPUT
DATA INPUTS/OUTPUTS: Inputs array data on the second CE# and
WE# cycle during a Program command. Inputs commands to the
Command User Interface when CE# and WE# are active. Data is
internally latched. Outputs array, configuration and status register data.
The data pins float to tri-state when the chip is de-selected or the outputs
are disabled.
DQ8–DQ15
INPUT/OUTPUT
DATA INPUTS/OUTPUTS: Inputs array data on the second CE# and
WE# cycle during a Program command. Data is internally latched.
Outputs array and configuration data. The data pins float to tri-state when
the chip is de-selected. Not included on x8 products.
CE#
INPUT
CHIP ENABLE: Activates the internal control logic, input buffers,
decoders and sense amplifiers. CE# is active low. CE# high de-selects
the memory device and reduces power consumption to standby levels.
OE#
INPUT
OUTPUT ENABLE: Enables the device’s outputs through the data
buffers during a read operation. OE# is active low.
WE#
INPUT
WRITE ENABLE: Controls writes to the Command Register and
memory array. WE# is active low. Addresses and data are latched on
the rising edge of the second WE# pulse.
RP#
INPUT
RESET/DEEP POWER-DOWN: Uses two voltage levels (VIL, VIH) to
control reset/deep power-down mode.
When RP# is at logic low, the device is in reset/deep power-down
mode, which drives the outputs to High-Z, resets the Write State
Machine, and minimizes current levels (ICCD).
When RP# is at logic high, the device is in standard operation.
When RP# transitions from logic-low to logic-high, the device resets all
blocks to locked and defaults to the read array mode.
WP#
INPUT
WRITE PROTECT: Controls the lock-down function of the flexible
Locking feature
When WP# is a logic low, the lock-down mechanism is enabled and
blocks marked lock-down cannot be unlocked through software.
When WP# is logic high, the lock-down mechanism is disabled and
blocks previously locked-down are now locked and can be unlocked and
locked through software. After WP# goes low, any blocks previously
marked lock-down revert to that state.
See Section 3.3 for details on block locking.
VCC
SUPPLY
DEVICE POWER SUPPLY: [2.7 V–3.6 V] Supplies power for device
operations.


Similar Part No. - TE28F800C3B90

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
TE28F800C3BA110 INTEL-TE28F800C3BA110 Datasheet
1Mb / 68P
   Advanced Boot Block Flash Memory (C3)
TE28F800C3BA70 INTEL-TE28F800C3BA70 Datasheet
1Mb / 68P
   Advanced Boot Block Flash Memory (C3)
TE28F800C3BA90 INTEL-TE28F800C3BA90 Datasheet
1Mb / 68P
   Advanced Boot Block Flash Memory (C3)
TE28F800C3BC70 INTEL-TE28F800C3BC70 Datasheet
1Mb / 68P
   Advanced Boot Block Flash Memory (C3)
TE28F800C3BD70 INTEL-TE28F800C3BD70 Datasheet
1Mb / 68P
   Advanced Boot Block Flash Memory (C3)
More results

Similar Description - TE28F800C3B90

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F320B3 INTEL-28F320B3 Datasheet
304Kb / 48P
   SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
TE28F320 INTEL-TE28F320 Datasheet
920Kb / 58P
   3 Volt Advanced Boot Block Flash Memory
28F800F3 INTEL-28F800F3 Datasheet
277Kb / 47P
   FAST BOOT BLOCK FLASH MEMORY FAMILY 8 AND 16 MBIT
28F640C3 INTEL-28F640C3 Datasheet
177Kb / 18P
   3 Volt Intel Advanced Boot Block Flash Memory
logo
Numonyx B.V
M29W160FT NUMONYX-M29W160FT Datasheet
1Mb / 57P
   16 Mbit or 32 Mbit (x 8 or x 16, boot block) 3 V supply Flash memory
logo
Intel Corporation
28F002BV-B INTEL-28F002BV-B Datasheet
638Kb / 55P
   2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F200BV-TB INTEL-28F200BV-TB Datasheet
636Kb / 55P
   2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F200BX-TB INTEL-28F200BX-TB Datasheet
562Kb / 48P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
A28F200BX-T INTEL-A28F200BX-T Datasheet
459Kb / 33P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
28F400BX-TB INTEL-28F400BX-TB Datasheet
559Kb / 50P
   4-MBIT (256K X 16, 512K X 8) BOOT BLOCK FLASH MEMORY FAMILY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com