Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DT28F160F3B120 Datasheet(PDF) 5 Page - Intel Corporation

Part # DT28F160F3B120
Description  FAST BOOT BLOCK FLASH MEMORY FAMILY 8 AND 16 MBIT
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DT28F160F3B120 Datasheet(HTML) 5 Page - Intel Corporation

  DT28F160F3B120 Datasheet HTML 1Page - Intel Corporation DT28F160F3B120 Datasheet HTML 2Page - Intel Corporation DT28F160F3B120 Datasheet HTML 3Page - Intel Corporation DT28F160F3B120 Datasheet HTML 4Page - Intel Corporation DT28F160F3B120 Datasheet HTML 5Page - Intel Corporation DT28F160F3B120 Datasheet HTML 6Page - Intel Corporation DT28F160F3B120 Datasheet HTML 7Page - Intel Corporation DT28F160F3B120 Datasheet HTML 8Page - Intel Corporation DT28F160F3B120 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
E
FAST BOOT BLOCK DATASHEET
5
PRODUCT PREVIEW
1.0
INTRODUCTION
This datasheet contains 8- and 16-Mbit Fast Boot
Block memory information. Section 1.0 provides a
flash memory overview. Sections 2.0 through 8.0
describe the memory functionality and electrical
specifications
for
extended
and
automotive
temperature product offerings.
1.2
Product Overview
The Fast Boot Block flash memory family provides
density upgrades with pinout compatibility for 8- and
16-Mbit densities. This family of products are high
performance, low voltage memories with a 16-bit
data bus and individually erasable blocks. These
blocks are optimally sized for code and data
storage. Eight
4-Kword parameter blocks
are
positioned at either the top (denoted by -T suffix) or
bottom (denoted by -B suffix) of the address map.
The
rest
of
the
device
is
grouped
into
32-Kword main blocks. The upper two (or lower
two) parameter and all main blocks can be locked
for complete code protection.
The device’s optimized architecture and interface
dramatically increases read performance beyond
previously
attainable
levels.
It
supports
asynchronous page-mode and synchronous burst
reads from main blocks (parameter blocks support
single
asynchronous
and
synchronous
reads).
Upon initial power-up or return from reset, the
device defaults to a page-mode read configuration.
Page-mode read configuration is ideal for non-clock
memory systems and is compatible with page-
mode ROM. Synchronous burst reads are enabled
by writing to the read configuration register. In
synchronous burst mode, the CLK input increments
an internal burst address generator, synchronizes
the flash memory with the host CPU, and outputs
data on every rising (or falling) CLK edge up to
54 MHz (25 MHz for automotive temperature). An
output signal, WAIT#, is also provided to ease CPU
to
flash
memory
communication
and
synchronization during continuous burst operations.
In addition to the enhanced architecture and
interface, this family of products incorporates
SmartVoltage technology which enables fast factory
programming and low power designs. Specifically
designed for low voltage systems, Fast Boot Block
flash memory components support read operations
at 2.7 V (3.3 V for automotive temperature) VCC and
block erase and program operations at 2.7 V
(3.3 V for automotive temperature) and 12 V VPP.
The 12 V VPP option renders the fastest program
performance
to
increase
factory
programming
throughput. With the 2.7 V (3.3 V for automotive
temperature) VPP option, VCC and VPP can be tied
together for a simple, low power design. In addition
to the voltage flexibility, the dedicated VPP pin gives
complete data protection when VPP
≤ VPPLK.
The flexible input/output (I/O) voltage capability
helps reduce system power consumption and
simplify interfacing to sub 2.7 V and 5 V CPUs.
Powered by VCCQ pins, the I/O buffers can operate
at a lower voltage than the flash memory core. With
VCCQ voltage at 1.65 V, the I/Os swing between
GND and 1.65 V, reducing I/O power consumption
by
65%
over
standard
3 V
flash
memory
components. The low voltage and 5 V-safe feature
also helps ease CPU interfacing by adapting to the
CPU’s bus voltage.
The device’s Command User Interface (CUI) serves
as the interface between the system processor and
internal flash memory operation. A valid command
sequence written to the CUI
initiates
device
automation. This automation is controlled by an
internal
Write
State
Machine
(WSM)
which
automatically executes the algorithms and timings
necessary for block erase and program operations.
The status register provides WSM feedback by
signifying block erase or program completion and
status.
Block erase and program automation allows erase
and program operations to be executed using an
industry-standard two-write command sequence. A
block erase operation erases one block at a time,
and data is programmed in word increments. Erase
suspend allows system software to suspend an
ongoing block erase operation in order to read from
or program data to any other block. Program
suspend allows system software to suspend an
ongoing program operation in order to read from
any other location.
Fast Boot Block flash memory devices offer two low
power savings features: Automatic Power Savings
(APS) and standby mode. The device automatically
enters APS mode following the completion of a read
cycle. Standby mode is initiated when the system
deselects the device by driving CE# inactive or
RST# active. RST# also resets the device to read
array, provides write protection, and clears the
status register. Combined, these two features
significantly reduce power consumption.


Similar Part No. - DT28F160F3B120

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
DT28F160S3-100 INTEL-DT28F160S3-100 Datasheet
1Mb / 52P
   WORD-WIDE FlashFile MEMORY FAMILY
DT28F160S3-120 INTEL-DT28F160S3-120 Datasheet
1Mb / 52P
   WORD-WIDE FlashFile MEMORY FAMILY
DT28F160S3-130 INTEL-DT28F160S3-130 Datasheet
1Mb / 52P
   WORD-WIDE FlashFile MEMORY FAMILY
DT28F160S3-75 INTEL-DT28F160S3-75 Datasheet
1Mb / 52P
   WORD-WIDE FlashFile MEMORY FAMILY
DT28F160S570 INTEL-DT28F160S570 Datasheet
318Kb / 51P
   5 VOLT FlashFile??MEMORY
More results

Similar Description - DT28F160F3B120

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F008C3 INTEL-28F008C3 Datasheet
384Kb / 59P
   3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
28F002BV-B INTEL-28F002BV-B Datasheet
638Kb / 55P
   2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F200BV-TB INTEL-28F200BV-TB Datasheet
636Kb / 55P
   2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F320B3 INTEL-28F320B3 Datasheet
304Kb / 48P
   SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
28F200BX-TB INTEL-28F200BX-TB Datasheet
562Kb / 48P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
A28F200BX-T INTEL-A28F200BX-T Datasheet
459Kb / 33P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
28F400BX-TB INTEL-28F400BX-TB Datasheet
559Kb / 50P
   4-MBIT (256K X 16, 512K X 8) BOOT BLOCK FLASH MEMORY FAMILY
28F200B5 INTEL-28F200B5 Datasheet
501Kb / 38P
   SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT
A28F400BR-TB INTEL-A28F400BR-TB Datasheet
457Kb / 36P
   4-MBIT (256K X 16, 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F400BV-TB INTEL-28F400BV-TB Datasheet
706Kb / 57P
   4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com