Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA28F200BX-T60 Datasheet(PDF) 3 Page - Intel Corporation

Part # PA28F200BX-T60
Description  2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PA28F200BX-T60 Datasheet(HTML) 3 Page - Intel Corporation

  PA28F200BX-T60 Datasheet HTML 1Page - Intel Corporation PA28F200BX-T60 Datasheet HTML 2Page - Intel Corporation PA28F200BX-T60 Datasheet HTML 3Page - Intel Corporation PA28F200BX-T60 Datasheet HTML 4Page - Intel Corporation PA28F200BX-T60 Datasheet HTML 5Page - Intel Corporation PA28F200BX-T60 Datasheet HTML 6Page - Intel Corporation PA28F200BX-T60 Datasheet HTML 7Page - Intel Corporation PA28F200BX-T60 Datasheet HTML 8Page - Intel Corporation PA28F200BX-T60 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
28F200BX-TB 28F002BX-TB
10
PRODUCT FAMILY OVERVIEW
Throughout this datasheet the 28F200BX refers to
both the 28F200BX-T and 28F200BX-B devices and
28F002BX refers to both the 28F002BX-T and
28F002BX-B devices The 2-Mbit flash memory fam-
ily refers to both the 28F200BX and 28F002BX prod-
ucts This datasheet comprises the specifications for
four separate products in the 2-Mbit flash memory
family Section 1 provides an overview of the 2-Mbit
flash memory family including applications pinouts
and pin descriptions Sections 2 and 3 describe in
detail the specific memory organizations for the
28F200BX and 28F002BX products respectively
Section 4 combines a description of the family’s
principles of operations Finally Section 5 describes
the family’s operating specifications
PRODUCT FAMILY
x8x16 Products
x8-Only Products
28F200BX-T
28F002BX-T
28F200BX-B
28F002BX-B
11 Designing for Upgrade to
SmartVoltage Products
Today’s high volume boot block products are up-
gradable to Intel’s SmartVoltage boot block prod-
ucts that provide program and erase operation at 5V
or 12V VPP and read operation at 3V or 5V VCC
Intel’s SmartVoltage boot block products provide the
following enhancements to the boot block products
described in this data sheet
1 DU pin is replaced by WP
to provide a means
to lock and unlock the boot block with logic sig-
nals
2 5V ProgramErase operation uses proven pro-
gram and erase techniques with 5V g10% ap-
plied to VPP
3 Enhanced circuits optimize performance at 33V
VCC
Refer to the 2 4 or 8 Mbit SmartVoltage Boot Block
Flash Memory Data Sheets for complete specifica-
tions
When you design with 12V VPP boot block products
you should provide the capability in your board de-
sign to upgrade to SmartVoltage products
Follow these guidelines to ensure compatibility
1 Connect DU (WP
on SmartVoltage products) to
a control signal or to VCC or GND
2 If adding a switch on VPP for write protection
switch to GND for complete write protection
3 Allow for connecting 5V to VPP and disconnect
12V from the VPP line if desired
12 Main Features
The 28F200BX28F002BX boot block flash memory
family is a very high performance 2-Mbit (2097152
bit) memory family organized as either 128 KWords
(131072 words) of 16 bits each or 256 Kbytes
(262144 bytes) of 8 bits each
Five Separately Erasable Blocks
including a hard-
ware-lockable boot block
(16384 Bytes) two pa-
rameter blocks
(8192 Bytes each) and two main
blocks
(1 block of 98304 Bytes and 1 block of
131072 Bytes) are included on the 2-Mbit family An
erase operation erases one of the main blocks in
typically 24 seconds and the boot or parameter
blocks in typically 10 second Each block can be
independently erased and programmed 100000
times
The Boot Block
is located at either the top
(28F200BX-T
28F002BX-T)
or
the
bottom
(28F200BX-B 28F002BX-B) of the address map in
order to accommodate different microprocessor pro-
tocols for boot code location The hardware locka-
ble boot block
provides the most secure code stor-
age The boot block is intended to store the kernel
code required for booting-up a system When the
RP
pin is between 114V and 126V the boot block
is unlocked and program and erase operations can
be performed When the RP
pin is at or below 65V
the boot block is locked and program and erase op-
erations to the boot block are ignored
The 28F200BX products are available in the ROM
EPROM compatible pinout and housed in the 44-
Lead PSOP (Plastic Small Outline) package and the
56-Lead TSOP (Thin Small Outline 12mm thick)
package as shown in Figures 3 and 4
The
28F002BX products are available in the 40-Lead
TSOP (12mm thick) package as shown in Figure 5
The Command User Interface (CUI) serves as the
interface between the microprocessor or microcon-
troller and the internal operation of the 28F200BX
and 28F002BX flash memory products
Program and Erase Automation
allows program
and erase operations to be executed using a two-
write command sequence to the CUI The internal
Write State Machine (WSM) automatically executes
the algorithms and timings necessary for program
and erase operations including verifications there-
by unburdening the microprocessor or microcontrol-
ler Writing of memory data is performed in word or
byte increments for the 28F200BX family and in byte
increments for the 28F002BX family typically within
9 ms which is a 100% improvement over current
flash memory products
3


Similar Part No. - PA28F200BX-T60

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
PA28F200B5B60 INTEL-PA28F200B5B60 Datasheet
501Kb / 38P
   SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT
PA28F200B5B60 INTEL-PA28F200B5B60 Datasheet
344Kb / 44P
   5 VOLT BOOT BLOCK FLASH MEMORY
PA28F200B5B80 INTEL-PA28F200B5B80 Datasheet
501Kb / 38P
   SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT
PA28F200B5B80 INTEL-PA28F200B5B80 Datasheet
344Kb / 44P
   5 VOLT BOOT BLOCK FLASH MEMORY
PA28F200B5T60 INTEL-PA28F200B5T60 Datasheet
501Kb / 38P
   SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT
More results

Similar Description - PA28F200BX-T60

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
A28F200BX-T INTEL-A28F200BX-T Datasheet
459Kb / 33P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
A28F200BR-TB INTEL-A28F200BR-TB Datasheet
440Kb / 36P
   2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F200BL-TB INTEL-28F200BL-TB Datasheet
496Kb / 42P
   2-MBIT (128K x 16, 256K x 8)LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY
28F400BX-TB INTEL-28F400BX-TB Datasheet
559Kb / 50P
   4-MBIT (256K X 16, 512K X 8) BOOT BLOCK FLASH MEMORY FAMILY
A28F400BR-TB INTEL-A28F400BR-TB Datasheet
457Kb / 36P
   4-MBIT (256K X 16, 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F400BV-TB INTEL-28F400BV-TB Datasheet
706Kb / 57P
   4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F002BC INTEL-28F002BC Datasheet
455Kb / 37P
   28F002BC 2-MBIT (256K X 8) BOOT BLOCK FLASH MEMORY
28F001BX-T INTEL-28F001BX-T Datasheet
436Kb / 33P
   1-MBIT (128K x 8) BOOT BLOCK FLASH MEMORY
28F400BL-TB INTEL-28F400BL-TB Datasheet
496Kb / 44P
   4-MBlT (256K x 16, 512K x 8) LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY
logo
Cypress Semiconductor
CY14E102L CYPRESS-CY14E102L Datasheet
634Kb / 21P
   2-Mbit (256K x 8/128K x 16) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com