Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E28F004BVT80 Datasheet(PDF) 5 Page - Intel Corporation

Part # E28F004BVT80
Description  4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E28F004BVT80 Datasheet(HTML) 5 Page - Intel Corporation

  E28F004BVT80 Datasheet HTML 1Page - Intel Corporation E28F004BVT80 Datasheet HTML 2Page - Intel Corporation E28F004BVT80 Datasheet HTML 3Page - Intel Corporation E28F004BVT80 Datasheet HTML 4Page - Intel Corporation E28F004BVT80 Datasheet HTML 5Page - Intel Corporation E28F004BVT80 Datasheet HTML 6Page - Intel Corporation E28F004BVT80 Datasheet HTML 7Page - Intel Corporation E28F004BVT80 Datasheet HTML 8Page - Intel Corporation E28F004BVT80 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 57 page
background image
E
4-MBIT SmartVoltage BOOT BLOCK FAMILY
5
PRELIMINARY
1.0
PRODUCT FAMILY OVERVIEW
This datasheet contains the specifications for the
two branches of products in the SmartVoltage
4-Mbit boot block flash memory family: the -BE/CE
suffix products feature a low VCC operating range
of 2.7V–3.6V; the -BV/CV suffix products offer
3.0V–3.6V operation. Both BE/CE and BV/CV
products also operate at 5V for high-speed access
times. Throughout this datasheet, the 28F400
refers
to
all
x8/x16
4-Mbit
products,
while
28F004B refers to all x8 4-Mbit boot block
products. Also, the term “2.7V” generally refers to
the full voltage range 2.7V–3.6V. Section 1
provides an overview of the flash memory family
including
applications,
pinouts
and
pin
descriptions. Sections 2 and 3 describe the
memory organization and operation for these
products. Finally, Sections 4 and 5 contain the
family’s operating specifications.
1.1
New Features in the
SmartVoltage Products
The SmartVoltage boot block flash memory family
offers identical operation with the BX/BL 12V
program products, except for the differences listed
below. All other functions are equivalent to current
products, including signatures, write commands,
and pinouts.
• WP# pin has replaced a DU (Don’t Use) pin.
Connect the WP# pin to control signal or to
VCC or GND (in this case, a logic-level signal
can be placed on DU pin). See Tables 2 and
9 to see how the WP# pin works.
• 5V program/erase operation has been added.
If switching VPP for write protection, switch to
GND (not 5V) for complete write protection. To
take advantage of 5V write-capability, allow for
connecting 5V to VPP and disconnecting 12V
from VPP line.
• Enhanced
circuits
optimize
low
VCC
performance,
allowing
operation
down
to
VCC = 2.7V (using the BE product).
If you are using BX/BL 12V VPP boot block
products today, you should account for the
differences
listed
above
and
also
allow
for
connecting 5V to VPP and disconnecting 12V from
VPP line, if 5V writes are desired.
1.2
Main Features
Intel’s
SmartVoltage
technology
is
the
most
flexible voltage solution in the flash industry,
providing two discrete voltage supply pins: VCC for
read operation, and VPP for program and erase
operation. Discrete supply pins allow system
designers to use the optimal voltage levels for
their
design.
The
28F400BV/CV,
28F004BV,
28F400CE and 28F004BE provide program/erase
capability at 5V or 12V. The 28F400BV/CV and
28F004BV allow reads with VCC at 3.3
± 0.3V or
5V, while the 28F400CE and 28F004BE allow
reads with VCC at 2.7V–3.6V or 5V. Since many
designs read from the flash memory a large
percentage of the time, read operation using the
2.7V or 3.3V ranges can provide great power
savings. If read performance is an issue, however,
5V VCC provides faster read access times.
Table 1. SmartVoltage Provides Total Voltage Flexibility
Product
Bus
VCC
VPP
Name
Width
2.7V–3.6V
3.3
± 0.3V
5V
± 5%
5V
± 10%
5V
± 10%
12V
± 5%
28F004BV-T/B
x8
√√√
28F400BV-T/B
x8 or x16
√√√
28F400CV-T/B
x8 or x16
√√√
28F004BE-T/B
x8
√√
28F400CE-T/B
x8 or x16
√√


Similar Part No. - E28F004BVT80

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
E28F004B5B60 INTEL-E28F004B5B60 Datasheet
501Kb / 38P
   SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT
E28F004B5B60 INTEL-E28F004B5B60 Datasheet
344Kb / 44P
   5 VOLT BOOT BLOCK FLASH MEMORY
E28F004B5B80 INTEL-E28F004B5B80 Datasheet
501Kb / 38P
   SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT
E28F004B5B80 INTEL-E28F004B5B80 Datasheet
344Kb / 44P
   5 VOLT BOOT BLOCK FLASH MEMORY
E28F004B5T60 INTEL-E28F004B5T60 Datasheet
501Kb / 38P
   SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT
More results

Similar Description - E28F004BVT80

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
A28F400BR-TB INTEL-A28F400BR-TB Datasheet
457Kb / 36P
   4-MBIT (256K X 16, 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F400BX-TB INTEL-28F400BX-TB Datasheet
559Kb / 50P
   4-MBIT (256K X 16, 512K X 8) BOOT BLOCK FLASH MEMORY FAMILY
A28F200BR-TB INTEL-A28F200BR-TB Datasheet
440Kb / 36P
   2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
logo
Winbond
W28V400B WINBOND-W28V400B Datasheet
1Mb / 48P
   4M(512K x 8/256K x 16) SMARTVOLTAGE FLASH MEMORY
logo
Intel Corporation
28F200BX-TB INTEL-28F200BX-TB Datasheet
562Kb / 48P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
A28F200BX-T INTEL-A28F200BX-T Datasheet
459Kb / 33P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
28F400BL-TB INTEL-28F400BL-TB Datasheet
496Kb / 44P
   4-MBlT (256K x 16, 512K x 8) LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY
28F200BL-TB INTEL-28F200BL-TB Datasheet
496Kb / 42P
   2-MBIT (128K x 16, 256K x 8)LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY
28F002BV-B INTEL-28F002BV-B Datasheet
638Kb / 55P
   2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
logo
Integrated Silicon Solu...
IS28F400BLV ISSI-IS28F400BLV Datasheet
1Mb / 43P
   262,144 x 16/524,288 x 8 SmartVoltage BOOT BLOCK FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com