Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5062 Datasheet(PDF) 11 Page - Analog Devices

Part # AD5062
Description  Fully Accurate 16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5062 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5062_15 Datasheet HTML 7Page - Analog Devices AD5062_15 Datasheet HTML 8Page - Analog Devices AD5062_15 Datasheet HTML 9Page - Analog Devices AD5062_15 Datasheet HTML 10Page - Analog Devices AD5062_15 Datasheet HTML 11Page - Analog Devices AD5062_15 Datasheet HTML 12Page - Analog Devices AD5062_15 Datasheet HTML 13Page - Analog Devices AD5062_15 Datasheet HTML 14Page - Analog Devices AD5062_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD5062
Rev. A | Page 11 of 20
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (
°C)
–0.010
–0.008
–0.006
–0.004
–0.002
0
0.002
0.004
0.006
0.008
0.010
GAIN ERROR @ VDD = 5.5V
GAIN ERROR @ VDD = 2.7V
VDD = 5.5V VREF = 4.096V
VDD = 2.7V VREF = 2.0V
Figure 22. Gain Error vs. Temperature
0.45
0.46
0.47
0.48
0.49
0.50
0.51
0.52
0
16
14
12
10
8
6
4
2
MORE
BIN
Figure 23. IDD Histogram @ VDD = 3 V
0.60
0.61
0.62
0.63
0.64
0.65
0
16
14
12
10
8
6
4
2
MORE
BIN
Figure 24. IDD Histogram @ VDD = 5 V
CH1 2V/DIV CH2 1V/DIV TIME BASE = 100
μs
VDD = 5V VREF = 4.096VDD
RAMP RATE = 200
μs
TA = 25°C
CH1 = VDD
CH2 = VOUT
Figure 25. Hardware Power-Down Glitch
CH1 2V/DIV CH2 2V/DIV CH3 20mV/DIV CH4 2V/DIV
TIME BASE 1
μs/DIV
CH3 = VOUT
CH4 = TRIGGER
CH2 = SYNC
CH1 = SCLK
VDD = 5V VREF = 4.096VDD
TA = 25°C
Figure 26. Exiting Software Power-Down Glitch
1.5
2.0
2.5
3.0
3.5
4.0
–1.2
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
1.2
4.5
REFERENCE VOLTAGE (V)
TA = 25°C
VDD = 5.5V
MIN INL @ VDD = 5.5V
MAX INL @ VDD = 5.5V
Figure 27. INL vs. VREF @ VDD = 5.5 V


Similar Part No. - AD5062_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD50621 AD-AD50621 Datasheet
617Kb / 24P
   Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
REV. A
AD5062BRJ-1 AD-AD5062BRJ-1 Datasheet
825Kb / 17P
   Full Accurate 16 Bit Vout nanoDac, 2.7V- 5.5V, in a Sot 23
Rev. PrB
AD5062BRJ-2 AD-AD5062BRJ-2 Datasheet
825Kb / 17P
   Full Accurate 16 Bit Vout nanoDac, 2.7V- 5.5V, in a Sot 23
Rev. PrB
AD5062BRJ-3 AD-AD5062BRJ-3 Datasheet
825Kb / 17P
   Full Accurate 16 Bit Vout nanoDac, 2.7V- 5.5V, in a Sot 23
Rev. PrB
More results

Similar Description - AD5062_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5060 AD-AD5060_15 Datasheet
461Kb / 24P
   Fully Accurate 14-/16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
AD5040 AD-AD5040_15 Datasheet
461Kb / 24P
   Fully Accurate 14-/16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
AD5060ARJZ-1500RL7 AD-AD5060ARJZ-1500RL7 Datasheet
461Kb / 24P
   Fully Accurate 14-/16-Bit VOUT nanoDAC??SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
AD5060BRJZ-1500RL7 AD-AD5060BRJZ-1500RL7 Datasheet
461Kb / 24P
   Fully Accurate 14-/16-Bit VOUT nanoDAC??SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
AD5061 AD-AD5061_15 Datasheet
451Kb / 20P
   16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. B
AD5063 AD-AD5063_09 Datasheet
350Kb / 20P
   Fully Accurate 16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V in an MSOP
REV. C
AD5063 AD-AD5063_15 Datasheet
350Kb / 20P
   Fully Accurate 16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V in an MSOP
REV. C
AD5066 AD-AD5066_15 Datasheet
617Kb / 24P
   Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
REV. A
AD5066BRUZ AD-AD5066BRUZ Datasheet
617Kb / 24P
   Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
REV. A
AD5064 AD-AD5064_15 Datasheet
2Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com