Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

28F400BX-TB Datasheet(PDF) 3 Page - Intel Corporation

Part # 28F400BX-TB
Description  4-MBIT (256K X 16, 512K X 8) BOOT BLOCK FLASH MEMORY FAMILY
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F400BX-TB Datasheet(HTML) 3 Page - Intel Corporation

  28F400BX-TB Datasheet HTML 1Page - Intel Corporation 28F400BX-TB Datasheet HTML 2Page - Intel Corporation 28F400BX-TB Datasheet HTML 3Page - Intel Corporation 28F400BX-TB Datasheet HTML 4Page - Intel Corporation 28F400BX-TB Datasheet HTML 5Page - Intel Corporation 28F400BX-TB Datasheet HTML 6Page - Intel Corporation 28F400BX-TB Datasheet HTML 7Page - Intel Corporation 28F400BX-TB Datasheet HTML 8Page - Intel Corporation 28F400BX-TB Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
28F400BX-TB 28F004BX-TB
10
PRODUCT FAMILY OVERVIEW
Throughout this datasheet the 28F400BX refers to
both the 28F400BX-T and 28F400BX-B devices and
28F004BX refers to both the 28F004BX-T and
28F004BX-B devices The 4-Mbit flash memory fam-
ily refers to both the 28F400BX and 28F004BX prod-
ucts This datasheet comprises the specifications for
four separate products in the 4-Mbit flash memory
family Section 1 provides an overview of the 4-Mbit
flash memory family including applications pinouts
and pin descriptions Sections 2 and 3 describe in
detail the specific memory organizations for the
28F400BX and 28F004BX products respectively
Section 4 combines a description of the family’s
principles of operations Finally Section 5 describes
the family’s operating specifications
Product Family
X8X16 Products
X8-Only Products
28F400BX-T
28F004BX-T
28F400BX-B
28F004BX-B
11 Designing for Upgrade to
SmartVoltage Products
Today’s high volume boot block products are up-
gradable to Intel’s SmartVoltage boot block prod-
ucts that provide program and erase operation at 5V
or 12V VPP and read operation at 3V or 5V VCC
Intel’s SmartVoltage boot block products provide the
following enhancements to the boot block products
described in this data sheet
1 DU pin is replaced by WP
to provide a means
to lock and unlock the boot block with logic sig-
nals
2 5V ProgramErase operation uses proven pro-
gram and erase techniques with 5V g10% ap-
plied to VPP
3 Enhanced circuits optimize performance at 33V
VCC
Refer to the 2 4 or 8 Mbit SmartVoltage Boot Block
Flash Memory Data Sheets for complete specifica-
tions
When you design with 12V VPP boot block products
you should provide the capability in your board de-
sign to upgrade to SmartVoltage products
Follow these guidelines to ensure compatibility
1 Connect DU (WP
on SmartVoltage products) to
a control signal or to VCC or GND
2 If adding a switch on VPP for write protection
switch to GND for complete write protection
3 Allow for connecting 5V to VPP and disconnect
12V from the VPP line if desired
12 Main Features
The 28F400BX28F004BX boot block flash memory
family is a very high performance 4-Mbit (4194304
bit) memory family organized as either 256 KWords
(262144 words) of 16 bits each or 512 Kbytes
(524288 bytes) of 8 bits each
Seven Separately Erasable Blocks
including a
Hardware-Lockable boot block
(16384 Bytes)
Two parameter blocks
(8192 Bytes each) and
Four main blocks
(1 block of 98304 Bytes and 3
blocks of 131072 Bytes) are included on the 4-Mbit
family An erase operation erases one of the main
blocks in typically 24 seconds and the boot or pa-
rameter blocks in typically 10 seconds independent
of the remaining blocks Each block can be indepen-
dently erased and programmed 100000 times
The Boot Block
is located at either the top
(28F400BX-T
28F004BX-T)
or
the
bottom
(28F400BX-B 28F004BX-B) of the address map in
order to accommodate different microprocessor pro-
tocols for boot code location The hardware locka-
ble boot block
provides the most secure code stor-
age The boot block is intended to store the kernel
code required for booting-up a system When the
RP
pin is between 114V and 126V the boot block
is unlocked and program and erase operations can
be performed When the RP
pin is at or below 65V
the boot block is locked and program and erase op-
erations to the boot block are ignored
The 28F400BX products are available in the ROM
EPROM compatible pinout and housed in the
44-Lead PSOP (Plastic Small Outline) package and
the 56-Lead TSOP (Thin Small Outline 12mm thick)
package as shown in Figures 3 and 4
The
28F004BX products are available in the 40-Lead
TSOP (12mm thick) package as shown in Figure 5
The Command User Interface (CUI) serves as the
interface between the microprocessor or microcon-
troller and the internal operation of the 28F400BX
and 28F004BX flash memory products
3


Similar Part No. - 28F400BX-TB

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F400B3 INTEL-28F400B3 Datasheet
427Kb / 49P
   SMART 3 ADVANCED BOOT BLOCK WORD-WIDE
28F400B3 INTEL-28F400B3 Datasheet
304Kb / 48P
   SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
28F400b5 INTEL-28F400b5 Datasheet
501Kb / 38P
   SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT
28F400BL-TB INTEL-28F400BL-TB Datasheet
496Kb / 44P
   4-MBlT (256K x 16, 512K x 8) LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY
28F400BV-TB INTEL-28F400BV-TB Datasheet
706Kb / 57P
   4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
More results

Similar Description - 28F400BX-TB

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
A28F400BR-TB INTEL-A28F400BR-TB Datasheet
457Kb / 36P
   4-MBIT (256K X 16, 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F400BV-TB INTEL-28F400BV-TB Datasheet
706Kb / 57P
   4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F200BX-TB INTEL-28F200BX-TB Datasheet
562Kb / 48P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
A28F200BX-T INTEL-A28F200BX-T Datasheet
459Kb / 33P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
28F400BL-TB INTEL-28F400BL-TB Datasheet
496Kb / 44P
   4-MBlT (256K x 16, 512K x 8) LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY
A28F200BR-TB INTEL-A28F200BR-TB Datasheet
440Kb / 36P
   2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F200BL-TB INTEL-28F200BL-TB Datasheet
496Kb / 42P
   2-MBIT (128K x 16, 256K x 8)LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY
A28F400BX-T INTEL-A28F400BX-T Datasheet
461Kb / 34P
   4-MBIT 256K x16, 512K x8 BOOT BLOCK FLASH MEMORY FAMILY
logo
Hynix Semiconductor
HY29LV400 HYNIX-HY29LV400 Datasheet
549Kb / 40P
   4 Mbit (512K x 8/256K x 16) Low Voltage Flash Memory
logo
Intel Corporation
28F002BC INTEL-28F002BC Datasheet
455Kb / 37P
   28F002BC 2-MBIT (256K X 8) BOOT BLOCK FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com