Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P28F001BX-T90 Datasheet(PDF) 7 Page - Intel Corporation

Part # P28F001BX-T90
Description  1-MBIT (128K x 8) BOOT BLOCK FLASH MEMORY
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

P28F001BX-T90 Datasheet(HTML) 7 Page - Intel Corporation

Back Button P28F001BX-T90 Datasheet HTML 3Page - Intel Corporation P28F001BX-T90 Datasheet HTML 4Page - Intel Corporation P28F001BX-T90 Datasheet HTML 5Page - Intel Corporation P28F001BX-T90 Datasheet HTML 6Page - Intel Corporation P28F001BX-T90 Datasheet HTML 7Page - Intel Corporation P28F001BX-T90 Datasheet HTML 8Page - Intel Corporation P28F001BX-T90 Datasheet HTML 9Page - Intel Corporation P28F001BX-T90 Datasheet HTML 10Page - Intel Corporation P28F001BX-T90 Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
28F001BX-T28F001BX-B
BUS OPERATION
Flash memory reads erases and writes in-system
via the local CPU All bus cycles to or from the flash
memory conform to standard microprocessor bus
cycles
Read
The 28F001BX has three read modes The memory
can be read from any of its blocks and information
can be read from the Intelligent Identifier or the
Status Register VPP can be at either VPPL or VPPH
The first task is to write the appropriate read mode
command to the Command Register (array Intelli-
gent Identifier or Status Register) The 28F001BX
automatically resets to Read Array mode upon initial
device powerup or after exit from deep powerdown
The 28F001BX has four control pins two of which
must be logically active to obtain data at the outputs
Chip Enable (CE ) is the device selection control
and when active enables the selected memory de-
vice Output Enable (OE ) is the data inputoutput
(DQ0–DQ7) direction control and when active
drives data from the selected memory onto the IO
bus RP
and WE
must also be at VIH Figure 12
illustrates read bus cycle waveforms
Output Disable
With OE
at a logic-high level (VIH) the device out-
puts are disabled
Output pins (DQ0–DQ7) are
placed in a high-impedance state
Standby
CE
at a logic-high level (VIH) places the 28F001BX
in standby mode Standby operation disables much
of the 28F001BX’s circuitry and substantially reduc-
es device power consumption The outputs (DQ0
DQ7) are placed in a high-impedance state indepen-
dent of the status of OE
If the 28F001BX is dese-
lected during erase or program the device will
continue functioning and consuming normal active
power until the operation is completed
Deep Power-Down
The 28F001BX offers a 025 mWVCC power-down
feature entered when RP
is at VIL During read
modes RP
low deselects the memory places out-
put drivers in a high-impedance state and turns off
all internal circuits The 28F001BX requires time
tPHQV (see AC Characteristics-Read Only Opera-
tions) after return from power-down until initial mem-
ory access outputs are valid After this wakeup inter-
val normal operation is restored The Command
Register is reset to Read Array and the Status Reg-
ister is cleared to value 80H upon return to normal
operation
During erase or program modes RP
low will abort
either operation Memory contents of the block be-
ing altered are no longer valid as the data will be
partially programmed or erased Time tPHWL after
RP
goes to logic-high (VIH) is required before an-
other command can be written
Table 2 28F001BX Bus Operations
Mode
Notes
RP
CE
OE
WE
A9
A0
VPP
DQ0–7
Read
1 2 3
VIH
VIL
VIL
VIH
XX
X
DOUT
Output Disable
2
VIH
VIL
VIH
VIH
X
X
X
High Z
Standby
2
VIH
VIH
X
X
X
X
X
High Z
Deep Power Down
2
VIL
X
X
X
X
X
X
High Z
Intelligent Identifier (Mfr)
2 3 4
VIH
VIL
VIL
VIH
VID
VIL
X
89H
Intelligent Identifier (Device)
2 3 4 5
VIH
VIL
VIL
VIH
VID
VIH
X
94H 95H
Write
2 6 7 8
VIH
VIL
VIH
VIL
XX
X
DIN
NOTES
1 Refer to DC Characteristics When VPP e VPPL memory contents can be read but not programmed or erased
2 X can be VIL or VIH for control pins and addresses and VPPL or VPPH for VPP
3 See DC Characteristics for VPPL VPPH VHH and VID voltages
4 Manufacturer and device codes may also be accessed via a Command Register write sequence Refer to Table 3 A1–A8
A10–A16 e VIL
5 Device ID e 94H for the 28F001BX-T and 95H for the 28F001BX-B
6 Command writes involving block erase or byte program are successfully executed only when VPP e VPPH
7 Refer to Table 3 for valid DIN during a write operation
8 Program or erase the boot block by holding RP
at VHH or toggling OE
to VHH See AC Waveforms for programerase
operations
7


Similar Part No. - P28F001BX-T90

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
P28F002BC-T120 INTEL-P28F002BC-T120 Datasheet
455Kb / 37P
   28F002BC 2-MBIT (256K X 8) BOOT BLOCK FLASH MEMORY
P28F002BC-T80 INTEL-P28F002BC-T80 Datasheet
455Kb / 37P
   28F002BC 2-MBIT (256K X 8) BOOT BLOCK FLASH MEMORY
More results

Similar Description - P28F001BX-T90

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
A28F200BX-T INTEL-A28F200BX-T Datasheet
459Kb / 33P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
28F200BX-TB INTEL-28F200BX-TB Datasheet
562Kb / 48P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
A28F200BR-TB INTEL-A28F200BR-TB Datasheet
440Kb / 36P
   2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F200BL-TB INTEL-28F200BL-TB Datasheet
496Kb / 42P
   2-MBIT (128K x 16, 256K x 8)LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY
28F002BC INTEL-28F002BC Datasheet
455Kb / 37P
   28F002BC 2-MBIT (256K X 8) BOOT BLOCK FLASH MEMORY
logo
STMicroelectronics
M29W008ET STMICROELECTRONICS-M29W008ET Datasheet
282Kb / 43P
   8 Mbit (1Mb x 8, Boot Block) 3V Supply Flash Memory
logo
Intel Corporation
M28F008 INTEL-M28F008 Datasheet
401Kb / 28P
   8 MBIT (1 MBIT x 8) FLASH MEMORY
VE28F008 INTEL-VE28F008 Datasheet
381Kb / 26P
   8 MBIT (1 MBIT x 8) FLASH MEMORY
logo
Numonyx B.V
M29W800DT NUMONYX-M29W800DT Datasheet
1Mb / 52P
   8-Mbit (1 Mbit x 8 or 512 Kbits x 16, boot block) 3 V supply flash memory
logo
Sharp Corporation
LH28F008SAHR SHARP-LH28F008SAHR Datasheet
1Mb / 29P
   8 MBIT(1 MBIT x 8)FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com