Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD1991 Datasheet(PDF) 9 Page - Analog Devices

Part # AD1991
Description  Class D/1-Bit Audio Power Output Stage
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1991 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD1991_15 Datasheet HTML 4Page - Analog Devices AD1991_15 Datasheet HTML 5Page - Analog Devices AD1991_15 Datasheet HTML 6Page - Analog Devices AD1991_15 Datasheet HTML 7Page - Analog Devices AD1991_15 Datasheet HTML 8Page - Analog Devices AD1991_15 Datasheet HTML 9Page - Analog Devices AD1991_15 Datasheet HTML 10Page - Analog Devices AD1991_15 Datasheet HTML 11Page - Analog Devices AD1991_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
REV. 0
AD1991
–9–
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
PVDD PLANE
CAP
CAP
AGND PLANE
PGND
PLANE
Figure 5. Layout Using Surface-Mount Capacitors (4
× 10 nF or 2 × 22 nF Recommended)
1
6
5
4
3
2
13
12
11
10
9
8
7
16
15
14
26
25
24
23
22
21
20
19
18
17
39
38
37
36
35
34
33
32
40
41
42
43
44
45
46
47
48
49
50
51
52
27
28
29
30
31
PVDD PLANE
CAP
CAP
AGND PLANE
PGND
PLANE
Figure 6. Layout Using Through-Hole Capacitors (4
× 10 nF or 2 × 22 nF Recommended)


Similar Part No. - AD1991_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1991ASV AD-AD1991ASV Datasheet
194Kb / 11P
   Class D/1-Bit Audio Power Output Stage
REV. 0
AD1991ASVRL AD-AD1991ASVRL Datasheet
194Kb / 11P
   Class D/1-Bit Audio Power Output Stage
REV. 0
More results

Similar Description - AD1991_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1991 AD-AD1991 Datasheet
194Kb / 11P
   Class D/1-Bit Audio Power Output Stage
REV. 0
ADAU1513 AD-ADAU1513 Datasheet
472Kb / 16P
   Class-D Audio Power Stage
REV. 0
ADAU1513 AD-ADAU1513_15 Datasheet
1Mb / 16P
   Class-D Audio Power Stage
REV. 0
logo
Texas Instruments
TPA2025D1 TI1-TPA2025D1_14 Datasheet
1Mb / 29P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
TPA2080D1 TI1-TPA2080D1_16 Datasheet
1Mb / 29P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
TPA2015D1 TI1-TPA2015D1 Datasheet
1Mb / 33P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
TPA2013D1 TI1-TPA2013D1_16 Datasheet
1Mb / 40P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
logo
Princeton Technology Co...
PT2001 PTC-PT2001 Datasheet
250Kb / 4P
   2.2W횞2 Class-D Audio Power Amp. 2.2W횞2 Class-D Audio Power Amp. with Headphone Output
logo
List of Unclassifed Man...
LC551 ETC1-LC551 Datasheet
66Kb / 3P
   High Power Class B Output Stage
GS551 ETC1-GS551 Datasheet
96Kb / 4P
   High Power, Class B Output Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com