Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA28F200B5B60 Datasheet(PDF) 6 Page - Intel Corporation

Part # PA28F200B5B60
Description  SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PA28F200B5B60 Datasheet(HTML) 6 Page - Intel Corporation

Back Button PA28F200B5B60 Datasheet HTML 2Page - Intel Corporation PA28F200B5B60 Datasheet HTML 3Page - Intel Corporation PA28F200B5B60 Datasheet HTML 4Page - Intel Corporation PA28F200B5B60 Datasheet HTML 5Page - Intel Corporation PA28F200B5B60 Datasheet HTML 6Page - Intel Corporation PA28F200B5B60 Datasheet HTML 7Page - Intel Corporation PA28F200B5B60 Datasheet HTML 8Page - Intel Corporation PA28F200B5B60 Datasheet HTML 9Page - Intel Corporation PA28F200B5B60 Datasheet HTML 10Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
SMART 5 BOOT BLOCK MEMORY FAMILY
E
6
ADVANCE INFORMATION
SmartVoltage
technology
enables
fast
factory
programming and low-power designs. Specifically
designed for 5 V systems, Smart 5 components
support read operations at 5 V VCC and internally
configure to program/erase at 5 V or 12 V. The 12 V
VPP option renders the fastest program and erase
performance
which
will
increase
your
factory
throughput. With the 5 V VPP option, VCC and VPP
can be tied together for a simple 5 V design. In
addition, the dedicated VPP pin gives complete data
protection when VPP
≤ VPPLK.
The memory array is asymmetrically divided into
blocks
in
an
asymmetrical
architecture
to
accommodate microprocessors that boot from the
top (denoted by -T suffix) or the bottom (-B suffix)
of
the
memory
map.
The
blocks
include
a
hardware-lockable boot block (16,384 bytes), two
parameter blocks (8,192 bytes each) and main
blocks (one block of 98,304 bytes and additional
block(s) of 131,072 bytes). See Figures 4–7 for
memory maps. Each block can be independently
erased
and
programmed
100,000
times
at
commercial
temperature
or
10,000
times
at
extended temperature. Unlike erase operations,
which
erase
all
locations
within
a
block
simultaneously, each byte or word in the flash
memory can be programmed independently of other
memory locations.
The
hardware-lockable
boot
block
provides
complete code security for the kernel code required
for system initialization. Locking and unlocking of
the boot block is controlled by WP# and/or RP#
(see Section 3.3 for details).
The system processor interfaces to the flash device
through a Command User Interface (CUI), using
valid
command
sequences
to
initiate
device
automation. An internal Write State Machine (WSM)
automatically executes the algorithms and timings
necessary for program and erase operations. The
Status Register (SR) indicates the status of the
WSM and whether it successfully completed the
desired program or erase operation.
The Automatic
Power
Savings
(APS)
feature
substantially reduces active current when the
device is in static mode (addresses not switching).
In APS mode, the typical ICCR current is 1 mA.
When CE# and RP# pins
are at
VCC, the
component enters a CMOS standby mode. Driving
RP# to GND enables a deep power-down mode
which significantly reduces power consumption,
provides write protection, resets the device, and
clears the status register. A reset time (tPHQV) is
required from RP# switching high until outputs are
valid. Likewise, the device has a wake time (tPHEL)
from
RP#-high
until
writes
to
the
CUI
are
recognized. See Section 4.2.
The deep power-down mode can also be used as a
device reset, allowing the flash to be reset along
with the rest of the system. For example, when the
flash memory powers-up, it automatically defaults
to the read array mode, but during a warm system
reset, where power continues uninterrupted to the
system components, the flash memory
could
remain in a non-read mode, such as erase.
Consequently, the system Reset signal should be
tied to RP# to reset the memory to normal read
mode upon activation of the Reset signal. This also
provides protection against unwanted command
writes due to invalid system bus conditions during
system reset or power-up/down sequences.
These devices are configurable at power-up for
either byte-wide or word-wide input/output using the
BYTE# pin. Please see Table 2 for a detailed
description of BYTE# operations, especially the
usage of the DQ15/A–1 pin.
These Smart 5 memory products are available in
the 44-lead PSOP (Plastic Small Outline Package),
which is ROM/EPROM-compatible, and the 48-lead
TSOP (Thin Small Outline Package, 1.2 mm thick)
as shown in Figure 1, and 2, respectively.
2.0
PRODUCT DESCRIPTION
This
section describes
the pinout
and
block
architecture of the device family.
2.1
Pin Descriptions
The pin descriptions table details the usage of each
of the device pins.


Similar Part No. - PA28F200B5B60

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
PA28F200B5B60 INTEL-PA28F200B5B60 Datasheet
344Kb / 44P
   5 VOLT BOOT BLOCK FLASH MEMORY
More results

Similar Description - PA28F200B5B60

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F320B3 INTEL-28F320B3 Datasheet
304Kb / 48P
   SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
28F002BV-B INTEL-28F002BV-B Datasheet
638Kb / 55P
   2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F200BV-TB INTEL-28F200BV-TB Datasheet
636Kb / 55P
   2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F800F3 INTEL-28F800F3 Datasheet
277Kb / 47P
   FAST BOOT BLOCK FLASH MEMORY FAMILY 8 AND 16 MBIT
A28F200BX-T INTEL-A28F200BX-T Datasheet
459Kb / 33P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
28F200BX-TB INTEL-28F200BX-TB Datasheet
562Kb / 48P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
28F400BX-TB INTEL-28F400BX-TB Datasheet
559Kb / 50P
   4-MBIT (256K X 16, 512K X 8) BOOT BLOCK FLASH MEMORY FAMILY
A28F400BX-T INTEL-A28F400BX-T Datasheet
461Kb / 34P
   4-MBIT 256K x16, 512K x8 BOOT BLOCK FLASH MEMORY FAMILY
28F002BC INTEL-28F002BC Datasheet
455Kb / 37P
   28F002BC 2-MBIT (256K X 8) BOOT BLOCK FLASH MEMORY
A28F200BR-TB INTEL-A28F200BR-TB Datasheet
440Kb / 36P
   2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com