Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P28F010-120 Datasheet(PDF) 6 Page - Intel Corporation

Part # P28F010-120
Description  28F010 1024K (128K X 8) CMOS FLASH MEMORY
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

P28F010-120 Datasheet(HTML) 6 Page - Intel Corporation

Back Button P28F010-120 Datasheet HTML 2Page - Intel Corporation P28F010-120 Datasheet HTML 3Page - Intel Corporation P28F010-120 Datasheet HTML 4Page - Intel Corporation P28F010-120 Datasheet HTML 5Page - Intel Corporation P28F010-120 Datasheet HTML 6Page - Intel Corporation P28F010-120 Datasheet HTML 7Page - Intel Corporation P28F010-120 Datasheet HTML 8Page - Intel Corporation P28F010-120 Datasheet HTML 9Page - Intel Corporation P28F010-120 Datasheet HTML 10Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
28F010
E
6
290207-1
Figure 1. 28F010 Block Diagram
Table 1. Pin Description
Symbol
Type
Name and Function
A0–A16
INPUT
ADDRESS INPUTS for memory addresses. Addresses are internally
latched during a write cycle.
DQ0–DQ7
INPUT/OUTPUT
DATA INPUT/OUTPUT: Inputs data during memory write cycles; outputs
data during memory read cycles. The data pins are active high and float to
tri-state off when the chip is deselected or the outputs are disabled. Data is
internally latched during a write cycle
CE#
INPUT
CHIP ENABLE: Activates the device's control logic, input buffers, decoders
and sense amplifiers. CE# is active low; CE# high deselects the memory
device and reduces power consumption to standby levels.
OE#
INPUT
OUTPUT ENABLE: Gates the devices output through the data buffers
during a read cycle. OE# is active low.
WE#
INPUT
WRITE ENABLE: Controls writes to the control register and the array. Write
enable is active low. Addresses are latched on the falling edge and data is
latched on the rising edge of the WE# pulse.
Note: With VPP
≤ 6.5 V, memory contents cannot be altered.


Similar Part No. - P28F010-120

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
P28F010-120 INTEL-P28F010-120 Datasheet
405Kb / 30P
   1024K (128K x 8) CMOS FLASH MEMORY
More results

Similar Description - P28F010-120

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
A28F010 INTEL-A28F010 Datasheet
300Kb / 23P
   1024K (128K x 8) CMOS FLASH MEMORY
M28F010 INTEL-M28F010 Datasheet
317Kb / 22P
   1024K (128K x 8) CMOS FLASH MEMORY
28F010 INTEL-28F010 Datasheet
405Kb / 30P
   1024K (128K x 8) CMOS FLASH MEMORY
logo
Winbond
W29EE012 WINBOND-W29EE012 Datasheet
242Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W29EE011 WINBOND-W29EE011 Datasheet
183Kb / 20P
   128K X 8 CMOS FLASH MEMORY
W29C011A WINBOND-W29C011A Datasheet
153Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W39L010 WINBOND-W39L010 Datasheet
780Kb / 27P
   128K X 8 CMOS FLASH MEMORY
logo
Macronix International
MX29F001T MCNIX-MX29F001T Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
List of Unclassifed Man...
MX28F1000P ETC-MX28F1000P Datasheet
213Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
Macronix International
MX28F1000P MCNIX-MX28F1000P Datasheet
127Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com