Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E28F200BX-B60 Datasheet(PDF) 8 Page - Intel Corporation

Part # E28F200BX-B60
Description  2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E28F200BX-B60 Datasheet(HTML) 8 Page - Intel Corporation

Back Button E28F200BX-B60 Datasheet HTML 4Page - Intel Corporation E28F200BX-B60 Datasheet HTML 5Page - Intel Corporation E28F200BX-B60 Datasheet HTML 6Page - Intel Corporation E28F200BX-B60 Datasheet HTML 7Page - Intel Corporation E28F200BX-B60 Datasheet HTML 8Page - Intel Corporation E28F200BX-B60 Datasheet HTML 9Page - Intel Corporation E28F200BX-B60 Datasheet HTML 10Page - Intel Corporation E28F200BX-B60 Datasheet HTML 11Page - Intel Corporation E28F200BX-B60 Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
28F200BX-TB 28F002BX-TB
15 Pin Descriptions for the x8x16 28F200BX
Symbol
Type
Name and Function
A0–A16
I
ADDRESS INPUTS
for memory addresses Addresses are internally latched
during a write cycle
A9
I
ADDRESS INPUT
When A9 is at 12V the signature mode is accessed During this
mode A0 decodes between the manufacturer and device ID’s When BYTE
is at
a logic low only the lower byte of the signatures are read DQ15 Ab1 is a don’t
care in the signature mode when BYTE
is low
DQ0–DQ7
IO
DATA INPUTSOUTPUTS
Inputs array data on the second CE
and WE
cycle
during a program command Inputs commands to the Command User Interface
when CE
and WE
are active Data is internally latched during the write and
program cycles Outputs array Intelligent Identifier and Status Register data The
data pins float to tri-state when the chip is deselected or the outputs are disabled
DQ8–DQ15
IO
DATA INPUTSOUTPUTS
Inputs array data on the second CE
and WE
cycle
during a program command Data is internally latched during the write and program
cycles Outputs array data The data pins float to tri-state when the chip is
deselected or the outputs are disabled as in the byte-wide mode (BYTE
e
‘‘0’’)
In the byte-wide mode DQ15 Ab1 becomes the lowest order address for data
output on DQ0–DQ7
CE
I
CHIP ENABLE
Activates the device’s control logic input buffers decoders and
sense amplifiers CE
is active low CE
high deselects the memory device and
reduces power consumption to standby levels If CE
and RP
are high but not
at a CMOS high level the standby current will increase due to current flow through
the CE
and RP
input stages
RP
I
RESETDEEP POWER-DOWN
Provides three-state control Puts the device in
deep power-down mode Locks the boot block from programerase
When RP
is at logic high level and equals 65V maximum the boot block is
locked and cannot be programmed or erased
When RP
e
114V minimum the boot block is unlocked and can be programmed
or erased
When RP
is at a logic low level the boot block is locked the deep power-down
mode is enabled and the WSM is reset preventing any blocks from being
programmed or erased therefore providing data protection during power
transitions When RP
transitions from logic low to logic high the flash memory
enters the read array mode
OE
I
OUTPUT ENABLE
Gates the device’s outputs through the data buffers during a
read cycle OE
is active low
WE
I
WRITE ENABLE
Controls writes to the Command Register and array blocks
WE
is active low Addresses and data are latched on the rising edge of the WE
pulse
BYTE
I
BYTE
ENABLE
Controls whether the device operates in the byte-wide mode
(x8) or the word-wide mode (x16) BYTE
pin must be controlled at CMOS levels
to meet 100 mA CMOS current in the standby mode BYTE
e
‘‘0’’ enables the
byte-wide mode where data is read and programmed on DQ0–DQ7 and
DQ15 Ab1 becomes the lowest order address that decodes between the upper
and lower byte DQ8–DQ14 are tri-stated during the byte-wide mode
BYTE
e
‘‘1’’ enables the word-wide mode where data is read and programmed
on DQ0–DQ15
VPP
PROGRAMERASE POWER SUPPLY
For erasing memory array blocks or
programming data in each block
Note
VPP k VPPLMAX memory contents cannot be altered
VCC
DEVICE POWER SUPPLY (5V g10% 5V g 5%)
GND
GROUND
For all internal circuitry
NC
NO CONNECT
Pin may be driven or left floating
DU
DON’T USE PIN
Pin should not be connected to anything
8


Similar Part No. - E28F200BX-B60

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
E28F200B5B60 INTEL-E28F200B5B60 Datasheet
501Kb / 38P
   SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT
E28F200B5B60 INTEL-E28F200B5B60 Datasheet
344Kb / 44P
   5 VOLT BOOT BLOCK FLASH MEMORY
E28F200B5B80 INTEL-E28F200B5B80 Datasheet
501Kb / 38P
   SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT
E28F200B5B80 INTEL-E28F200B5B80 Datasheet
344Kb / 44P
   5 VOLT BOOT BLOCK FLASH MEMORY
E28F200B5T60 INTEL-E28F200B5T60 Datasheet
501Kb / 38P
   SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT
More results

Similar Description - E28F200BX-B60

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
A28F200BX-T INTEL-A28F200BX-T Datasheet
459Kb / 33P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
A28F200BR-TB INTEL-A28F200BR-TB Datasheet
440Kb / 36P
   2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F200BL-TB INTEL-28F200BL-TB Datasheet
496Kb / 42P
   2-MBIT (128K x 16, 256K x 8)LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY
28F400BX-TB INTEL-28F400BX-TB Datasheet
559Kb / 50P
   4-MBIT (256K X 16, 512K X 8) BOOT BLOCK FLASH MEMORY FAMILY
A28F400BR-TB INTEL-A28F400BR-TB Datasheet
457Kb / 36P
   4-MBIT (256K X 16, 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F400BV-TB INTEL-28F400BV-TB Datasheet
706Kb / 57P
   4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F002BC INTEL-28F002BC Datasheet
455Kb / 37P
   28F002BC 2-MBIT (256K X 8) BOOT BLOCK FLASH MEMORY
28F001BX-T INTEL-28F001BX-T Datasheet
436Kb / 33P
   1-MBIT (128K x 8) BOOT BLOCK FLASH MEMORY
28F400BL-TB INTEL-28F400BL-TB Datasheet
496Kb / 44P
   4-MBlT (256K x 16, 512K x 8) LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY
logo
Cypress Semiconductor
CY14E102L CYPRESS-CY14E102L Datasheet
634Kb / 21P
   2-Mbit (256K x 8/128K x 16) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com