Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E28F200BL-B150 Datasheet(PDF) 3 Page - Intel Corporation

Part # E28F200BL-B150
Description  2-MBIT (128K x 16, 256K x 8)LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E28F200BL-B150 Datasheet(HTML) 3 Page - Intel Corporation

  E28F200BL-B150 Datasheet HTML 1Page - Intel Corporation E28F200BL-B150 Datasheet HTML 2Page - Intel Corporation E28F200BL-B150 Datasheet HTML 3Page - Intel Corporation E28F200BL-B150 Datasheet HTML 4Page - Intel Corporation E28F200BL-B150 Datasheet HTML 5Page - Intel Corporation E28F200BL-B150 Datasheet HTML 6Page - Intel Corporation E28F200BL-B150 Datasheet HTML 7Page - Intel Corporation E28F200BL-B150 Datasheet HTML 8Page - Intel Corporation E28F200BL-B150 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
28F200BL-TB 28F002BL-TB
10
PRODUCT FAMILY OVERVIEW
Throughout this datasheet 28F200BL refers to both
the 28F200BL-T and 28F200BL-B devices and
28F002BL refers to both the 28F002BL-T and
28F002BL-B devices The 2-Mbit flash family refers
to both the 28F200BL and 28F002BL products This
datasheet comprises the specifications for four sep-
arate products in the 2-Mbit flash memory family
Section 1 provides an overview of the 2-Mbit flash
memory family including applications pinouts and
pin descriptions Sections 2 and 3 describe in detail
the specific memory organizations for the 28F200BL
and 28F002BL products respectively
Section 4
combines a description of the family’s principles of
operations Finally section 5 describes the family’s
operating specifications
PRODUCT FAMILY
x8x16 Products
x8-Only Products
28F200BL-T
28F002BL-T
28F200BL-B
28F002BL-B
11 Designing for Upgrade to
SmartVoltage Products
Today’s high volume boot block products are up-
gradable to Intel’s SmartVoltage boot block prod-
ucts that provide program and erase operation at 5V
or 12V VPP and read operation at 3V or 5V VCC
Intel’s SmartVoltage boot block products provide the
following enhancements to the boot block products
described in this data sheet
1 DU pin is replaced by WP
to provide a means
to lock and unlock the boot block with logic sig-
nals
2 5V ProgramErase operation uses proven pro-
gram and erase techniques with 5V g10% ap-
plied to VPP
3 Enhanced circuits optimize performance at 33V
VCC
Refer to the 2 4 or 8 Mbit SmartVoltage Boot Block
Flash Memory Data Sheets for complete specifica-
tions
When you design with 12V VPP boot block products
you should provide the capability in your board de-
sign to upgrade to SmartVoltage products
Follow these guidelines to ensure compatibility
1 Connect DU (WP
on SmartVoltage products) to
a control signal or to VCC or GND
2 If adding a switch on VPP for write protection
switch to GND for complete write protection
3 Allow for connecting 5V to VPP and disconnect
12V from line VPP line if desired
12 Main Features
The 28F200BL28F002BL low power boot block
flash memory family is a very low power and very
high performance 2-Mbit (2097152 bit) memory
family organized as either 128 Kwords (131072
words) of 16 bits each or 256 Kbytes (262144
bytes) of 8 bits each
Five Separately Erasable Blocks
including a Hard-
ware-Lockable boot block
(16384 Bytes) two pa-
rameter blocks
(8192 Bytes each) and two main
blocks
(1 block of 98304 Bytes and 1 block of
131072 Bytes) are included on the 2-Mbit family An
erase operation erases one of the 5 blocks in typi-
cally 34 seconds and the boot or parameter blocks
in typically 20 seconds independent of the remain-
ing blocks Each block can be independently erased
and programmed 10000 times
The Boot Block
is located at either the top
(28F200BL-T
28F002BL-T)
or
the
bottom
(28F200BL-B 28F002BL-B) of the address map in
order to accommodate different microprocessor pro-
tocols for boot code location The hardware locka-
ble boot block
provides the most secure code stor-
age The boot block is intended to store the kernel
code required for booting-up a system When the
RP
pin is between 114V and 126V the boot block
is unlocked and program and erase operations can
be performed When the RP
pin is at or below 41V
the boot block is locked and program and erase op-
erations to the boot block are ignored
The 28F200BL products are available in the
ROMEPROM compatible pinout and housed in the
44-Lead PSOP (Plastic Small Outline) package and
the 56-Lead TSOP (Thin Small Outline 12 mm
thick) package as shown in Figures 3 and 4 The
28F002BL products are available in the 40-Lead
TSOP (12 mm thick) package as shown in Figure 5
The Command User Interface (CUI) serves as the
interface between the microprocessor or microcon-
troller and the internal operation of the 28F200BL
and 28F002BL flash memory products
3


Similar Part No. - E28F200BL-B150

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
E28F200B5B60 INTEL-E28F200B5B60 Datasheet
501Kb / 38P
   SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT
E28F200B5B60 INTEL-E28F200B5B60 Datasheet
344Kb / 44P
   5 VOLT BOOT BLOCK FLASH MEMORY
E28F200B5B80 INTEL-E28F200B5B80 Datasheet
501Kb / 38P
   SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT
E28F200B5B80 INTEL-E28F200B5B80 Datasheet
344Kb / 44P
   5 VOLT BOOT BLOCK FLASH MEMORY
E28F200B5T60 INTEL-E28F200B5T60 Datasheet
501Kb / 38P
   SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT
More results

Similar Description - E28F200BL-B150

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F200BX-TB INTEL-28F200BX-TB Datasheet
562Kb / 48P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
A28F200BX-T INTEL-A28F200BX-T Datasheet
459Kb / 33P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
A28F200BR-TB INTEL-A28F200BR-TB Datasheet
440Kb / 36P
   2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F400BX-TB INTEL-28F400BX-TB Datasheet
559Kb / 50P
   4-MBIT (256K X 16, 512K X 8) BOOT BLOCK FLASH MEMORY FAMILY
A28F400BR-TB INTEL-A28F400BR-TB Datasheet
457Kb / 36P
   4-MBIT (256K X 16, 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F400BV-TB INTEL-28F400BV-TB Datasheet
706Kb / 57P
   4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F002BC INTEL-28F002BC Datasheet
455Kb / 37P
   28F002BC 2-MBIT (256K X 8) BOOT BLOCK FLASH MEMORY
28F001BX-T INTEL-28F001BX-T Datasheet
436Kb / 33P
   1-MBIT (128K x 8) BOOT BLOCK FLASH MEMORY
28F400BL-TB INTEL-28F400BL-TB Datasheet
496Kb / 44P
   4-MBlT (256K x 16, 512K x 8) LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY
logo
Cypress Semiconductor
CY14E102L CYPRESS-CY14E102L Datasheet
634Kb / 21P
   2-Mbit (256K x 8/128K x 16) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com